Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80960CF-40 Datasheet(PDF) 7 Page - Intel Corporation

Part # 80960CF-40
Description  80960CF-40, -33, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR EMBEDDED MICROPROCESSOR
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960CF-40 Datasheet(HTML) 7 Page - Intel Corporation

Back Button 80960CF-40 Datasheet HTML 3Page - Intel Corporation 80960CF-40 Datasheet HTML 4Page - Intel Corporation 80960CF-40 Datasheet HTML 5Page - Intel Corporation 80960CF-40 Datasheet HTML 6Page - Intel Corporation 80960CF-40 Datasheet HTML 7Page - Intel Corporation 80960CF-40 Datasheet HTML 8Page - Intel Corporation 80960CF-40 Datasheet HTML 9Page - Intel Corporation 80960CF-40 Datasheet HTML 10Page - Intel Corporation 80960CF-40 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 77 page
background image
A
80960CF-40, -33, -25, -16
PRELIMINARY
1
1.0
PURPOSE
This document provides electrical characteristics of
Intel’s i960® CF embedded microprocessor. For
functional descriptions consult the
i960® Cx Micro-
processor User’s Manual (270710). To obtain data
sheet updates and errata, contact Intel at any of the
following numbers.
2.0
80960CF OVERVIEW
Intel’s 80960CF is the second processor in the series
of
superscalar
i960
microprocessors that also
includes the 80960CA and the 80960HA/HD/HT.
Upgrading from the 80960CA to the 80960CF is
straightforward because the two processors are
socket- and object code-compatible.
As shown in Figure 1, the 80960CF’s instruction
cache is 4 Kbytes; data cache is 1 Kbyte (80960CA
instruction cache is 1 Kbyte; it does not have a data
cache.) This extra cache on the CF adds a signifi-
cant performance boost over the CA.
Intel’s World-Wide Web (WWW) Location:
http://www.intel.com/
Customer Support (US and Canada):
800-628-8686
FaxBACK Service:
US and Canada
800-628-2283
Europe
+44(0)793-496646
worldwide
916-356-3105
Application Bulletin Board Service:
up to 14.4-Kbaud line, worldwide
916-356-3600
dedicated 2400-baud line, worldwide
916-356-7209
Europe
+44(0)793-496340


Similar Part No. - 80960CF-40

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80960CF-16 INTEL-80960CF-16 Datasheet
1Mb / 62P
   SPECIAL ENVIRONMENT 80960CF-30, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR PROCESSOR
80960CF-25 INTEL-80960CF-25 Datasheet
1Mb / 62P
   SPECIAL ENVIRONMENT 80960CF-30, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR PROCESSOR
80960CF-30 INTEL-80960CF-30 Datasheet
1Mb / 62P
   SPECIAL ENVIRONMENT 80960CF-30, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR PROCESSOR
More results

Similar Description - 80960CF-40

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
A80960CF33 INTEL-A80960CF33 Datasheet
1Mb / 70P
   80960CF-40, -33, -25 32-Bit High-Performance Superscalar Embedded Microprocessor
80960CF-30 INTEL-80960CF-30 Datasheet
1Mb / 62P
   SPECIAL ENVIRONMENT 80960CF-30, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR PROCESSOR
80960CA-33 INTEL-80960CA-33 Datasheet
977Kb / 68P
   80960CA-33, -25, -16 32-BIT HIGH-PERFORMANCE EMBEDDED PROCESSOR
80960CA-25 INTEL-80960CA-25 Datasheet
1Mb / 62P
   SPECIAL ENVIRONMENT 80960CA-25, -16 32-BIT HIGH-PERFORMANCE EMBEDDED PROCESSOR
80960JD INTEL-80960JD Datasheet
2Mb / 61P
   EMBEDDED 32-BIT MICROPROCESSOR
A80960KA INTEL-A80960KA Datasheet
2Mb / 41P
   EMBEDDED 32-BIT MICROPROCESSOR
80960JA INTEL-80960JA Datasheet
1Mb / 63P
   EMBEDDED 32-BIT MICROPROCESSOR
A80960JF-33 INTEL-A80960JF-33 Datasheet
1Mb / 78P
   EMBEDDED 32-BIT MICROPROCESSOR
80960KA INTEL-80960KA Datasheet
861Kb / 43P
   EMBEDDED 32-BIT MICROPROCESSOR
logo
STMicroelectronics
STLS2F01 STMICROELECTRONICS-STLS2F01 Datasheet
679Kb / 48P
   Loongson 2F: High performance 64-bit superscalar MIPS짰 microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com