Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLR-37VC Datasheet(PDF) 9 Page - Rohm

Part # SLR-37VC
Description  LED, reflecting, high brightness, 3.0 mm
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SLR-37VC Datasheet(HTML) 9 Page - Rohm

  SLR-37VC Datasheet HTML 1Page - Rohm SLR-37VC Datasheet HTML 2Page - Rohm SLR-37VC Datasheet HTML 3Page - Rohm SLR-37VC Datasheet HTML 4Page - Rohm SLR-37VC Datasheet HTML 5Page - Rohm SLR-37VC Datasheet HTML 6Page - Rohm SLR-37VC Datasheet HTML 7Page - Rohm SLR-37VC Datasheet HTML 8Page - Rohm SLR-37VC Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Mouser Electronics
Authorized Distributor
Click to View Pricing, Inventory, Delivery & Lifecycle Information:
ROHM Semiconductor:
SLR-37DC3F SLR-37DU3F SLR-37MC3F SLR-37MG3F SLR-37VR3F SLR-37YY3F


Similar Part No. - SLR-37VC

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-37VC ROHM-SLR-37VC Datasheet
306Kb / 8P
   LED, reflecting, high brightness, 3.0mm
More results

Similar Description - SLR-37VC

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-37 ROHM-SLR-37 Datasheet
306Kb / 8P
   LED, reflecting, high brightness, 3.0mm
SLR-322 ROHM-SLR-322 Datasheet
207Kb / 6P
   Reflecting small LEDs, directly mountable (3.1 mm * 2 mm)
SLR-325 ROHM-SLR-325 Datasheet
185Kb / 6P
   Reflecting small LEDs, directly mountable (3.2 mm)
logo
Vishay Siliconix
VLCS5830 VISHAY-VLCS5830 Datasheet
554Kb / 5P
   High Brightness LED, 5 mm Untinted Non-Diffused Package
Rev. 1.3, 24-Apr-13
VLCS5230 VISHAY-VLCS5230 Datasheet
552Kb / 5P
   High Brightness LED, 5 mm Untinted Non-Diffused Package
Rev. 1.3, 24-Apr-13
VLCS5130 VISHAY-VLCS5130 Datasheet
555Kb / 5P
   High Brightness LED, 5 mm Untinted Non-Diffused Package
Rev. 1.3, 25-Apr-13
logo
AUK corp
SY3418-E AUK-SY3418-E Datasheet
151Kb / 4P
   High Brightness LED Lamp
logo
LUXPIA
LBH3030 LUXPIA-LBH3030 Datasheet
103Kb / 6P
   High Brightness LED Lamp
LWH3000 LUXPIA-LWH3000 Datasheet
228Kb / 7P
   High Brightness LED Lamp
LCH5020 LUXPIA-LCH5020 Datasheet
201Kb / 6P
   High Brightness LED Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com