Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS-2140BWG Datasheet(PDF) 5 Page - Optoway Technology Inc

Part # SPS-2140BWG
Description  10.3 Gb/s / 40 km / 1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-2140BWG Datasheet(HTML) 5 Page - Optoway Technology Inc

  SPS-2140BWG Datasheet HTML 1Page - Optoway Technology Inc SPS-2140BWG Datasheet HTML 2Page - Optoway Technology Inc SPS-2140BWG Datasheet HTML 3Page - Optoway Technology Inc SPS-2140BWG Datasheet HTML 4Page - Optoway Technology Inc SPS-2140BWG Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Optoway
SPS-2140WG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
2007/12/1 V2.0
5
REVISION HISTORY
Version
Subject
Release Date
1.0
Initial datasheet
2007/10/1
2.0
Add SPS-2140AWG for -40 to 85
oC
2007/12/1


Similar Part No. - SPS-2140BWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-2140BWG OPTOWAY-SPS-2140BWG Datasheet
188Kb / 5P
   10.3 Gb/s / 40 km / 1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2140BWG OPTOWAY-SPS-2140BWG Datasheet
188Kb / 5P
   10.3 Gb/s / 40 km / 1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-2140BWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-2140AWG OPTOWAY-SPS-2140AWG Datasheet
188Kb / 5P
   10.3 Gb/s / 40 km / 1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2140BWG OPTOWAY-SPS-2140BWG Datasheet
188Kb / 5P
   10.3 Gb/s / 40 km / 1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2120BWG OPTOWAY-SPS-2120BWG Datasheet
188Kb / 5P
   10.3 Gb/s / 20 km / 1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2120WG OPTOWAY-SPS-2120WG Datasheet
188Kb / 5P
   10.3 Gb/s / 20 km / 1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2170WG OPTOWAY-SPS-2170WG Datasheet
168Kb / 5P
   10.3 Gb/s / 70 km / 1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2120AWG OPTOWAY-SPS-2120AWG Datasheet
188Kb / 5P
   10.3 Gb/s / 20 km / 1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2340WG OPTOWAY-SPS-2340WG Datasheet
192Kb / 5P
   10.3 Gb/s / 40 km / 1550 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2340AWG OPTOWAY-SPS-2340AWG Datasheet
192Kb / 5P
   10.3 Gb/s / 40 km / 1550 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2340BWG OPTOWAY-SPS-2340BWG Datasheet
192Kb / 5P
   10.3 Gb/s / 40 km / 1550 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2120G OPTOWAY-SPS-2120G Datasheet
171Kb / 5P
   10.3 Gb/s / 20 km / 1310 nm SFP LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com