Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMK105CG151JVHF Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # UMK105CG151JVHF
Description  MLCC (Temperature compensating type) for Automotive
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

UMK105CG151JVHF Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  UMK105CG151JVHF Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc UMK105CG151JVHF Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Multi Layer Ceramic Capacitor -Electrical Characteristics Data- 13CDD01
RoHS compliance product
UMK105CG151JVHF
50V 1005 CG/C0G 150pF +/- 5% t=0.55mmMAX
50V 0402 CG/C0G 150pF +/- 5% t=0.022inchMAX
1000
10000
100000
UMK105CG151JVHF
Capacitance Freq.
0
5
10
UMK105CG151JVHF
DC Bias Char.
部品特性は設置環境、測定条件等により変化する場合があります。本データをご使用される際は実際の製品特性に対する参考
データとしてご活用ください。また、本データは予告無く追加・削除及び変更を行う場合があります。ご注文の際は、納入仕様書の
ご確認をお願いします。
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification
10
100
1000
0.1
1
10
100
1000 10000100000
Frequency[MHz]
-10
-5
0
0
102030
40
50
DC Bias Voltage[V]
0.001
0.01
0.1
1
10
100
1000
10000
100000
0.1
1
10
100
1000 10000100000
Frequency[MHz]
UMK105CG151JVHF
Impedance,ESR Freq.
ESR
Z
-10
-5
0
5
10
-55 -35 -15
5
25 45 65 85 105 125
Temperature[degreeC]
UMK105CG151JVHF
Capacitance Temp.


Similar Part No. - UMK105CG151JVHF

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
UMK105CG151JV-F TAIYO-YUDEN-UMK105CG151JV-F Datasheet
307Kb / 2P
   Standard Multilayer Ceramic Capacitors (Temperature compensating type)
UMK105CG151JV8F TAIYO-YUDEN-UMK105CG151JV8F Datasheet
401Kb / 3P
   MLCC (Temperature compensating type) for Telecommunications Infrastructure and Industrial Equipment / Medical Devices
More results

Similar Description - UMK105CG151JVHF

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
UMK063CG0R4CTHF TAIYO-YUDEN-UMK063CG0R4CTHF Datasheet
143Kb / 1P
   MLCC (Temperature compensating type) for Automotive
UMK063CG1R1CTHF TAIYO-YUDEN-UMK063CG1R1CTHF Datasheet
137Kb / 1P
   MLCC (Temperature compensating type) for Automotive
UMK063CG1R3CTHF TAIYO-YUDEN-UMK063CG1R3CTHF Datasheet
137Kb / 1P
   MLCC (Temperature compensating type) for Automotive
UMK063CG1R6CTHF TAIYO-YUDEN-UMK063CG1R6CTHF Datasheet
143Kb / 1P
   MLCC (Temperature compensating type) for Automotive
UMK063CG2R9CTHF TAIYO-YUDEN-UMK063CG2R9CTHF Datasheet
143Kb / 1P
   MLCC (Temperature compensating type) for Automotive
TMK063CG131JTHF TAIYO-YUDEN-TMK063CG131JTHF Datasheet
143Kb / 1P
   MLCC (Temperature compensating type) for Automotive
UMK063CG3R9CTHF TAIYO-YUDEN-UMK063CG3R9CTHF Datasheet
143Kb / 1P
   MLCC (Temperature compensating type) for Automotive
UMK063CG5R1DTHF TAIYO-YUDEN-UMK063CG5R1DTHF Datasheet
143Kb / 1P
   MLCC (Temperature compensating type) for Automotive
UMK063CG6R2DTHF TAIYO-YUDEN-UMK063CG6R2DTHF Datasheet
143Kb / 1P
   MLCC (Temperature compensating type) for Automotive
UMK063CG6R4DTHF TAIYO-YUDEN-UMK063CG6R4DTHF Datasheet
143Kb / 1P
   MLCC (Temperature compensating type) for Automotive
UMK063CG6R5DTHF TAIYO-YUDEN-UMK063CG6R5DTHF Datasheet
143Kb / 1P
   MLCC (Temperature compensating type) for Automotive
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com