Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS-2340MWG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPS-2340MWG
Description  40km / 1550 nm / 10G Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-2340MWG Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPS-2340MWG Datasheet HTML 1Page - Optoway Technology Inc SPS-2340MWG Datasheet HTML 2Page - Optoway Technology Inc SPS-2340MWG Datasheet HTML 3Page - Optoway Technology Inc SPS-2340MWG Datasheet HTML 4Page - Optoway Technology Inc SPS-2340MWG Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
SPS-2340MWG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
7/1/2011 V3.0
1
SPS-2340MWG / SPS-2340BMWG / SPS-2340AMWG
(RoHS Compliant)
40km / 1550 nm / 10G Multirate Digital Diagnostic SFP+ LC SINGLE-MODE TRANSCEIVER
***********************************************************************************************************************************************************************
FEATURES
Support 9.95 Gbps to 11.1Gbps
Complaint with SFP+ MSA
Compliant to IEEE 802.3ae 10GBASE-ER
Compliant with OC-192 IR-2 / SDH STM S-64.2b
SFF-8472 Digital Diagnostic Function
Temperature-stabilized 1550 nm EML Transmitter
Distance up to 40 km at SM Fiber
AC/AC Coupling according to MSA
Single +3.3 V Power Supply
Low Power consumption (max. 1.5W)
RoHS 6/6 Compliant
0 to 70
oC Operating: SPS-2340MWG
-5 to 85
oC Operating: SPS-2340BMWG
-40 to 85
oC Operating: SPS-2340AMWG
Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
SONET OC-192 IR-2
SDH STM S-64.2b
SONET OC-192 IR-3
SDH STM S-64.3b
ITU-T G.709
10GBASE-ER / EW
40 km 10G Fibre Channel
DESCRIPTION
The SPS-2340MWG series single mode transceiver is small
form factor pluggable module for bi-directional serial
optical data communications such as SONET OC-192 /
SDH STM-64, 10G Ethernet 10GBASE-ER/EW and 10G
Fibre Channel. It is with the SFP+ 20-pin connector to
allow hot plug capability. Digital diagnostic functions are
available via an I
2C. This module is designed for single
mode fiber and operates at a nominal wavelength of 1550
nm. The transmitter section uses a temperature-stabilized
1550 nm electrical-modulated laser (EML) and is a class 1
laser compliant according to International Safety Standard
IEC-60825. The receiver section uses an integrated InGaAs
detector preamplifier (IDP) mounted in an optical header
and a limiting post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
10G
Distance
(km)
Wavelength
(nm)
Package
Temp.
(
oC)
RoHS
Compliant
SPS-2340MWG
9.95 to 11.3
Multirate*
40
1550 EML
SFP+ with DMI
0 to 70
Yes
SPS-2340BMWG
9.95 to 11.3
Multirate*
40
1550 EML
SFP+ with DMI
-5 to 85
Yes
SPS-2340AMWG
9.95 to 11.3
Multirate*
40
1550 EML
SFP+ with DMI
-40 to 85
Yes
*: multirate for SONET OC-192 IR2, OC-192 IR-3, 10GBASE-ER/EW, 10G Fibre Channel, ITU-T G.709, 10GBASE-ER/EW + FEC
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Relative Humidity
RH
5
85
%
Non-condensing
0
70
SPS-2340MWG
-5
85
SPS-2340BMWG
Operating Case Temperature
Topr
-40
85
oC
SPS-2340AMWG
Power Supply Voltage
Vcc
-0.5
3.6
V
Receiver Input Optical Power
Mip
3
dBm
Average power


Similar Part No. - SPS-2340MWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-2340MWG OPTOWAY-SPS-2340MWG Datasheet
168Kb / 5P
   10.3 Gb/s / 70 km / 1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2340MWG OPTOWAY-SPS-2340MWG Datasheet
235Kb / 5P
   40km / 1550 nm / 10G Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2340MWG OPTOWAY-SPS-2340MWG Datasheet
235Kb / 5P
   40km / 1550 nm / 10G Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2340MWG OPTOWAY-SPS-2340MWG_15 Datasheet
235Kb / 5P
   10G Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-2340MWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-2340AMWG OPTOWAY-SPS-2340AMWG Datasheet
235Kb / 5P
   40km / 1550 nm / 10G Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2340BMWG OPTOWAY-SPS-2340BMWG Datasheet
235Kb / 5P
   40km / 1550 nm / 10G Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2341MW-DXXG OPTOWAY-SPS-2341MW-DXXG Datasheet
200Kb / 7P
   40km / DWDM / 10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2341MW-CXX0G OPTOWAY-SPS-2341MW-CXX0G Datasheet
208Kb / 7P
   10G Multirate / CWDM / 40km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2380AMWG OPTOWAY-SPS-2380AMWG Datasheet
192Kb / 5P
   80 km / 1550 nm / 10G Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2380BMWG OPTOWAY-SPS-2380BMWG Datasheet
192Kb / 5P
   80 km / 1550 nm / 10G Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2380MWG OPTOWAY-SPS-2380MWG Datasheet
192Kb / 5P
   80 km / 1550 nm / 10G Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-93120MWG OPTOWAY-SPS-93120MWG_08 Datasheet
150Kb / 5P
   3.3V / 1550 nm /Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2341MW-D21G OPTOWAY-SPS-2341MW-D21G_11 Datasheet
201Kb / 7P
   40km / 100GHz DWDM / 10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-9380MWG OPTOWAY-SPS-9380MWG_08 Datasheet
150Kb / 5P
   3.3V / 1550 nm /Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com