Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS-2340BWG Datasheet(PDF) 2 Page - Optoway Technology Inc

Part # SPS-2340BWG
Description  10.3 Gb/s / 40 km / 1550 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-2340BWG Datasheet(HTML) 2 Page - Optoway Technology Inc

  SPS-2340BWG Datasheet HTML 1Page - Optoway Technology Inc SPS-2340BWG Datasheet HTML 2Page - Optoway Technology Inc SPS-2340BWG Datasheet HTML 3Page - Optoway Technology Inc SPS-2340BWG Datasheet HTML 4Page - Optoway Technology Inc SPS-2340BWG Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Optoway
SPS-2340WG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
12/1/2010 V2.0
2
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.135
3.3
3.465
V
0
70
oC / SPS-2340WG
-5
85
oC / SPS-2340BWG
Operating Case Temperature
Topr
-40
85
oC / SPS-2340AWG
Relative Humidity
RH
5
85
%
Non-condensing
320
500
mA / SPS-2340WG
Power Supply Current
ICC (TX+RX)
320
650
mA / SPS-2340A(B)WG
Data Rate
10.3
10.5
Gb/s
Transmitter Optical Specifications (0
oC < Topr < 70oC, 3.13V < Vcc < 3.47V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Average Launch Power
Po, Avg
-4.7
+4.0
dBm
2
Optical Modulation Amplitude
Po, OMA
-1.7
Output Center Wavelength
λc
1530
1565
nm
Output Spectrum Width
σλ
1
nm
-20 dB width
Side Mode Suppression Ratio
SMSR
30
dB
Extinction Ratio
ER
3.0
Relative Intensity Noise
RIN
-128
dB/Hz
Transmitter and Dispersion
Penalty
TDP
3
dB
Average Launch Power of OFF
Transmitter
-30
dBm
2. Output power is power coupled into a 9/125
µm single-mode fiber.
Receiver Optical Specifications (0
oC < Topr < 70oC, 3.13V < Vcc < 3.47V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Sensitivity in Average Power
Sen1
-15.8
dBm
3
Receiver Sensitivity in OMA
Sen2
-14.1
dBm
Stressed Receiver Sensitivty in
OMA
-11.3
dBm
Receiver Overload
PMAX
-1
---
dBm
LOS -- Deasserted
LOSD
---
---
-16
dBm
Transition: low to high
LOS -- Asserted
LOSA
-28
---
---
dBm
Transition: high to low
Wavelength of Operation
λc
1530
1565
nm
3. BER < 10
-12 and PRBS 231-1 at 10.3125 Gb/s..
Electrical Characteristics
Parameter
Symbol
Min
Typ
Max
Units
Notes
High-Speed Signal (CML) Interface Specification
Input Data Rate
10.3
10.5
Gb/s
Differential Input Impedance
Rin
100
Ω
Differential Data Input Amplitude
120
820
mVpp
Internally AC coupled
Output Data Rate
10.3
10.5
Gb/s
Differential Output Impedance
Rout
100
Ω
Differential Data Output
Amplitude
340
850
mVpp
Internally AC coupled
Low-Speed Signal (LVTTL) Interface Specification
Input High Voltage
2.0
Vcc+0.3
V
Input Low Voltage
GND
0.8
V
Output High Voltage
2.4
Vcc
V
Output Low Voltage
GND
0.5
V


Similar Part No. - SPS-2340BWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-2340BWG OPTOWAY-SPS-2340BWG Datasheet
192Kb / 5P
   10.3 Gb/s / 40 km / 1550 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2340BWG OPTOWAY-SPS-2340BWG Datasheet
192Kb / 5P
   10.3 Gb/s / 40 km / 1550 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-2340BWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-2340AWG OPTOWAY-SPS-2340AWG Datasheet
192Kb / 5P
   10.3 Gb/s / 40 km / 1550 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2340BWG OPTOWAY-SPS-2340BWG Datasheet
192Kb / 5P
   10.3 Gb/s / 40 km / 1550 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-23100AWG OPTOWAY-SPS-23100AWG Datasheet
192Kb / 5P
   10.3 Gb/s / 100 km / 1550 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-23100BWG OPTOWAY-SPS-23100BWG Datasheet
192Kb / 5P
   10.3 Gb/s / 100 km / 1550 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2380BWG OPTOWAY-SPS-2380BWG Datasheet
192Kb / 5P
   10.3 Gb/s / 80 km / 1550 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2380AWG OPTOWAY-SPS-2380AWG Datasheet
192Kb / 5P
   10.3 Gb/s / 80 km / 1550 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2380WG OPTOWAY-SPS-2380WG Datasheet
192Kb / 5P
   10.3 Gb/s / 80 km / 1550 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-23100WG OPTOWAY-SPS-23100WG Datasheet
192Kb / 5P
   10.3 Gb/s / 100 km / 1550 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2140WG OPTOWAY-SPS-2140WG Datasheet
188Kb / 5P
   10.3 Gb/s / 40 km / 1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2140AWG OPTOWAY-SPS-2140AWG Datasheet
188Kb / 5P
   10.3 Gb/s / 40 km / 1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com