Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS-2380MWG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPS-2380MWG
Description  80 km / 1550 nm / 10G Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-2380MWG Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPS-2380MWG Datasheet HTML 1Page - Optoway Technology Inc SPS-2380MWG Datasheet HTML 2Page - Optoway Technology Inc SPS-2380MWG Datasheet HTML 3Page - Optoway Technology Inc SPS-2380MWG Datasheet HTML 4Page - Optoway Technology Inc SPS-2380MWG Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
SPS-2380MWG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
12/1/2010 V2.0
1
SPS-2380MWG / SPS-2380BMWG / SPS-2380AMWG
(RoHS Compliant)
80 km / 1550 nm / 10G Multirate Digital Diagnostic SFP+ LC SINGLE-MODE TRANSCEIVER
***********************************************************************************************************************************************************************
FEATURES
l Support 9.95 Gbps to 11.1Gbps
l Complaint with SFP+ MSA
l Compliant to IEEE 802.3ae 10GBASE-ZR/ZW
l Compliant with OC-192 LR-2
l SFF-8472 Digital Diagnostic Function
l Temperature-stabilized 1550 nm EML Transmitter
l Distance up to 80 km at SM Fiber
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l Low Power consumption
l RoHS 6/6 Compliant
l 0 to 70oC Operating: SPS-2380MWG
l -5 to 85oC Operating: SPS-2380BMWG
l -40 to 85oC Operating: SPS-2380AMWG
l Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
l 10Gb/s SONET/SDH ITU-T G.959.1 P1L1-2D2
l 10Gb/s SONET/SDH ITU-T G.709
l 10 Gb/s OC-192 / STM-64 LR2
l 10GBASE-ZR/ZW
l 80 km 10G Fibre Channel
l 10G Ethernet with FEC
DESCRIPTION
The SPS-2380MWG series single mode transceiver is small
form factor pluggable module for bi-directional serial
optical data communications such as IEEE 802.3ae
10GBASE-ZR/ZW and OC-192 LR-2. It is with the SFP+
20-pin connector to allow hot plug capability. Digital
diagnostic functions are available via an I
2C. This module is
designed for single mode fiber and operates at a nominal
wavelength of 1550 nm. The transmitter section uses a
temperature-stabilized 1550 nm electrical-modulated laser
(EML) and is a class 1 laser compliant according to
International Safety Standard IEC-60825. The receiver
section uses an integrated InGaAs avalanche photo detector
preamplifier mounted in an optical header and a limiting
post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
10GBASE
Distance
(km)
Wavelength
(nm)
Package
Temp.
(
oC)
RoHS
Compliant
SPS-2380MWG
9.95 to 11.1
Multirate*
80
1550 EML
SFP+ with DMI
0 to 70
Yes
SPS-2380BMWG
9.95 to 11.1
Multirate*
80
1550 EML
SFP+ with DMI
-5 to 85
Yes
SPS-2380AMWG
9.95 to 11.1
Multirate*
80
1550 EML
SFP+ with DMI
-40 to 85
Yes
*: multirate for SONET OC-192 LR2, 10GBASE-ER/EW, 10G Fibre Channel, ITU-T G.709, 10GBASE-ER/EW + FEC
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Relative Humidity
RH
5
85
%
Non-condensing
0
70
SPS-2380MWG
-5
85
SPS-2380BMWG
Operating Case Temperature
Topr
-40
85
oC
SPS-2380AMWG
Power Supply Voltage
Vcc
-0.5
3.6
V
Receiver Input Optical Power
Mip
-4
dBm
Average power


Similar Part No. - SPS-2380MWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-2380MWG OPTOWAY-SPS-2380MWG Datasheet
192Kb / 5P
   80 km / 1550 nm / 10G Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2380MWG OPTOWAY-SPS-2380MWG Datasheet
192Kb / 5P
   80 km / 1550 nm / 10G Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2380MWG OPTOWAY-SPS-2380MWG_15 Datasheet
192Kb / 5P
   10G Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-2380MWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-2380AMWG OPTOWAY-SPS-2380AMWG Datasheet
192Kb / 5P
   80 km / 1550 nm / 10G Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2380BMWG OPTOWAY-SPS-2380BMWG Datasheet
192Kb / 5P
   80 km / 1550 nm / 10G Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2340AMWG OPTOWAY-SPS-2340AMWG Datasheet
235Kb / 5P
   40km / 1550 nm / 10G Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2340BMWG OPTOWAY-SPS-2340BMWG Datasheet
235Kb / 5P
   40km / 1550 nm / 10G Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2340MWG OPTOWAY-SPS-2340MWG Datasheet
235Kb / 5P
   40km / 1550 nm / 10G Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-93120MWG OPTOWAY-SPS-93120MWG_08 Datasheet
150Kb / 5P
   3.3V / 1550 nm /Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380MWG OPTOWAY-SPS-9380MWG_08 Datasheet
150Kb / 5P
   3.3V / 1550 nm /Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-9340MWG OPTOWAY-SPS-9340MWG Datasheet
150Kb / 4P
   3.3V / 1550 nm / Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380MWG OPTOWAY-SPS-9380MWG Datasheet
151Kb / 4P
   3.3V / 1550 nm / Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-93100MWG OPTOWAY-SPS-93100MWG_08 Datasheet
150Kb / 5P
   3.3V / 1550 nm /Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com