Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRML-8100BG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # TRML-8100BG
Description  3.3V / 850 nm / 4.25 Gbps SFF LCMULTI-MODE TRANSCEIVER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

TRML-8100BG Datasheet(HTML) 1 Page - Optoway Technology Inc

  TRML-8100BG Datasheet HTML 1Page - Optoway Technology Inc TRML-8100BG Datasheet HTML 2Page - Optoway Technology Inc TRML-8100BG Datasheet HTML 3Page - Optoway Technology Inc TRML-8100BG Datasheet HTML 4Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Optoway
TRML-8100G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
4/1/2007 V1.0
1
TRML-8100G / TRML-8100BG
(RoHS Compliant)
3.3V / 850 nm / 4.25 Gbps SFF LC MULTI-MODE TRANSCEIVER
**********************************************************************************************************************************************************************
FEATURES
l Up to 4.25 Gb/s Bi-directional Data Link
l Duplex LC Multi-Mode Transceiver
l Compliant with Fibre Channel FC-PH-2 for
400-M5-SN-1 and 400-M6-SN-1
l Compliant with IEEE 802.3z 1000BASE-SX
l Link Distance at 4.25 Gbd
150 m links with 50/125
µm MMF Cables
70 m links with 62.5/125
µm MMF Cables
l Link Distance at 2.125 Gbd
300 m links with 50/125
µm MMF Cables
150 m links with 62.5/125
µm MMF Cables
l Link Distance at 1.063 Gbd
500 m links with 50/125
µm MMF Cables
300 m links with 62.5/125
µm MMF Cables
l Small Form Factor, RJ-45 size, 2X5 pin Package
l AC/AC Coupled Signal Input / Output
l LVTTL Transmitter Disable Input
l LVTTL Signal Detect Output
l Single +3.3 V Power Supply
l RoHS Compliant
l 0 to 70oC Operating: TRML-8100G
l -10 to 85oC Operating: TRML-8100BG
l Wave Solderable and Aqueous Washable
l Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
l Tri-Rate 4.25/2.125/1.063 Gb/s Fiber Channel
l 1.25 Gb/s 1000BASE-SX Ethernet
DESCRIPTION
The TRML-8100G series multi-mode transceivers is small
form factor, low power, high performance module for
bi-directional serial optical data communications such as
Fibre
Channel
4x/2x/1x
and
Gigabit
Ethernet
1000BASE-SX. This module is designed for multi-mode
fiber and operates at a nominal wavelength of 850 nm. The
transmitter section uses a multiple quantum well 850 nm
VCSEL
and is a class 1 laser compliant according to
International Safety Standard IEC-60825. The receiver
section uses an integrated GaAs detector preamplifier (IDP)
mounted in an optical header and a limiting post-amplifier
IC. A PECL logic interface simplifies interface to external
circuitry.
LASER SAFETY
This multi-mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
FC
Distance
(m)
Wavelength
(nm)
Package
Temp.
(
oC)
TX Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
TRML-8100G
4 / 2 / 1
400/200/100 150/300/500
850
2X5 LC
0 to 70
-2.5 to -9 -15/-17/-18
Yes
TRML-8100BG
4 / 2 / 1
400/200/100 150/300/500
850
2X5 LC
-10 to 85
-2.5to -9
-15/-17/-18
Yes
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Temperature
Topr
0
-10
70
85
oC
TRML-8100G
TRML-8100BG
Soldering Temperature
---
260
oC
10 seconds on leads only
Power Supply Voltage
Vcc
0
4.5
V
Input Voltage
---
GND
Vcc
V
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.13
3.3
3.47
V
Operating Temperature
Topr
0
-10
70
85
oC / TRML-8100G
oC / TRML-8100BG
Data Rate
1062
4250
Mb/s
Power Supply Current
Icc
180
240
mA


Similar Part No. - TRML-8100BG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRML-8100BG OPTOWAY-TRML-8100BG Datasheet
117Kb / 4P
   3.3V / 850 nm / 4.25 Gbps SFF LCMULTI-MODE TRANSCEIVER
More results

Similar Description - TRML-8100BG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRML-8100BG OPTOWAY-TRML-8100BG Datasheet
117Kb / 4P
   3.3V / 850 nm / 4.25 Gbps SFF LCMULTI-MODE TRANSCEIVER
TRML-8100BWG OPTOWAY-TRML-8100BWG Datasheet
123Kb / 4P
   3.3V / 850 nm / 4.25 Gbps Digital Diagnostic SFF LC MULTI-MODE TRANSCEIVER
TRML-8100WG OPTOWAY-TRML-8100WG Datasheet
123Kb / 4P
   3.3V / 850 nm / 4.25 Gbps Digital Diagnostic SFF LC MULTI-MODE TRANSCEIVER
TRSL-8120G OPTOWAY-TRSL-8120G Datasheet
129Kb / 4P
   3.3V / 1310 nm / 4.25 Gbps SFF LC SINGLE-MODE TRANSCEIVER
TRSL-8105G OPTOWAY-TRSL-8105G Datasheet
130Kb / 4P
   3.3V / 1310 nm / 4.25 Gbps SFF LC SINGLE-MODE TRANSCEIVER
TRSL-8340G OPTOWAY-TRSL-8340G Datasheet
129Kb / 4P
   3.3V / 1550 nm / 4.25 Gbps SFF LC SINGLE-MODE TRANSCEIVER
TRSL-8380G OPTOWAY-TRSL-8380G Datasheet
129Kb / 4P
   3.3V / 1550 nm / 4.25 Gbps SFF LC SINGLE-MODE TRANSCEIVER
TRSL-8110G OPTOWAY-TRSL-8110G Datasheet
130Kb / 4P
   3.3V / 1310 nm / 4.25 Gbps SFF LC SINGLE-MODE TRANSCEIVER
SPM-8100G OPTOWAY-SPM-8100G Datasheet
144Kb / 4P
   3.3V / 850 nm / 4.25 Gbps SFP LC Multi-Mode TRANSCEIVER
TRML-7100CG OPTOWAY-TRML-7100CG Datasheet
120Kb / 4P
   3.3V / 850 nm / 1.25 Gbps RoHS Compliant SFF LC MULTI-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com