Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRSL-5120AG Datasheet(PDF) 3 Page - Optoway Technology Inc

Part # TRSL-5120AG
Description  3.3V / 1310 nm / 622 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

TRSL-5120AG Datasheet(HTML) 3 Page - Optoway Technology Inc

  TRSL-5120AG Datasheet HTML 1Page - Optoway Technology Inc TRSL-5120AG Datasheet HTML 2Page - Optoway Technology Inc TRSL-5120AG Datasheet HTML 3Page - Optoway Technology Inc TRSL-5120AG Datasheet HTML 4Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Optoway
TRSL-5120G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
12/1/2005 V2.0
3
CONNECTION DIAGRAM
PIN
Symbol
Notes
1
VEEr
Directly connect this pin to the receiver ground plane
2
VCC r
+3.3V dc power for the receiver section
3
SD
Active high on this indicates a received optical signal.
4
RD
Receiver Dataout Bar. See recommended circuit schematic
5
RD+
Receiver Dataout. See recommended circuit schematic
6
VCC t
+3.3V dc power for the transmitter section
7
VEEt
Directly connect this plan to the transmitter ground plane
8
TDis
Transmitter Disable. Connect this pin to +3.3V TTL logic “1” to disable module
To enable module connect to TTL logic low “0”
9
TD+
Transmitter Data In. See recommended circuit schematic
10
TD-
Transmitter Data In Bar. See recommended circuit schematic
MS
MS
Mounting Studs. Connect to Chassis Ground
RECOMMENDED CIRCUIT SCHEMATIC
SFF2X5
TDis(LVTTL)
1uH
10uF
10nF
10uF
10nF
Vcc3.3V
1uH
10uF
10nF
1K
PHY DEVICE
TD-
TD+
RD+
RD-
SD
130R
82R
Vcc3.3V
130R
82R
Vcc3.3V
Vcc3.3V
LVPECL
Vcc3.3V
LVPECL
TO LVPECL STAGE
150ohm
150ohm
MICROSTRIP2
Z=5OR
MICROSTRIP1
Z=50R
MICROSTRIP4
Z=5OR
MICROSTRIP3
Z=50R
Note: 1. 1000ΩSD Output pull-down resistor required for TRSL-5120G / TRSL-5120AG (LVPECL SD Output)
2. No pull-down resistor required for TRSL-5120CG / TRSL-5120ACG (LVTTL SD Output)
3. Veer and Veet are not internally connected to each other.
4. 50 Ω line pattern and component placements on TD+/TD- and RD+/RD- lines shall be symmetrical for
better impedance matching.


Similar Part No. - TRSL-5120AG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRSL-5120AG OPTOWAY-TRSL-5120AG Datasheet
114Kb / 4P
   3.3V / 1310 nm / 622 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
More results

Similar Description - TRSL-5120AG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRSL-5120G OPTOWAY-TRSL-5120G Datasheet
114Kb / 4P
   3.3V / 1310 nm / 622 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-5120AWG OPTOWAY-TRSL-5120AWG Datasheet
150Kb / 5P
   3.3V / 1310 nm / 622 Mbps RoHS Compliant SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-5140WG OPTOWAY-TRSL-5140WG Datasheet
158Kb / 5P
   3.3V / 1310 nm / 622 Mbps RoHS Compliant SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRML-5101G OPTOWAY-TRML-5101G Datasheet
94Kb / 4P
   3.3V / 1310 nm / 622 Mbps RoHS Compliant SFF LC MULTI-MODE TRANSCEIVER
TRSL-5120WG OPTOWAY-TRSL-5120WG Datasheet
150Kb / 5P
   3.3V / 1310 nm / 622 Mbps RoHS Compliant SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRML-5101AG OPTOWAY-TRML-5101AG Datasheet
94Kb / 4P
   3.3V / 1310 nm / 622 Mbps RoHS Compliant SFF LC MULTI-MODE TRANSCEIVER
TRSL-5380G OPTOWAY-TRSL-5380G Datasheet
125Kb / 4P
   3.3V / 1550 nm / 622 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-3130G OPTOWAY-TRSL-3130G Datasheet
113Kb / 4P
   3.3V / 1310 nm / 155 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-3130AG OPTOWAY-TRSL-3130AG Datasheet
113Kb / 4P
   3.3V / 1310 nm / 155 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-3150AG OPTOWAY-TRSL-3150AG Datasheet
113Kb / 4P
   3.3V / 1310 nm / 155 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com