Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFE19-90 Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFE19-90
Description  MINIATURE HIGH POWER LATCHING RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFE19-90 Datasheet(HTML) 1 Page - Hongfa Technology

  HFE19-90 Datasheet HTML 1Page - Hongfa Technology HFE19-90 Datasheet HTML 2Page - Hongfa Technology HFE19-90 Datasheet HTML 3Page - Hongfa Technology HFE19-90 Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Fihn[]n l_mcmn_h]_
N_]b[hc][f _h^ol[h]_
Oin_mA 081 Usjc][f p[fo_A T[gjfcha ko[hncns `il ]ihn[]n l_mcmn[h]_ mb[ff hin f_mm nb[h
97j]m3 n[e_ nb_ [p_l[a_ p[fo_ `lig < ]ihnchiom g_[mol_g_hnm `il _[]b
m[gjf_5
F
78
=?
Fihn[]n [ll[ha_g_hn
KPOJID SHMDZ
LTP@7783 LTP6UT8=@;@ 3 LTP8;7783 PKTDT8?7783 LHFR RF 7?7777 FHSULILHG
9LIWXULV
978: S_p5 8577
Ficf jiq_l
Tchaf_ ]icf f[n]bchaA Djjlir5 85<X
Gio\f_ ]icfm f[n]bchaA Djjlir5 :57X
ab`5A FRF897797?=:@;
ab`\ ;77:>;7?
;98.2,2-
8D3 8E
Usj5A 75;<g g[r50[n ?7D1 081
DaThP9
@7D 9<7WDF
9<7WDF
@7D
99<77WD
^ @7D M[n]bcha l_f[s
^ F[llscha 9;77D j_[e ]oll_hn687gm [h^ ]ihn[]n qih/n
q_f^_^ 0Usj_A;;<1
^ F[llscha nb_ =777D mbiln ]cl]ocn ]oll_hn687gm qcnbion _rjfimcih
^ ;eW ^c_f_]nlc] mnl_hanb 0\_nq__h ]icf [h^ ]ihn[]n1
^ Hhpclihg_hn[f `lc_h^fs jli^o]n 0SiKT ]igjfc[hn1
^ Ponfch_ Gcg_hmcihmA 0:?57r :757r 8=5<1 gg
8r87<PQT
><?<4DEB8 ;<:; A@G8B =4D6;<?: B8=4H
Fihn[]n g[n_lc[f
6@?D46D 74D4
?SWLV3 Ub_ ^[n[ mbiqh [\ip_ [l_ chcnc[f p[fo_m5
Gc_f_]nlc]
mnl_hanb
Tbi]e l_mcmn[h]_
6;4B46D8B<CD<6C
Lhmof[ncih l_mcmn[h]_
E_nq__h ]icf . ]ihn[]nm
E_nq__h ij_h ]ihn[]nm
Fl__j[a_ ^cmn[h]_
Pj_l[n_ ncg_ 0[n higc5 pifn51
S_f_[m_ ncg_ 0[n higc5 pifn51
Ioh]ncih[f
G_mnlo]ncp_
Wc\l[ncih l_mcmn[h]_
Kogc^cns
Dg\c_hn n_gj_l[nol_
U_lgch[ncih
Vhcn q_cabn
Fihmnlo]ncih
8777N 0[n <77WGF1
;777WDF 8gch
8<77WDF 8gch
?gg
97gm g[r5
97gm g[r5
@?g6m9
@?7g6m9
87Kt ni <<Kt 85<gg GD
<- ni ?<- SK
4;7
ni >7
RF
Djjlir5 <7a
Gomn jlin_]n_^
6@<= 74D4
<
=
@
89
9;
;?
:5<
;59
=5:
?5;
8=5?
::5=
8=
9;
<;
@=
:?;
8<:=
<
=
@
89
9;
;?
:5<
;59
=5:
?5;
8=5?
::5=
?2?
89289
9>29>
;?2;?
8@928@9
>=?2>=?
Oigch[f
Wifn[a_
WGF
Ficf S_mcmn[h]_
r08 87-1
T_n 6 S_m_n
Wifn[a_
WGF
g[r5
Qofm_
Gol[ncih
gm
gch5
Oigch[f
Wifn[a_
WGF
Ficf S_mcmn[h]_
r08 87-1
[n 9:
Tchaf_ ]icf f[n]bcha
Gio\f_ ]icfm f[n]bcha
T_n 6 S_m_n
Wifn[a_
WGF
g[r5
Qofm_
Gol[ncih
gm
gch5
877
877
877
877
877
877
877
877
877
877
877
877
6@<=
N[r5 mqcn]bcha pifn[a_
N[r5 mqcn]bcha ]oll_hn
N[r5 mqcn]bcha jiq_l
Fihn[]n l[ncha 0S_m5 fi[^1
S_g[leAHf_]nlc][f _h^ol[h]_ g__n LHF=97<<4:8 n_mn l_kocl_g_hn3 ^i
nb_ ch^o]ncp_ fi[^ n_mn [`n_l nb_ l_mcmncp_ fi[^ n_mn5
Phfs mig_ nsjc][f l[ncham i` VF [l_ fcmn_^ [\ip_3 c` gil_ mj_]c[f
l[ncham l_kocl_^3 jf_[m_ ]ihn[]n om5
Ocf
8=86DB<64= 8?7EB4?68
=7D
997WDF
@7D
FPTxC
8
FPTxC
75;
:777
:777
VF
Ff[mm
Wifn[a_
0V]1
Ffim_
Pj_h ncg_
0m1
Qiq_l
I[]nil
Hf_]nlc][f _h^ol[h]_
0PQT1
87A97
Foll_hn
0L]1
87D
Uin[fA=777
;8<
0VF81
Uin[fA=777
FPTxC
8


Similar Part No. - HFE19-90

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFE19-90/12-D-T-2-1-R HONGFA-HFE19-90/12-D-T-2-1-R Datasheet
99Kb / 4P
   90A Latching relay
HFE19-90 HONGFA-HFE19-90_17 Datasheet
99Kb / 4P
   90A Latching relay
More results

Similar Description - HFE19-90

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFE20 HONGFA-HFE20 Datasheet
1Mb / 7P
   MINIATURE HIGH POWER LATCHING RELAY
HFE9 HONGFA-HFE9 Datasheet
63Kb / 3P
   MINIATURE HIGH POWER LATCHING RELAY
HFE21 HONGFA-HFE21 Datasheet
160Kb / 7P
   MINIATURE HIGH POWER LATCHING RELAY
HFE27 HONGFA-HFE27 Datasheet
62Kb / 3P
   MINIATURE HIGH POWER LATCHING RELAY
HFE39 HONGFA-HFE39 Datasheet
58Kb / 4P
   MINIATURE HIGH POWER LATCHING RELAY
HF166F HONGFA-HF166F Datasheet
59Kb / 3P
   MINIATURE HIGH POWER LATCHING RELAY
HFE10-L HONGFA-HFE10-L Datasheet
53Kb / 3P
   MINIATURE HIGH POWER LATCHING RELAY
HFE27 HONGFA-HFE27 Datasheet
63Kb / 3P
   MINIATURE HIGH POWER LATCHING RELAY
HFE39 HONGFA-HFE39 Datasheet
67Kb / 5P
   MINIATURE HIGH POWER LATCHING RELAY
JE10 HONGFA-JE10 Datasheet
68Kb / 3P
   MINIATURE HIGH POWER LATCHING RELAY
logo
EVER-WAY INDUSTRY COMPA...
WM831 EVER-WAY-WM831 Datasheet
195Kb / 3P
   MINIATURE HIGH POWER LATCHING RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com