Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82093AA Datasheet(PDF) 9 Page - Intel Corporation

Part # 82093AA
Description  I/O ADVANCED PROGRAMMABLE INTERRUPT CONTROLLER (IOAPIC)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82093AA Datasheet(HTML) 9 Page - Intel Corporation

Back Button 82093AA Datasheet HTML 5Page - Intel Corporation 82093AA Datasheet HTML 6Page - Intel Corporation 82093AA Datasheet HTML 7Page - Intel Corporation 82093AA Datasheet HTML 8Page - Intel Corporation 82093AA Datasheet HTML 9Page - Intel Corporation 82093AA Datasheet HTML 10Page - Intel Corporation 82093AA Datasheet HTML 11Page - Intel Corporation 82093AA Datasheet HTML 12Page - Intel Corporation 82093AA Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
82093AA (IOAPIC)
9
PRELIMINARY
3.1.
Memory Mapped Registers for Accessing IOAPIC Registers
3.1.1.
IOREGSEL—I/O REGISTER SELECT REGISTER
Memory Address:
FEC0 xy00h (xy=See APICBASE Register in the PIIX3)
Default Value:
00h
Attribute:
Read/Write
This register selects the IOAPIC Register to be read/written. The data is then read from or written to the selected
register through the IOWIN Register.
Bit
Description
31:8
Reserved.
7:0
APIC Register Address—R/W. Bits [7:0] specify the IOAPIC register to be read/written via the
IOWIN Register.
3.1.2.
IOWIN—I/O WINDOW REGISTER
Memory Address:
FEC0 xy10h (xy=See APICBASE Register in PIIX3)
Default Value:
00h
Attribute:
Read/Write
This register is used to write to and read from the register selected by the IOREGSEL Register.
Readability/writability is determined by the IOAPIC register that is currently selected.
Bit
Description
31:0
APIC Register Data—R/W. Memory references to this register are mapped to the APIC register
specified by the contents of the IOREGSEL Register.
3.2.
IOAPIC Registers
3.2.1.
IOAPICID—IOAPIC IDENTIFICATION REGISTER
Address Offset:
00h
Default Value:
00h
Attribute:
Read/Write
This register contains the 4-bit APIC ID. The ID serves as a physical name of the IOAPIC. All APIC devices
using the APIC bus should have a unique APIC ID. The APIC bus arbitration ID for the I/O unit is also writtten
during a write to the APICID Register (same data is loaded into both). This register must be programmed with
the correct ID value before using the IOAPIC for message transmission.
Bit
Description
31:28
Reserved.
27:24
IOAPIC Identification—R/W. This 4 bit field contains the IOAPIC identification.
23:0
Reserved.


Similar Part No. - 82093AA

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8209 FILTRAN-8209 Datasheet
182Kb / 1P
   T3/DS3/E3/STS-1 Input/Output Transformers
logo
3M Electronics
8209-6000 3M-8209-6000 Datasheet
501Kb / 4P
   3M D Sub Plug
8209-6000 3M-8209-6000 Datasheet
800Kb / 4P
   3M D Sub Plug Plug Connector
8209-6003 3M-8209-6003 Datasheet
501Kb / 4P
   3M D Sub Plug
8209-6003 3M-8209-6003 Datasheet
800Kb / 4P
   3M D Sub Plug Plug Connector
More results

Similar Description - 82093AA

ManufacturerPart #DatasheetDescription
logo
Digital Core Design
D8259 DCD-D8259 Datasheet
131Kb / 4P
   Programmable Interrupt Controller
logo
UMC Corporation
UM8259A UMC-UM8259A Datasheet
1Mb / 16P
   PROGRAMMABLE INTERRUPT CONTROLLER
logo
Altera Corporation
A8259 ALTERA-A8259 Datasheet
220Kb / 24P
   PROGRAMMABLE INTERRUPT CONTROLLER
logo
Toshiba Semiconductor
TMP82C59A TOSHIBA-TMP82C59A Datasheet
668Kb / 26P
   PROGRAMMABLE INTERRUPT CONTROLLER
logo
OKI electronic componet...
MSM82C59A-2RS OKI-MSM82C59A-2RS Datasheet
186Kb / 28P
   PROGRAMMABLE INTERRUPT CONTROLLER
logo
Intel Corporation
8259A INTEL-8259A Datasheet
325Kb / 24P
   PROGRAMMABLE INTERRUPT CONTROLLER
logo
Toshiba Semiconductor
TMP8259AP TOSHIBA-TMP8259AP Datasheet
142Kb / 9P
   PROGRAMMABLE INTERRUPT CONTROLLER
logo
Intersil Corporation
CDP1877 INTERSIL-CDP1877 Datasheet
45Kb / 10P
   Programmable Interrupt Controller (PIC)
March 1997
logo
List of Unclassifed Man...
USC68HC908 ETC1-USC68HC908 Datasheet
2Mb / 3P
   PROGRAMMABLE INTERRUPT CONTROLLER CMOS
logo
Pericom Semiconductor C...
PI4IOE5V9535 PERICOM-PI4IOE5V9535 Datasheet
572Kb / 16P
   SMBus I/O port with interrupt
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com