Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82093AA Datasheet(PDF) 5 Page - Intel Corporation

Part # 82093AA
Description  I/O ADVANCED PROGRAMMABLE INTERRUPT CONTROLLER (IOAPIC)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82093AA Datasheet(HTML) 5 Page - Intel Corporation

  82093AA Datasheet HTML 1Page - Intel Corporation 82093AA Datasheet HTML 2Page - Intel Corporation 82093AA Datasheet HTML 3Page - Intel Corporation 82093AA Datasheet HTML 4Page - Intel Corporation 82093AA Datasheet HTML 5Page - Intel Corporation 82093AA Datasheet HTML 6Page - Intel Corporation 82093AA Datasheet HTML 7Page - Intel Corporation 82093AA Datasheet HTML 8Page - Intel Corporation 82093AA Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
82093AA (IOAPIC)
5
PRELIMINARY
2.0.
SIGNAL DESCRIPTION
This section contains a detailed description of each signal. The signals are arranged in function groups
according to their interface.
Note that the “#” symbol at the end of a signal name indicates that the active, or asserted state occurs when the
signal is at a low voltage level. When “#” is not present after the signal name, the signal is asserted when at the
high voltage level.
The terms' assertion and negation are used extensively. This is done to avoid confusion when working with a
mixture of ‘active-low’ and ‘active-high’ signals. The term assert, or assertion indicates that a signal is active,
independent of whether that level is represented by a high or low voltage. The term negate, or negation indicates
that a signal is inactive.
The following notations are used to describe the signal and type:
I
Input pin
O
Output pin
ST
Schmitt Trigger Input pin
OD
Open Drain Output pin. This requires a pull-up to the VCC of the processor core
I/OD
Bi-directional Input withOpen Drain Output pin.
I/O
Bi-directional Input/Output pin
2.1.
System Bus Signals
Signal Name
Type
Description
D[7:0]
I/O
DATA: D[7:0] contain the data when writing to or reading from internal IOAPIC
registers. These signals are outputs when reading data from the IOAPIC and
they are inputs when writing data to the IOAPIC. These signals are tri-stated
during reset.
D/I#
I
DATA/INDEX#: This input selects whether the I/O Register Select
(IOREGSEL) Register or I/O Window (IOWIN) Register is accessed. All
internal IOAPIC registers are accessed with an indexing scheme. When the
D/I# pin is low, the IOREGSEL Register is accessed. When the D/I# pin is
high, the data becomes available from the register pointed to by the index
register. Typically, this signal is connected to SA4 on the ISA bus (i.e.,
IOREGSEL Register is at 00h and IOWIN Register is at 10h).
A[1:0]
I
ADDRESS: The IOAPIC is a 32 bit device with an 8 bit ISA interface. A[1:0]
steer the data byte to the correct 8 bit location within the 32 bit register.
Typically, these input signals are connected to SA[1:0] of the ISA bus.
RD#
I
READ STROBE: RD# causes the IOAPIC to respond by driving internal
register data onto the D[7:0] pins. Typically this pin is connected to the
MEMRD# signal on the ISA bus.
WR#
I
WRITE STROBE: When this signal transitions from low to high, the data
present on the IOAPIC’s D[7:0] signals are written to an internal register.
Typically, this signal is connected to the MEMWR# signal on the ISA bus.
CS#
I
CHIP SELECT: This active low input selects the IOAPIC as the target of the
current read or write transaction.


Similar Part No. - 82093AA

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8209 FILTRAN-8209 Datasheet
182Kb / 1P
   T3/DS3/E3/STS-1 Input/Output Transformers
logo
3M Electronics
8209-6000 3M-8209-6000 Datasheet
501Kb / 4P
   3M D Sub Plug
8209-6000 3M-8209-6000 Datasheet
800Kb / 4P
   3M D Sub Plug Plug Connector
8209-6003 3M-8209-6003 Datasheet
501Kb / 4P
   3M D Sub Plug
8209-6003 3M-8209-6003 Datasheet
800Kb / 4P
   3M D Sub Plug Plug Connector
More results

Similar Description - 82093AA

ManufacturerPart #DatasheetDescription
logo
Digital Core Design
D8259 DCD-D8259 Datasheet
131Kb / 4P
   Programmable Interrupt Controller
logo
UMC Corporation
UM8259A UMC-UM8259A Datasheet
1Mb / 16P
   PROGRAMMABLE INTERRUPT CONTROLLER
logo
Altera Corporation
A8259 ALTERA-A8259 Datasheet
220Kb / 24P
   PROGRAMMABLE INTERRUPT CONTROLLER
logo
Toshiba Semiconductor
TMP82C59A TOSHIBA-TMP82C59A Datasheet
668Kb / 26P
   PROGRAMMABLE INTERRUPT CONTROLLER
logo
OKI electronic componet...
MSM82C59A-2RS OKI-MSM82C59A-2RS Datasheet
186Kb / 28P
   PROGRAMMABLE INTERRUPT CONTROLLER
logo
Intel Corporation
8259A INTEL-8259A Datasheet
325Kb / 24P
   PROGRAMMABLE INTERRUPT CONTROLLER
logo
Toshiba Semiconductor
TMP8259AP TOSHIBA-TMP8259AP Datasheet
142Kb / 9P
   PROGRAMMABLE INTERRUPT CONTROLLER
logo
Intersil Corporation
CDP1877 INTERSIL-CDP1877 Datasheet
45Kb / 10P
   Programmable Interrupt Controller (PIC)
March 1997
logo
List of Unclassifed Man...
USC68HC908 ETC1-USC68HC908 Datasheet
2Mb / 3P
   PROGRAMMABLE INTERRUPT CONTROLLER CMOS
logo
Pericom Semiconductor C...
PI4IOE5V9535 PERICOM-PI4IOE5V9535 Datasheet
572Kb / 16P
   SMBus I/O port with interrupt
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com