Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S82091A Datasheet(PDF) 1 Page - Intel Corporation

Part # S82091A
Description  ADVANCED INTEGRATED PERIPHERAL (AIP)
Download  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S82091A Datasheet(HTML) 1 Page - Intel Corporation

  S82091A Datasheet HTML 1Page - Intel Corporation S82091A Datasheet HTML 2Page - Intel Corporation S82091A Datasheet HTML 3Page - Intel Corporation S82091A Datasheet HTML 4Page - Intel Corporation S82091A Datasheet HTML 5Page - Intel Corporation S82091A Datasheet HTML 6Page - Intel Corporation S82091A Datasheet HTML 7Page - Intel Corporation S82091A Datasheet HTML 8Page - Intel Corporation S82091A Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 204 page
background image
Other brands and names are the property of their respective owners
Information in this document is provided in connection with Intel products Intel assumes no liability whatsoever including infringement of any patent or
copyright for sale and use of Intel products except as provided in Intel’s Terms and Conditions of Sale for such products Intel retains the right to make
changes to these specifications at any time without notice Microcomputer Products may have minor variations to this specification known as errata
December 1995
COPYRIGHT
INTEL CORPORATION 1996
Order Number 290486-003
82091AA
ADVANCED INTEGRATED PERIPHERAL (AIP)
Y
Single-Chip PC Compatible IO Solution
for Notebook and Desktop Platforms
82078 Floppy Disk Controller Core
Two 16550 Compatible UARTs
One Multi-Function Parallel Port
IDE Interface
Integrated Back Power Protection
Integrated Game Port Chip Select
5V or 33V Supply Operation with 5V
Tolerant Drive Interface
Full Power Management Support
Supports Type F DMA Transfers for
Faster IO Performance
No Wait-State Host IO Interface
Programmable Interrupt Interfaces
Single CrystalOscillator Clock
(24 MHz)
Software Detectable Device ID
Comprehensive Powerup
Configuration
Y
The 82091AA is 100 Percent
Compatible with EISA ISA and AT
Y
Host Interface Features
8-Bit Zero Wait-State ISA Bus
Interface
DMA with Type F Transfers
Five Programmable ISA Interrupt
Lines
Internal Address Decoder
Y
Parallel Port Features
All IEEE Standard 1284 Protocols
Supported (Compatibility Nibble
Byte EPP and ECP)
Peak Bi-Directional Transfer Rate of
2 MBsec
Provides Interface for Low-Cost
Engineless Laser Printer
16-Byte FIFO for ECP
Interface Backpower Protection
Y
Floppy Disk Controller Features
100 Percent Software Compatible
with Industry Standard 82077SL and
82078
Integrated Analog Data Separator
250K 300K 500K and 1 MBitssec
Programmable Powerdown
Command
Auto Powerdown and Wakeup
Modes
Integrated Tape Drive Support
Perpendicular Recording Support for
4 MB Drives
Programmable Write Pre-
Compensation Delays
256 Track Direct Address Unlimited
Track Support
16-Byte FIFO
Supports 2 or 4 Drives
Y
16550 Compatible UART Features
Two Independent Serial Ports
Software Compatible with 8250 and
16450 UARTs
16-Byte FIFO per Serial Port
Two UART Clock Sources Supports
MIDI Baud Rate
Y
IDE Interface Features
Generates Chip Selects for IDE
Drives
Integrated Buffer Control Logic
Dual IDE Interface Support
Y
Power Management Features
Transparent to Operating Systems
and Applications Programs
Independent Power Control for Each
Integrated Device
Y
100-Pin QFP Package
(See Packaging Spec 240800)
The 82091AA Advanced Integrated Peripheral (AIP) is an integrated IO solution containing a floppy disk
controller 2 serial ports a multi-function parallel port an IDE interface and a game port on a single chip The
integration of these IO devices results in a minimization of form factor cost and power consumption The


Similar Part No. - S82091A

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S8209 SATCO-S8209 Datasheet
125Kb / 1P
   18 watt; Mini Spiral Compact Fluorescent; 4100K; 82 CRI; GU24 base; 120 volts
logo
Seiko Instruments Inc
S8209A SII-S8209A Datasheet
566Kb / 22P
   A protection circuit with series multi-cell 2 cells or more
S8209B SII-S8209B Datasheet
403Kb / 19P
   A protection circuit with series multi-cell 2 cells or more
More results

Similar Description - S82091A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB82C250 SIEMENS-SAB82C250 Datasheet
729Kb / 34P
   ADVANCED PERIPHERAL INTERFACE CONTROLLER
logo
List of Unclassifed Man...
VT82C586A ETC-VT82C586A Datasheet
215Kb / 43P
   PIC Integrated Peripheral Controller
logo
NXP Semiconductors
SAA9730 PHILIPS-SAA9730 Datasheet
30Kb / 2P
   INTEGRATED MULTIMEDIA & PERIPHERAL CONTROLLER
1998
logo
List of Unclassifed Man...
VT82C596B ETC-VT82C596B Datasheet
1Mb / 96P
   PCI INTEGRATED PERIPHERAL CONTROLLER
VT82C586B ETC-VT82C586B Datasheet
393Kb / 69P
   PCI INTEGRATED PERIPHERAL CONTROLLER
logo
Hotchip Technology Co.,...
HT4927U HOTCHIP-HT4927U Datasheet
1Mb / 6P
   Highly integrated, minimal peripheral components
logo
List of Unclassifed Man...
VT82C596A ETC-VT82C596A Datasheet
120Kb / 6P
   MOBILE PCI INTEGRATED PERIPHERAL CONTROLLER
logo
Hotchip Technology Co.,...
HT4928S HOTCHIP-HT4928S Datasheet
1,016Kb / 6P
   Highly integrated, minimal peripheral components
logo
Hamamatsu Corporation
C12703 HAMAMATSU-C12703_15 Datasheet
407Kb / 5P
   APD module integrated with peripheral circuits
logo
Hotchip Technology Co.,...
HT4932S HOTCHIP-HT4932S Datasheet
1Mb / 8P
   Highly integrated and minimal peripheral components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com