Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN7C31BH Datasheet(PDF) 3 Page - Intel Corporation

Part # TN7C31BH
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TN7C31BH Datasheet(HTML) 3 Page - Intel Corporation

  TN7C31BH Datasheet HTML 1Page - Intel Corporation TN7C31BH Datasheet HTML 2Page - Intel Corporation TN7C31BH Datasheet HTML 3Page - Intel Corporation TN7C31BH Datasheet HTML 4Page - Intel Corporation TN7C31BH Datasheet HTML 5Page - Intel Corporation TN7C31BH Datasheet HTML 6Page - Intel Corporation TN7C31BH Datasheet HTML 7Page - Intel Corporation TN7C31BH Datasheet HTML 8Page - Intel Corporation TN7C31BH Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AUTOMOTIVE 80C31BH80C51BH87C51
80C31BH80C51BH87C51
PRODUCT OPTIONS
Intel’s extended and automotive temperature range
products are designed to meet the needs of those
applications whose operating requirements exceed
commercial standards
With the extended temperature range option opera-
tional characteristics are guaranteed over the tem-
perature range of b40 Cto a85 C ambient For the
automotive temperature range option operational
characteristics are guaranteed over the temperature
range of b40 Cto a125 C ambient
The automotive and extended temperature versions
of the MCS 51 microcontroller product families are
available with or without burn-in options as listed in
Table 1
As shown in Figure 2 temperature burn-in and
package options are identified by a one- or two-letter
prefix to the part number
270419 – 2
Example
AN80C51 indicates an automotive temperature range version of the 80C51 in a PLCC package with 4 Kbyte ROM
program memory
Figure 2 MCS
51 Microcontroller Product Family Nomenclature
Table 1 Temperature Options
Temperature
Temperature
Operating
Burn-In
Classification
Designation
Temperature
Options
C Ambient
Extended
T
b
40 to a85
Standard
L
b
40 to a85
Extended
Automotive
A
b
40 toa125
Standard
B
b
40 toa125
Extended
3


Similar Part No. - TN7C31BH

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
TN7.5-2P40 FERROXCUBE-TN7.5-2P40 Datasheet
47Kb / 3P
   Iron powder toroids
TN7.5-2P50 FERROXCUBE-TN7.5-2P50 Datasheet
47Kb / 3P
   Iron powder toroids
TN7.5-2P65 FERROXCUBE-TN7.5-2P65 Datasheet
47Kb / 3P
   Iron powder toroids
TN7.5-2P80 FERROXCUBE-TN7.5-2P80 Datasheet
47Kb / 3P
   Iron powder toroids
TN7.5-2P90 FERROXCUBE-TN7.5-2P90 Datasheet
47Kb / 3P
   Iron powder toroids
More results

Similar Description - TN7C31BH

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51R INTEL-8XC51R Datasheet
294Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TD87C54 INTEL-TD87C54 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EN80C321SF88 INTEL-EN80C321SF88 Datasheet
1Mb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M80C51FB INTEL-M80C51FB Datasheet
184Kb / 12P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EE87C51FB1SF76 INTEL-EE87C51FB1SF76 Datasheet
256Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com