Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN405-10-02 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FN405-10-02
Description  PCB-mounting filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FN405-10-02 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FN405-10-02 Datasheet HTML 1Page - List of Unclassifed Manufacturers FN405-10-02 Datasheet HTML 2Page - List of Unclassifed Manufacturers FN405-10-02 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DATASHEET
PCB Filters FN 405
PCB-mounting filter
Rated currents from 0.5 to 10 A
Compact PCB-mountable design
Low profile
Technical specifications
Maximum continuous operating voltage
250 VAC, 50/60 Hz
Operating frequency
dc to 400 Hz
Rated currents
0.5 to 10 A @ 40 °C max.
High potential test voltage
P –> PE 2000 VAC for 2 sec
P –> N 760 VAC for 2 sec
Temperature range (operation and storage) -25 °C to +100 °C (25/100/21)
Design corresponding to
UL 1283, CSA 22.2 No. 8 1986, IEC/
Flammability corresponding to
UL 94 V-0
MTBF @ 40°C/230V (Mil-HB-217F)
1,600,000 hours
Approvals
The FN 405 PCB filter is a single-phase filter designed
for easy and fast PCB-mounting. Choosing the FN 405
product line brings you the rapid availability of a
standard filter associated with the necessary safety
acceptance. Standard PCB single-phase filters are a
practical solution helping you to pass EMI system
approval in a short time. A selection on amperage
ratings are designed to offer you the desired standard
product.
Features andbenefits
Good conducted attenuation performance, based
on chokes with high saturation resistance and
excellent thermal behavior
PCB through hole mounting
Low profile
Custom specific versions on request
Typical applications
Electrical and electronic equipment
Small to medium-sized machines and household
equipment
Single-phase power supplies, switch-mode power
supplies
Test and measurement equipment


Similar Part No. - FN405-10-02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN405-10-02 ETC2-FN405-10-02 Datasheet
151Kb / 3P
   PCB-mounting filter PCB Filters FN 405
logo
Schaffner International...
FN405-10-02 SCHAFFNER-FN405-10-02 Datasheet
1Mb / 3P
   PCB-mounting filter
More results

Similar Description - FN405-10-02

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
FN-405 SCHAFFNER-FN-405 Datasheet
1Mb / 3P
   PCB-mounting filter
logo
Schurter Inc.
5500 SCHURTER-5500 Datasheet
664Kb / 3P
   AC Filter for PCB Mounting
5500 SCHURTER-5500_V01 Datasheet
566Kb / 5P
   AC Filter for PCB Mounting
logo
List of Unclassifed Man...
FN405-10-02 ETC2-FN405-10-02 Datasheet
151Kb / 3P
   PCB-mounting filter PCB Filters FN 405
logo
PREMO CORPORATION S.L
FAM_FILE00000052 PREMO-FAM_FILE00000052 Datasheet
122Kb / 1P
   Plastic case filter for PCB mounting
logo
Schurter Inc.
FPP-01 SCHURTER-FPP-01_V01 Datasheet
531Kb / 5P
   AC Filter for PCB Mounting Cost Optimized
logo
Schaffner International...
FN-410 SCHAFFNER-FN-410 Datasheet
453Kb / 3P
   High Performance Two-stage PCB-mounting EMC Filter
logo
Schurter Inc.
FPP-02 SCHURTER-FPP-02 Datasheet
435Kb / 3P
   AC Filter for PCB Mounting in Flat Housing
FPP-02 SCHURTER-FPP-02_V01 Datasheet
494Kb / 5P
   AC Filter for PCB Mounting in Flat Housing
FPP-01 SCHURTER-FPP-01 Datasheet
573Kb / 4P
   AC Filter for PCB Mounting Cots Optimized Standard- or Medical-Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com