Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FNM-1.4 Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # FNM-1.4
Description  13/32 x 1-1/2 250Vac Time-delay supplemental fuses
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FNM-1.4 Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  FNM-1.4 Datasheet HTML 1Page - Cooper Bussmann, Inc. FNM-1.4 Datasheet HTML 2Page - Cooper Bussmann, Inc. FNM-1.4 Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Technical Data 2028
Effective April, 2014
The only controlled copy of this Data Sheet is the electronic read-only version located on the Bussmann Network Drive. All other copies of this document
are by definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical information that will help the
end user with design applications. Bussmann reserves the right, without notice, to change design or construction of any products and to discontinue
or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information contained in this
bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Eaton’s Bussmann Business
114 Old State Road
Ellisville, MO 63021
United States
www.Bussmann.com
© 2014 Eaton
All Rights Reserved
Publication No. 2028 - BU-SB14291
April 2014
Eaton is a registered trademark.
All other trademarks are property
of their respective owners.
Time-current characteristic curves – average melt
Current in Amps
Amp Rating


Similar Part No. - FNM-1.4

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FNM-1 COOPER-FNM-1 Datasheet
472Kb / 3P
   FNM 13??2? x 1-1??? 250Vac time-delay
logo
Eaton All Rights Reserv...
FNM-1 EATON-FNM-1 Datasheet
472Kb / 3P
   FNM 13??2? x 1-1??? 250Vac time-delay supplemental fuses
FNM-1 EATON-FNM-1 Datasheet
467Kb / 3P
   FNM 13⁄32˝ x 1-1⁄2˝ 250Vac time-delay supplemental fuses
logo
Cooper Bussmann, Inc.
FNM-1-1/2 COOPER-FNM-1-1/2 Datasheet
472Kb / 3P
   FNM 13??2? x 1-1??? 250Vac time-delay
logo
Eaton All Rights Reserv...
FNM-1-1/2 EATON-FNM-1-1/2 Datasheet
472Kb / 3P
   FNM 13??2? x 1-1??? 250Vac time-delay supplemental fuses
More results

Similar Description - FNM-1.4

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FNM-25 COOPER-FNM-25 Datasheet
378Kb / 3P
   13/32 x 1-1/2 250Vac Time-delay supplemental fuses
logo
Eaton All Rights Reserv...
FNM EATON-FNM Datasheet
472Kb / 3P
   FNM 13??2? x 1-1??? 250Vac time-delay supplemental fuses
logo
Cooper Bussmann, Inc.
FNA-20 COOPER-FNA-20 Datasheet
510Kb / 2P
   13/32 x 1-1/2 250Vac Pin indicating time-delay supplemental fuses
FNQ-2 COOPER-FNQ-2 Datasheet
373Kb / 2P
   13/32 x 1-1/2 500Vac Time-delay supplemental fuses
logo
Eaton All Rights Reserv...
FNA EATON-FNA Datasheet
342Kb / 2P
   FNA 13??2? x 1-1??? 250Vac pin indicating time-delay supplemental fuses
logo
Cooper Bussmann, Inc.
FNQ-8-10 COOPER-FNQ-8-10 Datasheet
373Kb / 2P
   13/32 x 1-1/2 500Vac Time-delay supplemental fuses
FNA-1 COOPER-FNA-1_15 Datasheet
342Kb / 2P
   FNA 13??2? x 1-1??? 250Vac pin indicating time-delay supplemental fuses
logo
List of Unclassifed Man...
FNQ-1 ETC2-FNQ-1 Datasheet
373Kb / 2P
   13??2? x 1-1??? 500Vac Time-delay supplemental fuses
logo
Eaton All Rights Reserv...
FNQ EATON-FNQ Datasheet
551Kb / 2P
   FNQ 13??2? x 1-1??? 500Vac time-delay supplemental fuses
logo
Cooper Bussmann, Inc.
FNQ-110 COOPER-FNQ-110 Datasheet
551Kb / 2P
   FNQ 13??2? x 1-1??? 500Vac time-delay supplemental fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com