Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IQBD30E120A1 Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # IQBD30E120A1
Description  30.0 Ampere SwitchMode Single Fast Recovery Epitaxial Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

IQBD30E120A1 Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  IQBD30E120A1 Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. IQBD30E120A1 Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. IQBD30E120A1 Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TO-247-2L
®
IQBD30E120A1
Pb Free Plating Product
IQBD30E120A1
30.0 Ampere SwitchMode Single Fast Recovery Epitaxial Diode
Pb
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 1/3
Internal Configuration
Cathode(Bottom Side Metal Heatsink)
Cathode
Anode
Base Backside
·
Ultrafast Recovery Time
·
Soft Recovery Characteristics
·
Low Recovery Loss
·
Low Forward Voltage
·
High Surge Current Capability
·
Low Leakage Current
APPLICATION
GENERAL DESCRIPTION
· Freewheeling, Snubber, Clamp
· Inversion Welder
· PFC
· Plating Power Supply
· Ultrasonic Cleaner and Welder
· Converter & Chopper
· UPS
PRODUCT FEATURE
IQBD30E120A1 using the lastest FRED FAB process(planar passivation pellet) with ultrafast and soft recovery characteristic.
Rev.05
ABSOLUTE MAXIMUM RATINGS
TC
ELECTRICAL CHARACTERISTICS
T
=25°C unless otherwise specified
C =25°C unless otherwise specified
Symbol
Parameter
Test Conditions
Values
Unit
V
Maximum D.C. Reverse Voltage
R
1200
V
V
Maximum Repetitive Reverse Voltage
RRM
1200
V
I
Average Forward Current
F(AV)
TC
30
=110°C
A
I
RMS Forward Current
F(RMS)
TC
42
=110°C
A
I
Non-Repetitive Surge Forward Current
FSM
TJ
300
=45°C, t=10ms, 50Hz, Sine
A
P
Power Dissipation
D
115
W
T
Junction Temperature
J
-40 to +150
°C
T
Storage Temperature Range
STG
-40 to +150
°C
Torque
Module-to-Sink
Recommended(M3)
1.1
N·m
R
Thermal Resistance
θJC
Junction-to-Case
1.1
°C /W
Weight
7.0
g
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
I
Reverse Leakage Current
RM
VR
--
=1200V
--
100
µA
VR=1200V, TJ
--
=125°C
--
1
mA
V
Forward Voltage
F
IF
--
=30A
2.15
2.5
V
IF=30A, TJ
--
=125°C
1.75
--
V
t
Reverse Recovery Time
rr
IF=1A, VR=30V, diF
--
/dt=-2
00A/μs
30
--
ns
t
Reverse Recovery Time
rr
VR=600V, IF=30A
diF/dt=-2
00A/μs, TJ
--
=25°C
160
--
ns
I
Max. Reverse Recovery Current
RRM
--
5
--
A
t
Reverse Recovery Time
rr
VR=600V, IF=30A
diF/dt=-2
00A/μs, TJ
--
=125°C
300
--
ns
I
Max. Reverse Recovery Current
RRM
--
11
--
A


Similar Part No. - IQBD30E120A1

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
IQBG-2000A MINI-IQBG-2000A Datasheet
80Kb / 1P
   BLUE CELL??Surface Mount I/Q Modulator LO Drive 10 dBm, 1800 to 2000 MHz
More results

Similar Description - IQBD30E120A1

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
RHRP30120 THINKISEMI-RHRP30120 Datasheet
1Mb / 3P
   30.0 Ampere SwitchMode Single Fast Recovery Epitaxial Diode
MM30F120B THINKISEMI-MM30F120B Datasheet
1Mb / 3P
   30.0 Ampere SwitchMode Single Fast Recovery Epitaxial Diode
RHRP3060 THINKISEMI-RHRP3060 Datasheet
1Mb / 3P
   30.0 Ampere SwitchMode Single Fast Recovery Epitaxial Diode
30EPH06 THINKISEMI-30EPH06 Datasheet
1Mb / 3P
   30.0 Ampere SwitchMode Single Fast Recovery Epitaxial Diode
R3060G2 THINKISEMI-R3060G2 Datasheet
1Mb / 3P
   30.0 Ampere SwitchMode Single Fast Recovery Epitaxial Diode
R30120G2 THINKISEMI-R30120G2 Datasheet
1Mb / 3P
   30.0 Ampere SwitchMode Single Fast Recovery Epitaxial Diode
SF30A60U THINKISEMI-SF30A60U Datasheet
1Mb / 3P
   30.0 Ampere SwitchMode Single Fast Recovery Epitaxial Diode
RHRG3060 THINKISEMI-RHRG3060 Datasheet
1Mb / 3P
   30.0 Ampere,600Volt SwitchMode Single Fast Recovery Epitaxial Diode
RURG3060 THINKISEMI-RURG3060 Datasheet
1Mb / 3P
   30.0 Ampere,600Volt SwitchMode Single Fast Recovery Epitaxial Diode
UPA3060S THINKISEMI-UPA3060S Datasheet
1Mb / 3P
   30.0 Ampere,600Volt SwitchMode Single Fast Recovery Epitaxial Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com