Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5307 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5307
Description  2.5 V to 5.5 V, 400 A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5307 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5307_15 Datasheet HTML 3Page - Analog Devices AD5307_15 Datasheet HTML 4Page - Analog Devices AD5307_15 Datasheet HTML 5Page - Analog Devices AD5307_15 Datasheet HTML 6Page - Analog Devices AD5307_15 Datasheet HTML 7Page - Analog Devices AD5307_15 Datasheet HTML 8Page - Analog Devices AD5307_15 Datasheet HTML 9Page - Analog Devices AD5307_15 Datasheet HTML 10Page - Analog Devices AD5307_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD5307/AD5317/AD5327
Rev. C | Page 7 of 28
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 4.
Parameter1
Ratings
VDD to GND
−0.3 V to +7 V
Digital Input Voltage to GND
−0.3 V to VDD + 0.3 V
Digital Output Voltage to GND
−0.3 V to VDD + 0.3 V
Reference Input Voltage to GND
−0.3 V to VDD + 0.3 V
VOUTA − VOUTD to GND
−0.3 V to VDD + 0.3 V
Operating Temperature Range
Industrial (A, B Versions)
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature (TJ max)
150°C
16-Lead TSSOP
Power Dissipation
(TJ max − TA)/θJA
θJA Thermal Impedance
150.4°C/W
Reflow Soldering
Peak Temperature
220°C
Time at Peak Temperature
10 sec to 40 sec
1 Transient currents of up to 100 mA do not cause SCR latch-up.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - AD5307_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5307ARU AD-AD5307ARU Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 muA, Quad Voltage Output
REV. C
AD5307ARU-REEL7 AD-AD5307ARU-REEL7 Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 muA, Quad Voltage Output
REV. C
AD5307ARUZ-REEL71 AD-AD5307ARUZ-REEL71 Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 muA, Quad Voltage Output
REV. C
AD5307ARUZ1 AD-AD5307ARUZ1 Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 muA, Quad Voltage Output
REV. C
AD5307BRU AD-AD5307BRU Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 關A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
More results

Similar Description - AD5307_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5317 AD-AD5317_15 Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
AD5327 AD-AD5327_15 Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
AD5307BRU AD-AD5307BRU Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 關A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
AD5308 AD-AD5308_1 Datasheet
575Kb / 24P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. D
AD5318 AD-AD5318_15 Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5328 AD-AD5328_15 Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5308 AD-AD5308 Datasheet
308Kb / 19P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. B
AD5308 AD-AD5308_11 Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5328ARUZ AD-AD5328ARUZ Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5308 AD-AD5308_15 Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com