Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7204S35TD Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT7204S35TD
Description  CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7204S35TD Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT7204S35TD Datasheet HTML 1Page - Integrated Device Technology IDT7204S35TD Datasheet HTML 2Page - Integrated Device Technology IDT7204S35TD Datasheet HTML 3Page - Integrated Device Technology IDT7204S35TD Datasheet HTML 4Page - Integrated Device Technology IDT7204S35TD Datasheet HTML 5Page - Integrated Device Technology IDT7204S35TD Datasheet HTML 6Page - Integrated Device Technology IDT7204S35TD Datasheet HTML 7Page - Integrated Device Technology IDT7204S35TD Datasheet HTML 8Page - Integrated Device Technology IDT7204S35TD Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
5.04
2
IDT7203/7204/7205/7206 CMOS ASYNCHRONOUS FIFO
2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
MILITARY AND COMMERCIAL TEMPERATURE RANGES
PIN CONFIGURATIONS
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Rating
Commercial
Military
Unit
VTERM
Terminal
–0.5 to + 7.0
–0.5 to +7.0
V
Voltage with
Respect to
GND
TA
Operating
0 to +70
–55 to +125
° C
Temperature
TBIAS
Temperature
–55 to +125
–65 to +135
° C
Under Bias
TSTG
Storage
–55 to + 125
–65 to +155
° C
Temperature
IOUT
DC Output
50
50
mA
Current
NOTE:
2661 tbl 01
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RAT-
INGS may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
RECOMMENDED DC OPERATING
CONDITIONS
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCCM
Military Supply
4.5
5.0
5.5
V
Voltage
VCCC
Commercial Supply
4.5
5.0
5.5
V
Voltage
GND
Supply Voltage
0
0
0
V
VIH(1)
Input High Voltage
2.0
V
Commercial
VIH(1)
Input High Voltage
2.2
V
Military
VIL(1)
Input Low Voltage
0.8
V
Commercial and
Military
NOTE:
2661 tbl 02
1. 1.5V undershoots are allowed for 10ns once per cycle.
5
6
7
8
9
10
11
12
13
FF
D2
D1
D0
XI
Q0
Q1
GND
Q2
1
2
3
4
14
Q 3
28
27
26
25
24
23
22
21
EF
XO/HF
Vcc
FL/RT
RS
20
19
18
17
16
15
D3
D 8
W
Q8
D6
D5
D4
D7
Q5
Q6
Q7
Q4
R
P28-1
P28-2
D28-1
D28-3
SO28-3
2661 drw 02a
DIP
TOP VIEW
NOTES:
1. The THINDIPs P28-2 and D28-3 are only available for the 7203/7204/
7205.
2. The small outline package SO28-3 is only available for the 7204.
3. Consult factory for CERPACK pinout.
PLCC/LCC
TOP VIEW
5
6
7
8
9
10
11
12
13
J32-1
&
L32-1
FF
D2
D1
D0
XI
Q0
Q1
29
28
27
26
25
24
23
22
21
EF
XO/HF
D 6
D 7
NC
FL/RT
RS
Q 7
Q6
INDEX
NC
Q2
2661 drw 02b


Similar Part No. - IDT7204S35TD

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7204 IDT-IDT7204 Datasheet
112Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7204 IDT-IDT7204 Datasheet
213Kb / 14P
   First-In/First-Out Dual-Port memory
IDT7204 IDT-IDT7204 Datasheet
143Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT72041 IDT-IDT72041 Datasheet
153Kb / 14P
   CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9
IDT72041L25D IDT-IDT72041L25D Datasheet
153Kb / 14P
   CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9
More results

Similar Description - IDT7204S35TD

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
IDT72103 IDT-IDT72103 Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
logo
Sharp Corporation
LH540205 SHARP-LH540205 Datasheet
136Kb / 17P
   CMOS 8192 x 9 Asynchronous FIFO
LH540204 SHARP-LH540204 Datasheet
156Kb / 18P
   CMOS 4096 x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT72131 IDT-IDT72131 Datasheet
126Kb / 13P
   CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
logo
Sharp Corporation
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
   CMOS 2048 x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT72421 IDT-IDT72421 Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72132 IDT-IDT72132 Datasheet
137Kb / 13P
   CMOS SERIAL-TO-PARALLEL FIFO 2048 x 9 4096 x 9
IDT72201 IDT-IDT72201 Datasheet
199Kb / 19P
   CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com