Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5318BRU-REEL Datasheet(PDF) 9 Page - Analog Devices

Part # AD5318BRU-REEL
Description  2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5318BRU-REEL Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5318BRU-REEL Datasheet HTML 5Page - Analog Devices AD5318BRU-REEL Datasheet HTML 6Page - Analog Devices AD5318BRU-REEL Datasheet HTML 7Page - Analog Devices AD5318BRU-REEL Datasheet HTML 8Page - Analog Devices AD5318BRU-REEL Datasheet HTML 9Page - Analog Devices AD5318BRU-REEL Datasheet HTML 10Page - Analog Devices AD5318BRU-REEL Datasheet HTML 11Page - Analog Devices AD5318BRU-REEL Datasheet HTML 12Page - Analog Devices AD5318BRU-REEL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AD5308/AD5318/AD5328
Rev. F | Page 9 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
–1.0
–0.5
0
0.5
1.0
0
50
100
150
200
250
CODE
TA = 25°C
VDD = 5V
Figure 4. AD5308 Typical INL Plot
–3
–2
–1
0
1
2
3
0
200
400
600
800
1000
CODE
TA = 25°C
VDD = 5V
Figure 5. AD5318 Typical INL Plot
–12
–8
–4
0
4
8
12
2000
1500
500
1000
0
2500
3000
3500
4000
CODE
TA = 25°C
VDD = 5V
Figure 6. AD5328 Typical INL Plot
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0
50
100
150
200
250
CODE
TA = 25°C
VDD = 5V
Figure 7. AD5308 Typical DNL Plot
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0
200
400
600
800
1000
CODE
TA = 25°C
VDD = 5V
Figure 8. AD5318 Typical DNL Plot
–1.0
–0.5
0
0.5
1.0
2000
1500
500
1000
0
2500
3000
3500
4000
CODE
TA = 25°C
VDD = 5V
Figure 9. AD5328 Typical DNL Plot


Similar Part No. - AD5318BRU-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5318BRU-REEL AD-AD5318BRU-REEL Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5318BRU-REEL7 AD-AD5318BRU-REEL7 Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
More results

Similar Description - AD5318BRU-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5308 AD-AD5308_1 Datasheet
575Kb / 24P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. D
AD5318 AD-AD5318_15 Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5328 AD-AD5328_15 Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5308 AD-AD5308 Datasheet
308Kb / 19P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. B
AD5308 AD-AD5308_11 Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5328ARUZ AD-AD5328ARUZ Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5307 AD-AD5307_15 Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
AD5317 AD-AD5317_15 Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
AD5327 AD-AD5327_15 Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
AD5307BRU AD-AD5307BRU Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 關A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com