Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC910L0NSZ Datasheet(PDF) 6 Page - Sharp Corporation

Part # PC910L0NSZ
Description  High Speed 10Mb/s, High CMR DIP 8 pin .OPIC Photocoupler
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC910L0NSZ Datasheet(HTML) 6 Page - Sharp Corporation

Back Button PC910L0NSZ Datasheet HTML 2Page - Sharp Corporation PC910L0NSZ Datasheet HTML 3Page - Sharp Corporation PC910L0NSZ Datasheet HTML 4Page - Sharp Corporation PC910L0NSZ Datasheet HTML 5Page - Sharp Corporation PC910L0NSZ Datasheet HTML 6Page - Sharp Corporation PC910L0NSZ Datasheet HTML 7Page - Sharp Corporation PC910L0NSZ Datasheet HTML 8Page - Sharp Corporation PC910L0NSZ Datasheet HTML 9Page - Sharp Corporation PC910L0NSZ Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Sheet No.: D2-A05601EN
6
PC910L0NSZ Series
Fig.1 Test Circuit for Propagation Delay Time and Rise Time, Fall Time
Fig.2 Test Circuit for Enable Propagation Delay Time
Fig.3 Test Circuit for Instantaneous Common Mode Rejection Voltage
1
2
3
45
6
7
8
350
5V
47
Pulse input
IF
CL
VO
*CL includes the probe
and wiring capacitance.
90
%
10
%
7.5mA
3.75mA
0mA
5V
1.5V
IF
VO
tPHL
tPLH
VOL
tr
tf
5V
350
8
7
6
5
4
3
2
1
Pulse input
VE
IF
=7.5mA
VO
CL
1.5V
5V
0.5V
1.5V
3V
VE
VO
tEHL
tELH
VOL
*CL includes the probe
and wiring capacitance.
5V
350
8
7
6
5
4
3
2
1
A
B
GL SW
IF
CL
VCM
*CL includes the probe and wiring capacitance.
1kV
0V
5V
VCM
VO
VOL
VO(MIN.)
VO(MAX.)
VO
(IF
=0)
(IF
=5mA)
When the switch for
LED sets to A
When the switch for
LED sets to B


Similar Part No. - PC910L0NSZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC910L0NSZ0F SHARP-PC910L0NSZ0F Datasheet
242Kb / 14P
   High Speed 10Mb/s, High CMR DIP 8 pin OPIC Photocoupler
More results

Similar Description - PC910L0NSZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC910L0NSZ0F SHARP-PC910L0NSZ0F Datasheet
242Kb / 14P
   High Speed 10Mb/s, High CMR DIP 8 pin OPIC Photocoupler
PC957L0NSZ0F SHARP-PC957L0NSZ0F Datasheet
244Kb / 13P
   High Speed 1Mb/s, High CMR DIP 8 pin OPIC Photocoupler
PC956L0NSZ0F SHARP-PC956L0NSZ0F Datasheet
259Kb / 15P
   High Speed 2Mb/s, High CMR DIP 8 pin OPIC Photocoupler
PC410S0NIP0F SHARP-PC410S0NIP0F Datasheet
239Kb / 15P
   High Speed 10Mb/s, High CMR Mini-fl at Package OPIC Photocoupler
PC4D10SYIP0F SHARP-PC4D10SYIP0F Datasheet
228Kb / 12P
   High Speed 10Mb/s, High CMR Mini-fl at 2-channel Package OPIC Photocoupler
PC4D10SNIP0F SHARP-PC4D10SNIP0F Datasheet
228Kb / 12P
   High Speed 10Mb/s, High CMR Mini-fl at 2-channel Package OPIC Photocoupler
PC917X SHARP-PC917X Datasheet
59Kb / 4P
   High Speed, High CMR OPIC Photocoupler
PC923L SHARP-PC923L Datasheet
322Kb / 18P
   High Speed, Gate Drive DIP 8 pin OPIC Photocoupler
PC410L0NIP SHARP-PC410L0NIP Datasheet
52Kb / 6P
   High Speed Response, High CMR OPIC Photocoupler
PC957L0NSZ SHARP-PC957L0NSZ Datasheet
48Kb / 3P
   High Speed and High CMR OPIC Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com