Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82595TX Datasheet(PDF) 9 Page - Intel Corporation

Part # 82595TX
Description  ISA/PCMCIA HIGH INTEGRATION ETHERNET CONTROLLER
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82595TX Datasheet(HTML) 9 Page - Intel Corporation

Back Button 82595TX Datasheet HTML 5Page - Intel Corporation 82595TX Datasheet HTML 6Page - Intel Corporation 82595TX Datasheet HTML 7Page - Intel Corporation 82595TX Datasheet HTML 8Page - Intel Corporation 82595TX Datasheet HTML 9Page - Intel Corporation 82595TX Datasheet HTML 10Page - Intel Corporation 82595TX Datasheet HTML 11Page - Intel Corporation 82595TX Datasheet HTML 12Page - Intel Corporation 82595TX Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
82595TX
22 PCMCIA Bus Interface (Continued)
Symbol
Pin
Type
Name and Function
No
OE
14
I
OUTPUT ENABLE (Memory Read)
Active low
WE
15
I
WRITE ENABLE (Memory Write)
Active low
IORD
18
I
IO READ
Active low
IOWR
19
I
IO WRITE
Active low
IOIS16
40
O
IO IS 16
Active low output which indicates that an IO cycle access to the
82595TX solution is 16-bit wide IOIS16 should be asserted prior to Card
Enable or CMD (IORD or IOWR) assertion
WAIT
37
O
WAIT
Active low output when driven low extends host cycles to the 82595TX
IREQ
26
O
82595TX INTERRUPT
Active low output
RESET
12
I
RESET
Active high reset signal
CE1
81
I
Card Enable 1
and Card Enable 2 active low signals driven by the host
These signals provide a card select based on an address decode (decode
CE2
82
done by the host) and also byte lane enables When both CE1 and CE2 are
high no host accesses are made to the card If CE1 is low (active) and CE2 is
high (inactive) the device operates in byte access mode with valid data being
driven on D0 – D7 and A0 determines the selection of an odd or even byte
When both CE1 and CE2 are low a word access is taking place In this case
A0 is ignored and the data is transferred on D0 – D15 Odd-byte-only accesses
can occur when CE1 is high and CE2 is low In this case the data is driven on
D8 – D15 and A0 is ignored See Section 49 for a summary of the PCMCIA
decode functions
REG
80
I
REG
is an active low input used to determine whether a host access is to
Attribute memory (the 1st 1K of FLASH or CONF Regs) or to Common
memory (FLASH above 1K) If REG is low the access is to Attribute memory if
REG is high the access is to Common memory REG is also asserted low for
all accesses to the 82595TX’s IO Registers (including the access to the local
DRAM via the 82595TX’s Local Memory IO Port) See Section 49 for a
summary of the PCMCIA decode functions
EVENT
32
O
EVENT
is an active low output which when enabled will be asserted
whenever a frame has been received by the 82595TX This allows the
82595TX to ‘‘wake up’’ a system which has powered down (with the exception
of powering down the LAN) This output will remain asserted until the
82595TX’s RCV Interrupt (for the frame which woke up the system) has been
acknowledged
23 Local Memory Interface
Symbol
Pin
Type
Name and Function
No
MADDR0
126
O
LOCAL MEMORY ADDRESS (MADDR0 – MADDR8)
These outputs contain
the multiplexed address for the local DRAM
MADDR1
127
MADDR2
128
MADDR3
129
MADDR4
130
MADDR5
132
MADDR6
133
MADDR7
134
MADDR8
135
9


Similar Part No. - 82595TX

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82595FX INTEL-82595FX Datasheet
643Kb / 54P
   ISA BUS HIGH INTEGRATION ETHERNET CONTROLLER
More results

Similar Description - 82595TX

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82595FX INTEL-82595FX Datasheet
643Kb / 54P
   ISA BUS HIGH INTEGRATION ETHERNET CONTROLLER
logo
SMSC Corporation
91C94 SMSC-91C94 Datasheet
447Kb / 120P
   ISA/PCMCIA SINGLE CHIP ETHERNET CONTROLLER WITH RAM
logo
List of Unclassifed Man...
SMC91C95 ETC1-SMC91C95 Datasheet
530Kb / 139P
   ISA/PCMCIA Full Duplex Single-Chip Ethernet and Modem Controller with RAM
logo
SMSC Corporation
LAN91C95 SMSC-LAN91C95 Datasheet
502Kb / 144P
   ISA/PCMCIA Full Duplex Single-Chip Ethernet and Modem Controller with RAM
logo
Cirrus Logic
CS8900A CIRRUS-CS8900A Datasheet
1Mb / 128P
   Crystal LAN ??ISA Ethernet Controller
logo
List of Unclassifed Man...
TC5299J ETC1-TC5299J Datasheet
340Kb / 32P
   FAST ETHERNET PCMCIA LAN CONTROLLER
TC3299CE ETC-TC3299CE Datasheet
315Kb / 25P
   LOW POWER ETHERNET PCMCIA CONTROLLER
AX88190 ETC-AX88190 Datasheet
646Kb / 49P
   PCMCIA Fast Ethernet MAC Controller
TC3299A ETC-TC3299A Datasheet
1Mb / 26P
   Ethernet PCMCIA Controller COMBO Transceiver
logo
Cirrus Logic
CS8900A CIRRUS-CS8900A_07 Datasheet
2Mb / 138P
   Crystal LAN ??ISA Ethernet Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com