Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT54FCT827DTSOB Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT54FCT827DTSOB
Description  FAST CMOS 10-BIT BUFFERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT827DTSOB Datasheet(HTML) 7 Page - Integrated Device Technology

  IDT54FCT827DTSOB Datasheet HTML 1Page - Integrated Device Technology IDT54FCT827DTSOB Datasheet HTML 2Page - Integrated Device Technology IDT54FCT827DTSOB Datasheet HTML 3Page - Integrated Device Technology IDT54FCT827DTSOB Datasheet HTML 4Page - Integrated Device Technology IDT54FCT827DTSOB Datasheet HTML 5Page - Integrated Device Technology IDT54FCT827DTSOB Datasheet HTML 6Page - Integrated Device Technology IDT54FCT827DTSOB Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
IDT54/74FCT827AT/BT/CT/DT, IDT54/74FCT2827AT/BT/CT
HIGH-PERFORMANCE CMOS BUFFERS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.22
7
ORDERING INFORMATION
IDT
XX
FCT
XX
Device Type
X
Package
X
Process
Blank
B
P
D
E
L
SO
PY
Q
827AT
827BT
827CT
827DT
Commercial
MIL-STD-883, Class B
Plastic DIP
CERDIP
CERPACK
Leadless Chip Carrier
Small Outline IC
Shrink Small Outline Package
Quarter-size Small Outline Package
Non-Inverting 10-Bit Buffer
54
74
–55
°C to +125°C
0
°C to +70°C
Temp. Range
X
Family
Blank
2
High Drive
Balanced Drive
2573 drw 09


Similar Part No. - IDT54FCT827DTSOB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT827A IDT-IDT54FCT827A Datasheet
111Kb / 7P
   HIGH-PERFORMANCE CMOS BUFFERS
IDT54FCT827AD IDT-IDT54FCT827AD Datasheet
111Kb / 7P
   HIGH-PERFORMANCE CMOS BUFFERS
IDT54FCT827ADB IDT-IDT54FCT827ADB Datasheet
111Kb / 7P
   HIGH-PERFORMANCE CMOS BUFFERS
IDT54FCT827AE IDT-IDT54FCT827AE Datasheet
111Kb / 7P
   HIGH-PERFORMANCE CMOS BUFFERS
IDT54FCT827AEB IDT-IDT54FCT827AEB Datasheet
111Kb / 7P
   HIGH-PERFORMANCE CMOS BUFFERS
More results

Similar Description - IDT54FCT827DTSOB

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT827T PERICOM-PI74FCT827T Datasheet
105Kb / 5P
   Fast CMOS 10-Bit Buffers
PI74LCX827 PERICOM-PI74LCX827 Datasheet
152Kb / 7P
   Fast CMOS 3.3V 10-Bit Buffers
logo
Integrated Device Techn...
IDT74FCT16827AT IDT-IDT74FCT16827AT Datasheet
120Kb / 8P
   FAST CMOS 20-BIT BUFFERS
logo
Pericom Semiconductor C...
PI74FCT16827 PERICOM-PI74FCT16827 Datasheet
65Kb / 7P
   Fast CMOS 20-Bit Buffers
logo
Integrated Device Techn...
IDT74FCT3827A IDT-IDT74FCT3827A Datasheet
102Kb / 7P
   3.3V CMOS 10-BIT BUFFERS
logo
Recom International Pow...
PI74LPT16827 RECOM-PI74LPT16827 Datasheet
49Kb / 5P
   Fast CMOS 3.3V 20-Bit Buffers
logo
Fairchild Semiconductor
74F827 FAIRCHILD-74F827 Datasheet
66Kb / 7P
   10-Bit Buffers/Line Drivers
logo
National Semiconductor ...
54F827SDM NSC-54F827SDM Datasheet
164Kb / 8P
   10-Bit Buffers/Line Drivers
logo
Texas Instruments
CY74FCT827ATSOCTE4 TI1-CY74FCT827ATSOCTE4 Datasheet
289Kb / 11P
[Old version datasheet]   10-BIT BUFFERS WITH 3-STATE OUTPUTS
logo
List of Unclassifed Man...
QS5244 ETC1-QS5244 Datasheet
227Kb / 4P
   LOW SKEW CMOS 8-BIT BUFFERS / LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com