Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BP0C31BH Datasheet(PDF) 7 Page - Intel Corporation

Part # BP0C31BH
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

BP0C31BH Datasheet(HTML) 7 Page - Intel Corporation

Back Button BP0C31BH Datasheet HTML 3Page - Intel Corporation BP0C31BH Datasheet HTML 4Page - Intel Corporation BP0C31BH Datasheet HTML 5Page - Intel Corporation BP0C31BH Datasheet HTML 6Page - Intel Corporation BP0C31BH Datasheet HTML 7Page - Intel Corporation BP0C31BH Datasheet HTML 8Page - Intel Corporation BP0C31BH Datasheet HTML 9Page - Intel Corporation BP0C31BH Datasheet HTML 10Page - Intel Corporation BP0C31BH Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AUTOMOTIVE 80C31BH80C51BH87C51
PROGRAM MEMORY LOCK
(EPROM Only)
The 87C51 contains two program memory lock
schemes Encrypted Verify and Lock Bits
Encrypted Verify
The 87C51 implements a 32-
byte EPROM array that can be programmed by the
customer and which can then be used to encrypt
the program code bytes during EPROM verification
The EPROM verification procedure is performed as
usual except that each code byte comes out logical-
ly X-NORed with one of the 32 key bytes The key
bytes are gone through in sequence Therefore to
read the ROM code one has to know the 32 key
bytes in their proper sequence
Lock Bits
Also on the chip are two Lock Bits which
can be left unprogrammed (U) or can be pro-
grammed (P) to obtain the following additional fea-
tures
Bit 1
Bit 2
Additional Features
U
U
none
PU
 Externally fetched code can not
access internal Program Memory
 Further programming disabled
U
P
(Reserved for Future definition)
PP
 Externally fetched code can not
access internal Program Memory
 Further programming disabled
 Program verification is disabled
When Lock Bit 1 is programmed the logic level at
the EA pin is sampled and latched during reset If
the device is powered up without a reset the latch
initializes to a random value and holds that value
until reset is activated It is necessary that the
latched value of EA be in agreement with the current
logic level at that pin in order for the device to func-
tion properly
ONCE MODE
The ONCE (‘‘on-circuit emulation’’) mode facilitates
testing and debugging of systems using the 87C51
without the 87C51 having to be removed from the
circuit The ONCE mode is invoked by
1 Pull ALE low while the device is in reset and
PSEN is high
2 Hold ALE low as RST is deactivated
While the device is in ONCE mode the Port 0 pins
go into a float state and the other port pins and ALE
and PSEN are weakly pulled high The oscillator cir-
cuit remains active While the 87C51 is in this mode
an emulator or test CPU can be used to drive the
circuit Normal operation is restored when a normal
reset is applied
7


Similar Part No. - BP0C31BH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BP01 ETC1-BP01 Datasheet
254Kb / 2P
   Side Actuated DIP Switcehs
logo
C&K Components
BP01-R-K-E CK-COMPONENTS-BP01-R-K-E Datasheet
58Kb / 3P
   Side Actuated DIP Switches
1997
BP01-R-KT CK-COMPONENTS-BP01-R-KT Datasheet
58Kb / 3P
   Side Actuated DIP Switches
1997
BP01-RY-E CK-COMPONENTS-BP01-RY-E Datasheet
58Kb / 3P
   Side Actuated DIP Switches
1997
BP01-RYT CK-COMPONENTS-BP01-RYT Datasheet
58Kb / 3P
   Side Actuated DIP Switches
1997
More results

Similar Description - BP0C31BH

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51R INTEL-8XC51R Datasheet
294Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TD87C54 INTEL-TD87C54 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EN80C321SF88 INTEL-EN80C321SF88 Datasheet
1Mb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M80C51FB INTEL-M80C51FB Datasheet
184Kb / 12P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EE87C51FB1SF76 INTEL-EE87C51FB1SF76 Datasheet
256Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com