Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT54FCT2245DTQB Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT54FCT2245DTQB
Description  FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT2245DTQB Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT54FCT2245DTQB Datasheet HTML 1Page - Integrated Device Technology IDT54FCT2245DTQB Datasheet HTML 2Page - Integrated Device Technology IDT54FCT2245DTQB Datasheet HTML 3Page - Integrated Device Technology IDT54FCT2245DTQB Datasheet HTML 4Page - Integrated Device Technology IDT54FCT2245DTQB Datasheet HTML 5Page - Integrated Device Technology IDT54FCT2245DTQB Datasheet HTML 6Page - Integrated Device Technology IDT54FCT2245DTQB Datasheet HTML 7Page - Integrated Device Technology IDT54FCT2245DTQB Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Integrated Device Technology, Inc.
MILITARY AND COMMERCIAL TEMPERATURE RANGES
AUGUST 1995
©1995 Integrated Device Technology, Inc.
6.9
DSC-4611/4
1
DESCRIPTION:
The IDT octal bidirectional transceivers are built using an
advanced dual metal CMOS technology.
The FCT245T/
FCT2245T, FCT640T and FCT645T are designed for asyn-
chronous two-way communication between data buses. The
transmit/receive (T/
R) input determines the direction of data
flow through the bidirectional transceiver. Transmit (active
HIGH) enables data from A ports to B ports, and receive
(active LOW) from B ports to A ports. The output enable (
OE)
input, when HIGH, disables both A and B ports by placing
them in HIGH Z condition.
The FCT245T/FCT2245T and FCT645T transceivers have
non-inverting outputs. The FCT640T has inverting outputs.
The FCT2245T has balanced drive outputs with current
limiting resistors. This offers low ground bounce, minimal
undershoot and controlled output fall times- reducing the need
for external series terminating resistors. The FCT2xxxT parts
are plug-in replacements for FCTxxxT parts.
FAST CMOS OCTAL
BIDIRECTIONAL
TRANSCEIVERS
IDT54/74FCT245T/AT/CT/DT - 2245T/AT/CT
IDT54/74FCT640T/AT/CT
IDT54/74FCT645T/AT/CT/DT
FEATURES:
• Common features:
Low input and output leakage
≤1µA (max.)
CMOS power levels
True TTL input and output compatibility
– VOH = 3.3V (typ.)
– VOL = 0.3V (typ.)
Meets or exceeds JEDEC standard 18 specifications
Product available in Radiation Tolerant and Radiation
Enhanced versions
Military product compliant to MIL-STD-883, Class B
and DESC listed (dual marked)
Available in DIP, SOIC, SSOP, QSOP, CERPACK
and LCC packages
• Features for FCT245T/FCT640T/FCT645T:
Std., A, C and D speed grades
High drive outputs (-15mA IOH, 64mA IOL)
• Features for FCT2245T:
Std., A and C speed grades
Resistor outputs
(-15mA IOH, 12mA IOL Com.)
(-12mA IOH, 12mA IOL Mil.)
Reduced system switching noise
2539 drw 01
PIN CONFIGURATIONS
FUNCTIONAL BLOCK DIAGRAM
2539 drw 02
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
LCC
TOP VIEW
5
6
7
8
9
10
A1
A2
A3
1
2
3
4
20
19
18
17
16
15
14
13
Vcc
12
11
T/R
B1
A4
A5
A6
A7
OE
B2
B3
B4
B5
B6
GND
B7
A0
B0
P20-1
D20-1
SO20-2
SO20-7*
SO20-8**
&
E20-1
INDEX
B0
B1
B2
B3
B4
A2
A3
A4
A5
A6
15
14
18
17
16
5
6
7
8
4
L20-2
9 10 11 12 13
32
1
20 19
*FCT245T/2245T, FCT645T only.
**FCT245T/2245T, FCT640T
DIP/SOIC/SSOP/QSOP/CERPACK
TOP VIEW
FCT245T/2245T, FCT645T are non-inverting options.
FCT640T is the inverting options.
A
B0
0
T/R
OE
A
B1
1
A
B2
2
A
B3
3
A
B4
4
A
B5
5
A
B6
6
A
B7
7
2539 drw 03


Similar Part No. - IDT54FCT2245DTQB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT2240ATD IDT-IDT54FCT2240ATD Datasheet
230Kb / 9P
   FAST CMOS OCTAL BUFFER/LINE DRIVERS
DECEMBER 1995
IDT54FCT2240ATDB IDT-IDT54FCT2240ATDB Datasheet
230Kb / 9P
   FAST CMOS OCTAL BUFFER/LINE DRIVERS
DECEMBER 1995
IDT54FCT2240ATE IDT-IDT54FCT2240ATE Datasheet
230Kb / 9P
   FAST CMOS OCTAL BUFFER/LINE DRIVERS
DECEMBER 1995
IDT54FCT2240ATEB IDT-IDT54FCT2240ATEB Datasheet
230Kb / 9P
   FAST CMOS OCTAL BUFFER/LINE DRIVERS
DECEMBER 1995
IDT54FCT2240ATL IDT-IDT54FCT2240ATL Datasheet
230Kb / 9P
   FAST CMOS OCTAL BUFFER/LINE DRIVERS
DECEMBER 1995
More results

Similar Description - IDT54FCT2245DTQB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT245 IDT-IDT74FCT245 Datasheet
70Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT54FCT245 IDT-IDT54FCT245_02 Datasheet
85Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245T PERICOM-PI74FCT245T Datasheet
248Kb / 4P
   Fast CMOS Octal Bidirectional Transceivers
PI74FCT245TQEX PERICOM-PI74FCT245TQEX Datasheet
563Kb / 7P
   Fast CMOS Octal Bidirectional Transceivers
logo
Integrated Device Techn...
IDT74FCT3245 IDT-IDT74FCT3245 Datasheet
114Kb / 6P
   3.3V CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT29FCT52AT IDT-IDT29FCT52AT Datasheet
125Kb / 8P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT646T PERICOM-PI74FCT646T Datasheet
84Kb / 7P
   Fast CMOS Octal Registered Transceivers
logo
Integrated Device Techn...
IDT29FCT52A IDT-IDT29FCT52A Datasheet
62Kb / 7P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
54F253DMQB IDT-54F253DMQB Datasheet
188Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
74FCT245T IDT-74FCT245T Datasheet
58Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com