Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT543TQB Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT74FCT543TQB
Description  FAST CMOS OCTAL LATCHED TRANSCEIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT543TQB Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT74FCT543TQB Datasheet HTML 1Page - Integrated Device Technology IDT74FCT543TQB Datasheet HTML 2Page - Integrated Device Technology IDT74FCT543TQB Datasheet HTML 3Page - Integrated Device Technology IDT74FCT543TQB Datasheet HTML 4Page - Integrated Device Technology IDT74FCT543TQB Datasheet HTML 5Page - Integrated Device Technology IDT74FCT543TQB Datasheet HTML 6Page - Integrated Device Technology IDT74FCT543TQB Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IDT54/74FCT543T/AT/CT/DT - 2543T/AT/CT
FAST CMOS OCTAL LATCHED TRANSCEIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.17
4
POWER SUPPLY CHARACTERISTICS
Symbol
Parameter
Test Conditions
(1)
Min. Typ.
(2) Max.
Unit
∆ICC
Quiescent Power Supply
VCC = Max.
0.5
2.0
mA
Current TTL Inputs HIGH
VIN = 3.4V
(3)
ICCD
Dynamic Power Supply Current
(4)
VCC = Max., Outputs Open
VIN = VCC
FCTxxxT
0.15
0.25
mA/
CEAB and OEAB = GND
VIN = GND
MHz
CEBA = VCC
FCT2xxxT
0.06
0.12
One Input Toggling
50% Duty Cycle
IC
Total Power Supply Current
(6)
VCC = Max., Outputs Open
VIN = VCC
FCTxxxT
1.5
3.5
mA
fCP = 10MHz (
LEAB)VIN = GND
50% Duty Cycle
FCT2xxxT
0.6
2.2
CEAB and OEAB = GND
CEBA = VCC
VIN = 3.4V
FCTxxxT
2.0
5.5
One Bit Toggling
VIN = GND
at fi = 5MHz
FCT2xxxT
1.1
4.2
50% Duty Cycle
VCC = Max., Outputs Open
VIN = VCC
FCTxxxT
3.8
7.3
(5)
fCP = 10MHz (
LEAB)VIN = GND
50% Duty Cycle
FCT2xxxT
1.5
4.0
(5)
CEAB and OEAB = GND
CEBA = VCC
VIN = 3.4V
FCTxxxT
6.0
16.3
(5)
Eight Bits Toggling
VIN = GND
at fi = 2.5MHz
FCT2xxxT
3.8
13.0
(5)
50% Duty Cycle
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25
°C ambient.
3. Per TTL driven input (VIN = 3.4V). All other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested.
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
∆ICC DHNT + ICCD (fCP/2 + fiNi)
ICC = Quiescent Current
∆ICC = Power Supply Current for a TTL High Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices)
fi = Input Frequency
Ni = Number of Inputs at fi
All currents are in milliamps and all frequencies are in megahertz.
2613 tbl 08


Similar Part No. - IDT74FCT543TQB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT543 IDT-IDT74FCT543 Datasheet
71Kb / 7P
   FAST CMOS OCTAL LATCHED TRANSCEIVER
IDT74FCT543A IDT-IDT74FCT543A Datasheet
71Kb / 7P
   FAST CMOS OCTAL LATCHED TRANSCEIVER
IDT74FCT543AD IDT-IDT74FCT543AD Datasheet
71Kb / 7P
   FAST CMOS OCTAL LATCHED TRANSCEIVER
IDT74FCT543ADB IDT-IDT74FCT543ADB Datasheet
71Kb / 7P
   FAST CMOS OCTAL LATCHED TRANSCEIVER
IDT74FCT543AE IDT-IDT74FCT543AE Datasheet
71Kb / 7P
   FAST CMOS OCTAL LATCHED TRANSCEIVER
More results

Similar Description - IDT74FCT543TQB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT543 IDT-IDT74FCT543 Datasheet
71Kb / 7P
   FAST CMOS OCTAL LATCHED TRANSCEIVER
logo
Renesas Technology Corp
74FCT543AT RENESAS-74FCT543AT Datasheet
167Kb / 8P
   FAST CMOS OCTAL LATCHED TRANSCEIVER
Feb.11.20
logo
Integrated Device Techn...
IDT74FCT543AT IDT-IDT74FCT543AT Datasheet
89Kb / 7P
   FAST CMOS OCTAL LATCHED TRANSCEIVER
IDT74FCT543AT IDT-IDT74FCT543AT_06 Datasheet
75Kb / 7P
   FAST CMOS OCTAL LATCHED TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT16543AT RENESAS-IDT74FCT16543AT Datasheet
220Kb / 8P
   FAST CMOS 16-BIT LATCHED TRANSCEIVER
JULY 2017
logo
Integrated Device Techn...
IDT74FCT16543T IDT-IDT74FCT16543T Datasheet
127Kb / 8P
   FAST CMOS 16-BIT LATCHED TRANSCEIVER
IDT74FCT16543AT IDT-IDT74FCT16543AT Datasheet
96Kb / 7P
   FAST CMOS 16-BIT LATCHED TRANSCEIVER
logo
Pericom Semiconductor C...
PI74LPT543 PERICOM-PI74LPT543 Datasheet
69Kb / 5P
   Fast CMOS 3.3V 8-Bit Latched Transceiver
logo
Integrated Device Techn...
74FCT245T IDT-74FCT245T Datasheet
58Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
IDT74FCT645T IDT-IDT74FCT645T Datasheet
110Kb / 6P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com