Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87C196LA Datasheet(PDF) 9 Page - Intel Corporation

Part # 87C196LA
Description  CHMOS 16-BIT MICROCONTROLLER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87C196LA Datasheet(HTML) 9 Page - Intel Corporation

Back Button 87C196LA Datasheet HTML 5Page - Intel Corporation 87C196LA Datasheet HTML 6Page - Intel Corporation 87C196LA Datasheet HTML 7Page - Intel Corporation 87C196LA Datasheet HTML 8Page - Intel Corporation 87C196LA Datasheet HTML 9Page - Intel Corporation 87C196LA Datasheet HTML 10Page - Intel Corporation 87C196LA Datasheet HTML 11Page - Intel Corporation 87C196LA Datasheet HTML 12Page - Intel Corporation 87C196LA Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
PRODUCT PREVIEW
9
AUTOMOTIVE — 87C196LA
ALE
O
Address Latch Enable
This active-high output signal is asserted only during external memory cycles.
ALE signals the start of an external bus cycle and indicates that valid address
information is available on the system address/data bus.
An external latch can use this signal to demultiplex the address from the
address/data bus.
ALE shares a package pin with P5.0 and ADV#.
ANGND
GND
Analog Ground
ANGND must be connected for A/D converter and port 0 operation. ANGND
and V
SS should be nominally at the same potential.
CLKOUT
O
Output
Output of the internal clock generator. You can select one of three frequencies:
f, f/2, or f/4. CLKOUT has a 50% duty cycle.
CLKOUT shares a package pin with P2.7 and PACT#.
COMP1:0
O
Event Processor Array (EPA) Compare Pins
These signals are the outputs of the EPA compare-only channels.
COMP1:0 share package pins with the following signals: COMP0/P6.0/EPA8
and COMP1/P6.1/EPA9.
CPVER
O
Cumulative Program Verification
During slave or programming, a high signal indicates that, while a low signal
indicates that an error occurred during the program operation.
CPVER shares a package pin with P2.6 and ONCE#.
EA#
I
External Access
This input determines whether memory accesses to special-purpose and
program memory partitions are directed to internal or external memory. These
accesses are directed to internal memory if EA# is held high and to
externalmemory if EA# is held low. For an access to any other memory location,
the value of EA# is irrelevant.
EA# also controls entry into the programming modes. If EA# is at V
PP voltage
(typically +12.5 V) on the rising edge of RESET#, the microcontroller enters a
programming mode.
EA# is sampled and latched only on the rising edge of RESET#. Changing the
level of EA# after reset has no effect.
EPA9:8
EPA3:0
I/O
Event Processor Array (EPA) Capture/Compare Channels
High-speed input/output signals for the EPA capture/compare channels.
The EPA signals share package pins with the following signals:
EPA0/P1.0/T2CLK, EPA1/P1.1, EPA2/P1.2/T2DIR, EPA3/P1.3,
EPA8/P6.0/COMP0, and EPA9/P6.1/COMP1. EPA7:6 do not connect to
package pins. They cannot be used to capture an event, but they can function
as software timers. EPA5:4 are not implemented.
Table 4. Signal Descriptions (Continued)
Name
Type
Description


Similar Part No. - 87C196LA

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
87C196LB INTEL-87C196LB Datasheet
463Kb / 19P
   CHMOS 16-BIT MICROCONTROLLER
More results

Similar Description - 87C196LA

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
87C196LB INTEL-87C196LB Datasheet
463Kb / 19P
   CHMOS 16-BIT MICROCONTROLLER
88CO196EC INTEL-88CO196EC Datasheet
660Kb / 44P
   CHMOS 16-Bit Microcontroller
83C196EA INTEL-83C196EA Datasheet
379Kb / 40P
   CHMOS 16-BIT MICROCONTROLLER
80C196EA INTEL-80C196EA Datasheet
445Kb / 46P
   CHMOS 16-BIT MICROCONTROLLER
83C196LC INTEL-83C196LC Datasheet
134Kb / 22P
   CHMOS 16-BIT MICROCONTROLLER
EG80296SA50 INTEL-EG80296SA50 Datasheet
345Kb / 40P
   CHMOS 16-BIT MICROCONTROLLER
8XL196NP INTEL-8XL196NP Datasheet
581Kb / 34P
   COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
87C196KT INTEL-87C196KT Datasheet
428Kb / 34P
   ADVANCED 16-BIT CHMOS MICROCONTROLLER
EG80C196NP25 INTEL-EG80C196NP25 Datasheet
607Kb / 51P
   COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
8XC196NP INTEL-8XC196NP Datasheet
661Kb / 51P
   COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com