Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87C196JR Datasheet(PDF) 11 Page - Intel Corporation

Part # 87C196JR
Description  ADVANCED 16-BIT CHMOS MICROCONTROLLER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87C196JR Datasheet(HTML) 11 Page - Intel Corporation

Back Button 87C196JR Datasheet HTML 7Page - Intel Corporation 87C196JR Datasheet HTML 8Page - Intel Corporation 87C196JR Datasheet HTML 9Page - Intel Corporation 87C196JR Datasheet HTML 10Page - Intel Corporation 87C196JR Datasheet HTML 11Page - Intel Corporation 87C196JR Datasheet HTML 12Page - Intel Corporation 87C196JR Datasheet HTML 13Page - Intel Corporation 87C196JR Datasheet HTML 14Page - Intel Corporation 87C196JR Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
87C196KRKQ 87C196JVJT 87C196JRJQ
AC CHARACTERISTICS (Over Specified Operating Conditions) (Continued)
Test Conditions Capacitance Load on All Pins e 100 pF Rise and Fall Times e 10 ns FOSC e 16 MHz
The 87C196KRKQJVJTJRJQ will meet these specifications
Symbol
Parameter
Min
Max
Units
TRLCL
RD Low to CLKOUT
4
30
ns
Falling Edge
TRLRH
RD Low Period
TOSC b 5ns
TRHLH
RD Rising Edge to
TOSC
TOSC a 25
ns(3)
ALEADV Rising Edge
TRLAZ
RD Low to Address Float
5
ns(5)
TLLWL
ALEADV Falling Edge
TOSC b 10
ns
to WR Falling Edge
TCLWL
CLKOUT Low to
b
525
ns
WR Falling Edge
TQVWH
Data Stable to WR Rising Edge
TOSC b 23
ns
TCHWH
CLKOUT High to WR
b
10
15
ns
Rising Edge
TWLWH
WR Low Period
TOSC b 20
ns
TWHQX
Data Hold after WR Rising Edge
TOSC b 25
ns
TWHLH
WR Rising Edge to ALEADV
TOSC b 10
TOSC a 15
ns(3)
Rising Edge
TWHBX
BHE INST Hold after WR
TOSC b 10
ns
Rising Edge
TWHAX
AD8 – 15 Hold after WR Rising Edge
TOSC b 30(4)
ns
TRHBX
BHE INST Hold after RD Rising Edge
TOSC b 10
ns
TRHAX
AD8 – 15 Hold after RD Rising Edge
TOSC b 30(4)
ns
NOTES
1 Testing performed at 40 MHz however the device is static by design and will typically operate below 1 Hz
2 Typical specifications not guaranteed
3 Assuming back-to-back bus cycles
4 8-bit bus only
5 TRLAZ (max) e 5 ns by design
11


Similar Part No. - 87C196JR

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
87C196JR INTEL-87C196JR Datasheet
1Mb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
87C196JR INTEL-87C196JR Datasheet
308Kb / 38P
   16-Bit CHMOS Microcontrollers
More results

Similar Description - 87C196JR

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
87C196KT INTEL-87C196KT Datasheet
428Kb / 34P
   ADVANCED 16-BIT CHMOS MICROCONTROLLER
87C196LB INTEL-87C196LB Datasheet
463Kb / 19P
   CHMOS 16-BIT MICROCONTROLLER
88CO196EC INTEL-88CO196EC Datasheet
660Kb / 44P
   CHMOS 16-Bit Microcontroller
8XC196KB INTEL-8XC196KB Datasheet
247Kb / 17P
   ADVANCED 16-BIT CHMOS MICROCONTROLLER ROMless OR ROM
83C196EA INTEL-83C196EA Datasheet
379Kb / 40P
   CHMOS 16-BIT MICROCONTROLLER
87C196LA INTEL-87C196LA Datasheet
309Kb / 21P
   CHMOS 16-BIT MICROCONTROLLER
80C196EA INTEL-80C196EA Datasheet
445Kb / 46P
   CHMOS 16-BIT MICROCONTROLLER
83C196LC INTEL-83C196LC Datasheet
134Kb / 22P
   CHMOS 16-BIT MICROCONTROLLER
EG80296SA50 INTEL-EG80296SA50 Datasheet
345Kb / 40P
   CHMOS 16-BIT MICROCONTROLLER
87C196CA INTEL-87C196CA Datasheet
453Kb / 33P
   ADVANCED 16-BIT CHMOS MICROCONTROLLER WITH INTEGRATED CAN 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com