Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A10204 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # A10204
Description  GPS antenna designed for embedded applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A10204 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  A10204 Datasheet HTML 1Page - List of Unclassifed Manufacturers A10204 Datasheet HTML 2Page - List of Unclassifed Manufacturers A10204 Datasheet HTML 3Page - List of Unclassifed Manufacturers A10204 Datasheet HTML 4Page - List of Unclassifed Manufacturers A10204 Datasheet HTML 5Page - List of Unclassifed Manufacturers A10204 Datasheet HTML 6Page - List of Unclassifed Manufacturers A10204 Datasheet HTML 7Page - List of Unclassifed Manufacturers A10204 Datasheet HTML 8Page - List of Unclassifed Manufacturers A10204 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Brevis GPS SMD Antenna
Part No. A10204
7.3.2. Active Test Patterns
The typical radiation pattern of the Brevis A10204 GPS antenna has been measured in
Antenova's "Active GPS" chamber, using Antenova's standard RF module based on
SiRFstarIII
GSC3LT IC combined with two stages of Saw Filters.
Integrated Antenna and RF Solutions
5
Product Specification 09MD-0019-2-PS
XZ plane
XY plane
YZ plane
The above plots are CN number in dB.Hz on a scale of 20-50 dB.Hz.


Similar Part No. - A10204

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
A10204M TRIPPLITE-A10204M Datasheet
469Kb / 2P
   Toslink Digital Optical SPDIF Audio Cable, 4M (13-ft.)
More results

Similar Description - A10204

ManufacturerPart #DatasheetDescription
logo
NimbeLink Corp.
CRJKS0010-LNA-G65U NIMBELINK-CRJKS0010-LNA-G65U Datasheet
512Kb / 2P
   CRJKS0010 Embedded GPS Antenna Embedded Ceramic GPS Antenna
logo
TE Connectivity Ltd
956-510-5XX TEC-956-510-5XX Datasheet
315Kb / 2P
   GPS Embedded Antenna
logo
Murata Manufacturing Co...
SF1131B MURATA-SF1131B Datasheet
235Kb / 3P
   Designed for GPS Applications
logo
Tallysman Wireless Inc.
TW1010 TALLYSMAN-TW1010 Datasheet
196Kb / 2P
   Embedded GPS L1 Antenna
TW1320 TALLYSMAN-TW1320 Datasheet
279Kb / 2P
   Embedded GPS/GLONASS Antenna
logo
Murata Manufacturing Co...
SF1186G MURATA-SF1186G Datasheet
868Kb / 6P
   Designed for Front End GPS Applications
logo
Maxtena Inc.
MIA-GPS-15-C MAXTENA-MIA-GPS-15-C Datasheet
1Mb / 3P
   EMBEDDED ACTIVE GPS MICROSTRIP ANTENNA
REV A
MPA-1516 MAXTENA-MPA-1516 Datasheet
206Kb / 1P
   GPS/GLONASS PASSIVE EMBEDDED ANTENNA
MIA-GPS-12-C MAXTENA-MIA-GPS-12-C Datasheet
1Mb / 3P
   Embedded GPS Active Antenna ??12mm
REV A
MIA-GPS-18-C MAXTENA-MIA-GPS-18-C Datasheet
1Mb / 3P
   Embedded GPS Active Antenna ??18mm
REV A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com