Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7524D1PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF7524D1PBF
Description  Co-packaged HEXFET Power
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7524D1PBF Datasheet(HTML) 2 Page - International Rectifier

  IRF7524D1PBF Datasheet HTML 1Page - International Rectifier IRF7524D1PBF Datasheet HTML 2Page - International Rectifier IRF7524D1PBF Datasheet HTML 3Page - International Rectifier IRF7524D1PBF Datasheet HTML 4Page - International Rectifier IRF7524D1PBF Datasheet HTML 5Page - International Rectifier IRF7524D1PBF Datasheet HTML 6Page - International Rectifier IRF7524D1PBF Datasheet HTML 7Page - International Rectifier IRF7524D1PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRF7524D1PbF
2
www.irf.com
MOSFET Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-20
–––
–––
V
VGS = 0V, ID = -250µA
––– 0.17 0.27
VGS = -4.5V, ID = -1.2A
ƒ
––– 0.28 0.40
VGS = -2.7V, ID = -0.60A
ƒ
VGS(th)
Gate Threshold Voltage
-0.70 –––
–––
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
1.3
–––
–––
S
VDS = -10V, ID = -0.60A
––– ––– -1.0
VDS = -16V, VGS = 0V
––– –––
-25
VDS = -16V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
––– ––– -100
VGS = -12V
Gate-to-Source Reverse Leakage
––– –––
100
VGS = 12V
Qg
Total Gate Charge
–––
5.4
8.2
ID = -1.2A
Qgs
Gate-to-Source Charge
––– 0.96 1.4
nC
VDS = -16V
Qgd
Gate-to-Drain ("Miller") Charge
–––
2.4
3.6
VGS = -4.5V, See Fig. 6
ƒ
td(on)
Turn-On Delay Time
–––
9.1
–––
VDD = -10V
tr
Rise Time
–––
35
–––
ID = -1.2A
td(off)
Turn-Off Delay Time
–––
38
–––
RG = 6.0Ω
tf
Fall Time
–––
43
–––
RD = 8.3Ω,
ƒ
Ciss
Input Capacitance
––– 240
–––
VGS = 0V
Coss
Output Capacitance
––– 130
–––
pF
VDS = -15V
Crss
Reverse Transfer Capacitance
–––
64
–––
ƒ = 1.0MHz, See Fig. 5
RDS(on)
Static Drain-to-Source On-Resistance
IDSS
Drain-to-Source Leakage Current
IGSS
µA
nA
ns
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current(Body Diode) –––
––– -1.25
ISM
Pulsed Source Current (Body Diode)
–––
––– -9.6
VSD
Body Diode Forward Voltage
–––
––– -1.2
V
TJ = 25°C, IS = -1.2A, VGS = 0V
trr
Reverse Recovery Time (Body Diode) –––
52
78
ns
TJ = 25°C, IF = -1.2A
Qrr
Reverse Recovery Charge
–––
63
95
nC
di/dt = 100A/µs
ƒ
A
MOSFET Source-Drain Ratings and Characteristics
Parameter
Max. Units
Conditions
IF(av)
Max. Average Forward Current
1.9
50% Duty Cycle. Rectangular Wave, TA = 25°C
1.4
Fig.14
TA = 70°C
ISM
Max. peak one cycle Non-repetitive
120
5µs sine or 3µs Rect. pulse
Following any rated
Surge current
11
10ms sine or 6ms Rect. pulse load condition &
with VRRM applied
A
A
Schottky Diode Maximum Ratings
Parameter
Max. Units
Conditions
VFM
Max. Forward voltage drop
0.50
IF = 1.0A, TJ = 25°C
0.62
IF = 2.0A, TJ = 25°C
0.39
IF = 1.0A, TJ = 125°C
0.57
IF = 2.0A, TJ = 125°C .
IRM
Max. Reverse Leakage current
0.02
VR = 20V
TJ = 25°C
8
TJ = 125°C
Ct
Max. Junction Capacitance
92
pF
VR = 5Vdc ( 100kHz to 1 MHz) 25°C
dv/dt
Max. Voltage Rate of Charge
3600 V/ µs
Rated VR
Schottky Diode Electrical Specifications
V
mA
( HEXFET is the reg. TM for International Rectifier Power MOSFET's )
See


Similar Part No. - IRF7524D1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7524D1PBF IRF-IRF7524D1PBF Datasheet
171Kb / 8P
   Generation 5 Technology
IRF7524D1PBF IRF-IRF7524D1PBF_15 Datasheet
171Kb / 8P
   Generation 5 Technology
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com