Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFJ-50 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # DFJ-50
Description  DFJ - 600Vac/450Vdc, 1-600A High Speed Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

DFJ-50 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  DFJ-50 Datasheet HTML 1Page - Cooper Bussmann, Inc. DFJ-50 Datasheet HTML 2Page - Cooper Bussmann, Inc. DFJ-50 Datasheet HTML 3Page - Cooper Bussmann, Inc. DFJ-50 Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1113
BU-SB131065
Page 2 of 4
Data Sheet # 1048
Drive Fuse Class J
DFJ — 600Vac/450Vdc, 1-600A High Speed Fuse
6.0"
8.0"
(± 0.03)
3.75"
.74"
2.13"
.38"
.53"
2"
450A to
600A
2.5"
7.13"
(± 0.03)
5.25"
3.38"
.58"
1.63"
1.88"
.41"
2.11"
.25"
225A to
400A
5.75"
(± 0.03)
4.38"
3.0"
.43"
1.38"
4.63"
(± 0.03)
3.63"
2.63"
70A to 100A
.28"
.75"
1.13"
.13"
1"
.43"
1.13"
.28"
.19"
1.63"
110A to
200A
2.25˝
0.50˝ 0.81˝
2.38˝
0.63˝ 1.06˝
Dimensions - in
Electrical Characteristics
Catalog
Rated Current I2t (A2 Sec) @ 600Vac/100kA
Watts
Number
Amps
Pre-arc
Clearing
Loss
DFJ-15
15
4
110
4.1
DFJ-20
20
8
365
4.0
DFJ-25
25
12
610
4.9
DFJ-30
30
20
1000
5.5
DFJ-35
35
55
1100
6.8
DFJ-40
40
90
1900
8.6
DFJ-50
50
140
2800
8.7
DFJ-60
60
290
6000
8.5
DFJ-70
70
450
3100
12
DFJ-80
80
650
4600
13
DFJ-90
90
1010
7200
13
DFJ-100
100
1460
10500
13
DFJ-110
110
1710
9500
17
DFJ-125
125
3580
20000
15
DFJ-150
150
5080
28000
19
DFJ-175
175
6310
35000
23
DFJ-200
200
9850
54500
24
DFJ-225
225
11420
51000
29
DFJ-250
250
17000
74500
30
DFJ-300
300
23500
103000
36
DFJ-350
350
38800
170000
39
DFJ-400
400
62200
272000
40
DFJ-450
450
44600
270000
56
DFJ-500
500
79500
480000
52
DFJ-600
600
138000
830000
57


Similar Part No. - DFJ-50

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
DFJ-50 COOPER-DFJ-50 Datasheet
551Kb / 4P
   DFJ Class J high speed fuses
logo
Eaton All Rights Reserv...
DFJ-50 EATON-DFJ-50 Datasheet
1Mb / 4P
   DFJ Class J high speed fuses
logo
Cooper Bussmann, Inc.
DFJ-500 COOPER-DFJ-500 Datasheet
551Kb / 4P
   DFJ Class J high speed fuses
logo
Eaton All Rights Reserv...
DFJ-500 EATON-DFJ-500 Datasheet
1Mb / 4P
   DFJ Class J high speed fuses
More results

Similar Description - DFJ-50

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
DFJ EATON-DFJ Datasheet
1Mb / 4P
   DFJ Class J high speed fuses
logo
Cooper Bussmann, Inc.
DFJ-15 COOPER-DFJ-15_15 Datasheet
551Kb / 4P
   DFJ Class J high speed fuses
KTS-R-6 COOPER-KTS-R-6 Datasheet
217Kb / 3P
   KTS-R-600Vac, 1-600A, Fast-Acting Fuses
logo
Schneider Electric
QMB366W SCHNEIDER-QMB366W Datasheet
87Kb / 2P
   600A 15 Inch 3P 600VAC Fusible Switch
logo
Cooper Bussmann, Inc.
JKS-70 COOPER-JKS-70 Datasheet
219Kb / 3P
   JKS ??600Vac, 70-600A, Fast-Acting Fuses
logo
Littelfuse
L50S LITTELFUSE-L50S Datasheet
696Kb / 7P
   L50S SERIES HIGH-SPEED FUSE
Rev: 082615
L70S LITTELFUSE-L70S Datasheet
721Kb / 7P
   L70S SERIES HIGH-SPEED FUSE
Rev: 021815
logo
DDK Ltd.
DFJ-PC020-S931080D DDK-DFJ-PC020-S931080D Datasheet
273Kb / 4P
   DFJ-PC020-S931080D
logo
Cooper Bussmann, Inc.
KRP-CL-225 COOPER-KRP-CL-225 Datasheet
500Kb / 2P
   KRP-CL 600Vac, 225-600A, time-delay fuses
logo
List of Unclassifed Man...
KRP-CL-225 ETC1-KRP-CL-225 Datasheet
500Kb / 2P
   KRP-CL 600Vac, 225-600A, time-delay fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com