Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFJ-100 Datasheet(PDF) 4 Page - Cooper Bussmann, Inc.

Part # DFJ-100
Description  DFJ - 600Vac/450Vdc, 1-600A High Speed Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

DFJ-100 Datasheet(HTML) 4 Page - Cooper Bussmann, Inc.

  DFJ-100 Datasheet HTML 1Page - Cooper Bussmann, Inc. DFJ-100 Datasheet HTML 2Page - Cooper Bussmann, Inc. DFJ-100 Datasheet HTML 3Page - Cooper Bussmann, Inc. DFJ-100 Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Current-Limitation Curves
DFJ — 600Vac/450Vdc, 1-600A High Speed Fuse
The only controlled copy of this Data Sheet is the electronic read-only version located on the Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is intended
to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change design or construction
of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once a product
has been selected, it should be tested by the user in all possible applications.
1113
BU-SB131065
Page 4 of 4
Data Sheet # 1048
Drive Fuse Class J


Similar Part No. - DFJ-100

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
DFJ-100 COOPER-DFJ-100 Datasheet
551Kb / 4P
   DFJ Class J high speed fuses
logo
Eaton All Rights Reserv...
DFJ-100 EATON-DFJ-100 Datasheet
1Mb / 4P
   DFJ Class J high speed fuses
More results

Similar Description - DFJ-100

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
DFJ EATON-DFJ Datasheet
1Mb / 4P
   DFJ Class J high speed fuses
logo
Cooper Bussmann, Inc.
DFJ-15 COOPER-DFJ-15_15 Datasheet
551Kb / 4P
   DFJ Class J high speed fuses
KTS-R-6 COOPER-KTS-R-6 Datasheet
217Kb / 3P
   KTS-R-600Vac, 1-600A, Fast-Acting Fuses
logo
Schneider Electric
QMB366W SCHNEIDER-QMB366W Datasheet
87Kb / 2P
   600A 15 Inch 3P 600VAC Fusible Switch
logo
Cooper Bussmann, Inc.
JKS-70 COOPER-JKS-70 Datasheet
219Kb / 3P
   JKS ??600Vac, 70-600A, Fast-Acting Fuses
logo
Littelfuse
L50S LITTELFUSE-L50S Datasheet
696Kb / 7P
   L50S SERIES HIGH-SPEED FUSE
Rev: 082615
L70S LITTELFUSE-L70S Datasheet
721Kb / 7P
   L70S SERIES HIGH-SPEED FUSE
Rev: 021815
logo
DDK Ltd.
DFJ-PC020-S931080D DDK-DFJ-PC020-S931080D Datasheet
273Kb / 4P
   DFJ-PC020-S931080D
logo
Cooper Bussmann, Inc.
KRP-CL-225 COOPER-KRP-CL-225 Datasheet
500Kb / 2P
   KRP-CL 600Vac, 225-600A, time-delay fuses
logo
List of Unclassifed Man...
KRP-CL-225 ETC1-KRP-CL-225 Datasheet
500Kb / 2P
   KRP-CL 600Vac, 225-600A, time-delay fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com