Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KLM-110 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # KLM-110
Description  13/32 x 1-1/2 600Vac/dc Fast-acting supplemental fuses
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

KLM-110 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  KLM-110 Datasheet HTML 1Page - Cooper Bussmann, Inc. KLM-110 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data 2020
Effective April 2014
Supersedes April 2010
Description
Fast-acting supplemental fuse.
For superior protection, Bussmann recommends
upgrading to Low-Peak Class CC fuses. See data
sheet # 1023.
For protecting DC photovoltaic systems,
Bussmann recommends using PVM 10x30mm PV
fuses. See data sheet # 10121.
Catalog symbol / color code
KLM - Black (600Vac/dc maximum voltage)
Ratings
Fuse
Amp
Range
Interrupting Rating
at Rated Voltage
Agency
Information
600
Vac
600
Vdc
UL
CSA
1/10 to 30
100kA
50kA
X
X
Electrical characteristics
% of Amp Rating
Opening Time
110%
4 Hours minimum
135%
AC Opens within 1 hour
Agency information
CE, RoHS compliant
UL Listed: Std. 248-14, Guide JDYX,
File E19180
CSA Certified, C22.2 No. 248. 14,
Class 1422-01, File 53787
Catalog numbers (amps)
KLM-1⁄10
KLM-1
KLM-5
KLM-15
KLM-1⁄8
KLM-1-1⁄4
KLM-6
KLM-20
KLM-2⁄10
KLM-1-1⁄2
KLM-7
KLM-25
KLM-1⁄4
KLM-2
KLM-8
KLM-30
KLM-3⁄10
KLM-2-1⁄2
KLM-9
KLM-1⁄2
KLM-3
KLM-10
KLM-3⁄4
KLM-4
KLM-12
Carton quantity
Amps
Qty.
1/10 to 30
10
Features
Color coded for 600Vac/dc
A full range DC supplemental fuse
Melamine tube construction
Nickel-plated brass endcaps.
Typical applications
DC Control circuits requiring fast-acting fuses
PV systems up to 600Vdc
Recommended fuse blocks/fuse holders
Series
Description
Data Sheet #
Blocks
BMM Series
1-, 2- & 3-Pole modular
blocks with optional
covers
10235
BM Series
1-, 2- & 3-Pole blocks
1104
DIN-Rail Holders / Switches
CCP-_-30M
1-, 2- & 3-Pole switch
1157
CHM Series
1-, 2- & 3-Pole
3185
Optima NG
3-Pole protection
module
1109
Optima
3-Pole holder
1102
Optima
3-Pole holder + switch
1103
Panel Mount Holders
HPM & HPM-D
1-Pole holder
2112
HPC-D
1-Pole holder
2109
HPS2
2-Pole holder
2140
HPF, HPF-C &
HPF-WT
1-Pole holder
2114
HPS
1-Pole holder
2113
HPG & HPD
1-Pole holder
2108
In-line Holders
HEB
1-Pole holder
2127
HEX
2-Pole holder
2126
Fuseclips
1A3400, 5956 &
5960 Series
PCB Fuseclips
2132
Fuse Covers
SAMI-7
Finger-safe fuse cover
1204
KLM Series
13⁄32˝ x 1-1⁄2˝ 600Vac/dc Fast-acting supplemental fuses
0.41"
(10.3)
1.5"
(38.1)
Dimensions - in (mm)
600Vac/dc
1 to 30A


Similar Part No. - KLM-110

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
KLM-110 COOPER-KLM-110 Datasheet
391Kb / 2P
   13/32 x 1-1/2 600Vac/dc Fast-acting supplemental fuses
More results

Similar Description - KLM-110

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
KLM-15 COOPER-KLM-15 Datasheet
391Kb / 2P
   13/32 x 1-1/2 600Vac/dc Fast-acting supplemental fuses
KTK-45 COOPER-KTK-45 Datasheet
374Kb / 2P
   13/32 x 1-1/2 600Vac Fast-acting supplemental fuses
logo
Eaton All Rights Reserv...
KLM EATON-KLM Datasheet
318Kb / 2P
   KLM 13??2? x 1-1??? 600Vac/dc fast-acting supplemental fuses
logo
Cooper Bussmann, Inc.
KLM-1 COOPER-KLM-1_15 Datasheet
318Kb / 2P
   KLM 13??2? x 1-1??? 600Vac/dc fast-acting supplemental fuses
KTK-110 COOPER-KTK-110 Datasheet
279Kb / 2P
   KTK 13??2? x 1-1??? 600Vac fast-acting supplemental fuses
logo
Eaton All Rights Reserv...
KTK EATON-KTK Datasheet
279Kb / 2P
   KTK 13??2? x 1-1??? 600Vac fast-acting supplemental fuses
logo
Cooper Bussmann, Inc.
KLM-8 COOPER-KLM-8 Datasheet
391Kb / 2P
   13/32x 1-1/2 600Vac/dc Fast-acting supplemental fuses
logo
Eaton All Rights Reserv...
BBS EATON-BBS Datasheet
376Kb / 2P
   BBS 13??2? x 1-3/8? 600Vac fast-acting supplemental fuses
logo
Cooper Bussmann, Inc.
BBS-11 COOPER-BBS-11 Datasheet
376Kb / 2P
   BBS 13??2? x 1-3/8? 600Vac fast-acting supplemental fuses
BAF-1 COOPER-BAF-1 Datasheet
270Kb / 2P
   BAF 13??2? x 1-1/2? 250Vac fast-acting supplemental fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com