Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU6M Datasheet(PDF) 2 Page - Vishay Siliconix

Part # KBU6M
Description  Single-Phase Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

KBU6M Datasheet(HTML) 2 Page - Vishay Siliconix

  KBU6M Datasheet HTML 1Page - Vishay Siliconix KBU6M Datasheet HTML 2Page - Vishay Siliconix KBU6M Datasheet HTML 3Page - Vishay Siliconix KBU6M Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KBU6A, KBU6B, KBU6D, KBU6G, KBU6J, KBU6K, KBU6M
www.vishay.com
Vishay General Semiconductor
Revision: 23-Jun-14
2
Document Number: 88657
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1)
Thermal resistance from junction to ambient with units in free air, PCB mounted on 0.5" x 0.5" (12 mm x 12 mm) copper pads, 0.375"
(9.5 mm) lead length
(2) Thermal resistance from junction to case with units mounted on a 2.6" x 1.4"x 0.06" thick (6.5 cm x 3.5 cm x 0.15 cm) Al. plate
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Derating Curve Output Rectified Current
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge
Current Per Diode
Fig. 3 - Typical Instantaneous Forward Characteristics Per Diode
Fig. 4 - Typical Reverse Leakage Characteristics Per Diode
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
KBU6A
KBU6B
KBU6D
KBU6G
KBU6J
KBU6K
KBU6M
UNIT
Typical thermal resistance
RJA (1)
8.6
°C/W
RJC (2)
3.1
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
KBU6J-E4/51
8.0
51
250
Anti-static PVC tray
50
100
150
0
2
4
6
0
PCB Mounting, T
A
0.375" (9.5 mm) Lead Length
with 0.5" x 0.5" (12 mm x 12 mm)
Copper Pad Areas
Heatsink Mounting,
T
C, 2.6" x 1.4" x 0.06"
(6.5 cm x 3.5 cm x 1.5 cm)
Al. Plated
Temperature (°C)
10
100
75
100
125
150
175
200
225
250
1
Number of Cycles at 60 Hz
T
J = 150 °C
Single Sine-Wave
1.0 Cycle
0.6
0.7
100
10
1
0.1
0.8
0.9
1.0
1.1
1.2
1.3
Instantaneous Forward Voltage (V)
T
J = 25 °C
Pulse Width = 300 µs
1 % Duty Cycle
0
20
40
60
80
100
0.01
0.1
1
10
100
Percent of Rated Peak Reverse Voltage (%)
T
J = 100 °C
T
J = 25 °C


Similar Part No. - KBU6M

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
KBU6M NJSEMI-KBU6M Datasheet
88Kb / 1P
   SINGLE-PHASE SILICON BRIDGE
logo
Semtech Corporation
KBU6M SEMTECH-KBU6M Datasheet
159Kb / 2P
   4.0A/6.0A/8.0A SINGLE - PHASE SILICON BRIDGE?
logo
Galaxy Semi-Conductor H...
KBU6M BILIN-KBU6M Datasheet
76Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Yea Shin Technology Co....
KBU6M YEASHIN-KBU6M Datasheet
515Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Diotec Semiconductor
KBU6M DIOTEC-KBU6M Datasheet
689Kb / 2P
   Single Phase Bridge Rectifier
More results

Similar Description - KBU6M

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
   Single Phase Rectifier Bridge
VBO55 IXYS-VBO55 Datasheet
57Kb / 1P
   Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
   Single Phase Rectifier Bridge
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
   Single Phase Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
W005M PFS-W005M Datasheet
222Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
BR1005 PFS-BR1005 Datasheet
228Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
MB1505 PFS-MB1505 Datasheet
223Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC8005 PFS-KBPC8005 Datasheet
227Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC2505N PFS-KBPC2505N Datasheet
271Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com