Electronic Components Datasheet Search |
|
NJM2746M-TE1 Datasheet(PDF) 2 Page - New Japan Radio |
|
NJM2746M-TE1 Datasheet(HTML) 2 Page - New Japan Radio |
2 / 6 page NJM2746 - 2 - Ver.2012-10-17 ■ ABSOLUTE MAXIMUM RATINGS PARAMETER SYMBOL RATING UNIT Supply Voltage V + 15 V Common Mode Input Voltage Range VICM 0~15(Note1) V Differential Input Voltage Range VID ±15(Note1) V Power Dissipation PD (DMP8) 300 (SOP8) 300 (SSOP8) 250 (MSOP8(TVSP8)) 320 (ESON8) 360(Note2) (ESON8) 940(Note3) mW Operating Temperature Range Topr -40~+85 ºC Storage Temperature Range Tstg -50~+125 ºC (Note1) For supply voltage less than 15V, the absolute maximum input voltage is equal to the supply voltage. (Note2) Mounted on the EIA/JEDEC standard board (76.2×114.3×1.6mm, 2 layer, FR-4). (Note3) Mounted on the EIA/JEDEC standard board (76.2×114.3×1.6mm, 4 layer, FR-4). ■ OPERATING VOLTAGE (Ta=25˚C) PARAMETER SYMBOL RATING UNIT Supply Voltage V + 2.5~14 V ■ ELECTRICAL CHARACTERISTICS ●DC CHARACTERISTICS (V+=5V,Ta=25˚C) PARAMETER SYMBOL TEST CONDITION MIN. TYP. MAX. UNIT Supply Current Icc RL=∞, VIN=2.5V, No signal - 4 5.5 mA Input Offset Voltage VIO RS≤10kΩ - 1 6 mV Input Bias Current IB - 100 350 nA Input Offset Current IIO - 5 100 nA Voltage Gain Av RL≥10kΩ to 2.5V, Vo=0.5V~4.5V 65 85 - dB Common Mode Rejection Ratio CMR 0V≤VCM≤4V 60 75 - dB Supply Voltage Rejection Ratio SVR V +=2.5V~14V 60 80 - dB VOH RL≥5kΩ to 2.5V 4.75 4.9 - V Maximum Output Voltage VOL RL≥5kΩ to 2.5V - 0.1 0.25 V Common Mode Input Voltage Range VICM CMR≥60dB 0 - 4 V ●AC CHARACTERISTICS (V+=5V,Ta=25˚C) PARAMETER SYMBOL TEST CONDITION MIN. TYP. MAX. UNIT Gain Bandwidth Product GB f=1MHz - 10 - MHz Phase Margin ΦM RL=10kΩ , CL=10pF - 75 - deg Equivalent Input Noise Voltage VNI f=1kHz , VCM=2.5V - 10 - nV/√Hz Total Harmonic Distortion THD f=1kHz , AV=+2, RL=10kΩ to 2.5V , Vo=1.5Vrms - 0.001 - % Channel Separation CS f=1kHz, RL=10kΩ to 2.5V , Vo=1.5Vrms - 120 - dB ●AC CHARACTERISTICS (V+=5V,Ta=25˚C) PARAMETER SYMBOL TEST CONDITION MIN. TYP. MAX. UNIT Slew Rate(Note4) SR AV=1, VIN=2Vpp RL=10kΩ to 2.5V, CL=10pF to 2.5V - 3.5 - V/µs (Note4) Number specified is the slower of the positive and negative slew rates. |
Similar Part No. - NJM2746M-TE1 |
|
Similar Description - NJM2746M-TE1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |