Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA1914TE Datasheet(PDF) 4 Page - NEC

Part # UPA1914TE
Description  P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA1914TE Datasheet(HTML) 4 Page - NEC

  UPA1914TE Datasheet HTML 1Page - NEC UPA1914TE Datasheet HTML 2Page - NEC UPA1914TE Datasheet HTML 3Page - NEC UPA1914TE Datasheet HTML 4Page - NEC UPA1914TE Datasheet HTML 5Page - NEC UPA1914TE Datasheet HTML 6Page - NEC UPA1914TE Datasheet HTML 7Page - NEC UPA1914TE Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet D13810EJ1V0DS00
4
µµµµPA1914
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
−1
−0.1
−0.01
−10
−100
ID - Drain Current - A
40
TA = 125˚C
TA = 75˚C
TA =
25˚C
TA = 25˚C
60
100
80
120
VGS =
4.0 V
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
−1
−0.1
−0.01
−10
−100
ID - Drain Current - A
40
TA = 125˚C
TA = 75˚C
TA =
25˚C
TA = 25˚C
60
80
100
VGS =
4.5 V
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
−1
−0.1
−0.01
−10
−100
ID - Drain Current - A
30
TA = 125˚C
TA = 75˚C
TA =
25˚C
TA = 25˚C
40
60
50
70
VGS =
10 V
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature -˚C
ID =
−2.5 A
−50
0
50
100
150
20
60
40
100
80
VGS =
10 V
VGS =
4.0 V
VGS =
4.5 V
0
20
60
40
80
100
4
8
16
20
12
VGS - Gate to Source Voltage - V
ID =
2.5 A
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
CAPACITANCE vs. DRAIN TO
SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
10
−0.1
100
1000
10000
−1
−10
−100
f = 1 MHz
VGS = 0V
Ciss
Crss
Coss


Similar Part No. - UPA1914TE

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
UPA1914TE VBSEMI-UPA1914TE Datasheet
457Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - UPA1914TE

ManufacturerPart #DatasheetDescription
logo
NEC
UPA1916 NEC-UPA1916 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA653TT NEC-UPA653TT Datasheet
70Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA678TB NEC-UPA678TB Datasheet
60Kb / 6P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ557 NEC-2SJ557 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1915 NEC-UPA1915 Datasheet
66Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1856 NEC-UPA1856 Datasheet
77Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1815 RENESAS-PA1815_15 Datasheet
200Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1856 RENESAS-PA1856_15 Datasheet
208Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1913 RENESAS-PA1913_15 Datasheet
202Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1914 RENESAS-PA1914_15 Datasheet
201Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ648 RENESAS-2SJ648_15 Datasheet
269Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com