Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B44066R7 Datasheet(PDF) 6 Page - TDK Electronics

Part # B44066R7
Description  Film Capacitors ??Power Factor Correction
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B44066R7 Datasheet(HTML) 6 Page - TDK Electronics

  B44066R7 Datasheet HTML 1Page - TDK Electronics B44066R7 Datasheet HTML 2Page - TDK Electronics B44066R7 Datasheet HTML 3Page - TDK Electronics B44066R7 Datasheet HTML 4Page - TDK Electronics B44066R7 Datasheet HTML 5Page - TDK Electronics B44066R7 Datasheet HTML 6Page - TDK Electronics B44066R7 Datasheet HTML 7Page - TDK Electronics B44066R7 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Film Capacitors – Power Factor Correction
B44066R7xxxE230
Power Factor Controller
BR7000
FILM P PM LMP
March 2012
Please read Cautions and warnings and
Page 6 of 8
Important notes at the end of this document.
Display/Display functions
Display of grid parameters
As real value/in %/as bar graph
3-phase
cos φ, V, I, f, Q, P, S, Q, THD-V, THD-I
Large display of 3 grid parameters
selection in display editor
Oscilloscope mode
available
Precision
current/voltage: 1%
active, reactive, apparent power: 2%
Integrated auxiliary function
context depending, plain text
Storage function
Storage of maximum values
Storage of minimum values
voltage, current, active, reactive and apparent power,
temperature, THD-V, THD-I
voltage
Storage of switching operations
each output, separately re-settable
Storage of operation time
each capacitor, separately re-settable
Error storage
error register in plain text with time stamp
Temperature monitoring
automatic switching off of steps
Temperature measuring range
–30 … +100 °C
Interface
2 independent isolated interfaces
RS485 (MODBUS RTU, system interface)
Grid measuring-, analysis- and
parameterization software
for PC, included in the extend of delivery
External input
230 V AC, isolated
2. target cos φ
via external input or event driven
Casing
panel-mounted instrument
DIN 43 700, 144 × 144 × 60 mm
Weight
1 kg
Operating ambient temperature
BR7000
BR7000-HD
–20 … +60 °C
–40 … + 60 °C
Protection class accord. DIN 40 050
front: IP54, rear: IP20
Safety standards
IEC 61010-1:2001, EN61010-1:2001
Interference resistance
EN50082-1:1995
EMV resistance
IEC61000-4-2:8kV
IEC61000-4-4:4kV
Ordering codes
BR7000
BR7000-HD
B44066R7415E230
B44066R7515E230


Similar Part No. - B44066R7

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B44066R7012E230 TDK-B44066R7012E230 Datasheet
407Kb / 6P
   Film Capacitors ??Power Factor Correction
B44066R7112E230 TDK-B44066R7112E230 Datasheet
407Kb / 6P
   Film Capacitors ??Power Factor Correction
B44066R7412E230 TDK-B44066R7412E230 Datasheet
385Kb / 6P
   Film Capacitors ??Power Factor Correction
logo
EPCOS
B44066R7415E230 EPCOS-B44066R7415E230 Datasheet
390Kb / 7P
   Film capacitors - Power Factor Correction
logo
TDK Electronics
B44066R7612E230 TDK-B44066R7612E230 Datasheet
385Kb / 6P
   Film Capacitors ??Power Factor Correction
More results

Similar Description - B44066R7

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32344E4071A540 TDK-B32344E4071A540 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32364 TDK-B32364 Datasheet
272Kb / 9P
   Film Capacitors - Power Factor Correction
B25667C3147A375 TDK-B25667C3147A375 Datasheet
168Kb / 10P
   Film Capacitors ??Power Factor Correction
B32344E4071A580 TDK-B32344E4071A580 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4072A580 TDK-B32344E4072A580 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4102A000 TDK-B32344E4102A000 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B25673A0122A500 TDK-B25673A0122A500 Datasheet
195Kb / 10P
   Film Capacitors - Power Factor Correction
B44066D7075M400 TDK-B44066D7075M400 Datasheet
77Kb / 5P
   Film Capacitors - Power Factor Correction
B25671A5002A520 TDK-B25671A5002A520 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5032A020 TDK-B25671A5032A020 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5127A375 TDK-B25671A5127A375 Datasheet
128Kb / 8P
   Film Capacitors ??Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com