Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8XC196NP Datasheet(PDF) 9 Page - Intel Corporation

Part # 8XC196NP
Description  COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8XC196NP Datasheet(HTML) 9 Page - Intel Corporation

Back Button 8XC196NP Datasheet HTML 5Page - Intel Corporation 8XC196NP Datasheet HTML 6Page - Intel Corporation 8XC196NP Datasheet HTML 7Page - Intel Corporation 8XC196NP Datasheet HTML 8Page - Intel Corporation 8XC196NP Datasheet HTML 9Page - Intel Corporation 8XC196NP Datasheet HTML 10Page - Intel Corporation 8XC196NP Datasheet HTML 11Page - Intel Corporation 8XC196NP Datasheet HTML 12Page - Intel Corporation 8XC196NP Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
8XC196NP COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
9
Table 6. 8XC196NP 100-pin QFP Pin Assignment
Pin
Name
Pin
Name
Pin
Name
Pin
Name
1
AD0
26
EXTINT2/P3.6
51
HOLD#/P2.5
76
RD#
2
No Connection
27
No Connection
52
HLDA#/P2.6
77
WR#/WRL#
3
RESET#
28
EXTINT3/P3.7
53
No Connection
78
EPORT.3/A19
4
NMI
29
EPA0/P1.0
54
CLKOUT/P2.7
79
EPORT.2/A18
5EA#
30
V
CC
55
V
SS
80
V
SS
6
A0
31
EPA1/P1.1
56
XTAL2
81
V
CC
7
A1
32
EPA2/P1.2
57
XTAL1
82
EPORT.1/A17
8V
CC
33
EPA3/P1.3
58
V
SS
83
EPORT.0/A16
9V
SS
34
T1CLK/P1.4
59
A15
84
AD15
10
A2
35
T1DIR/P1.5
60
A14
85
AD14
11
A3
36
V
CC
61
A13
86
AD13
12
A4
37
T2CLK/P1.6
62
A12
87
AD12
13
A5
38
V
SS
63
A11
88
AD11
14
A6
39
T2DIR/P1.7
64
A10
89
AD10
15
A7
40
PWM0/P4.0
65
A9
90
AD9
16
V
CC
41
PWM1/P4.1
66
A8
91
V
SS
17
V
SS
42
PWM2/P4.2
67
V
SS
92
AD8
18
No Connection
43
P4.3
68
V
CC
93
V
CC
19
CS0#/P3.0
44
V
CC
69
V
SS
94
AD7
20
CS1#/P3.1
45
V
SS
70
ONCE
95
AD6
21
CS2#/P3.2
46
TXD/P2.0
71
RPD
96
AD5
22
CS3#/P3.3
47
RXD/P2.1
72
READY
97
AD4
23
V
SS
48
EXTINT0/P2.2
73
INST
98
AD3
24
CS4#/P3.4
49
BREQ#/P2.3
74
ALE
99
AD2
25
CS5#/P3.5
50
EXTINT1/P2.4
75
BHE#/WRH#
100
AD1


Similar Part No. - 8XC196NP

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC196NT INTEL-8XC196NT Datasheet
485Kb / 31P
   CHMOS MICROCONTROLLER WITH 1 MBYTE LINEAR ADDRESS SPACE
8XC196NT INTEL-8XC196NT Datasheet
565Kb / 31P
   CHMOS MICROCONTROLLER WITH 1 MBYTE LINEAR ADDRESS SPACE
8XC196NU INTEL-8XC196NU Datasheet
331Kb / 43P
   8XC196NU COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
More results

Similar Description - 8XC196NP

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XL196NP INTEL-8XL196NP Datasheet
581Kb / 34P
   COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
EG80C196NP25 INTEL-EG80C196NP25 Datasheet
607Kb / 51P
   COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
8XC196NU INTEL-8XC196NU Datasheet
331Kb / 43P
   8XC196NU COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
80296SA INTEL-80296SA Datasheet
349Kb / 40P
   80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
S80296SA40 INTEL-S80296SA40 Datasheet
345Kb / 40P
   80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
S80296SA50 INTEL-S80296SA50 Datasheet
345Kb / 40P
   80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
S80C196NU40 INTEL-S80C196NU40 Datasheet
3Mb / 43P
   8XC196NU COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
87C196LB INTEL-87C196LB Datasheet
463Kb / 19P
   CHMOS 16-BIT MICROCONTROLLER
88CO196EC INTEL-88CO196EC Datasheet
660Kb / 44P
   CHMOS 16-Bit Microcontroller
83C196EA INTEL-83C196EA Datasheet
379Kb / 40P
   CHMOS 16-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com