Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8XC196NT Datasheet(PDF) 3 Page - Intel Corporation

Part # 8XC196NT
Description  CHMOS MICROCONTROLLER WITH 1 MBYTE LINEAR ADDRESS SPACE
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8XC196NT Datasheet(HTML) 3 Page - Intel Corporation

  8XC196NT Datasheet HTML 1Page - Intel Corporation 8XC196NT Datasheet HTML 2Page - Intel Corporation 8XC196NT Datasheet HTML 3Page - Intel Corporation 8XC196NT Datasheet HTML 4Page - Intel Corporation 8XC196NT Datasheet HTML 5Page - Intel Corporation 8XC196NT Datasheet HTML 6Page - Intel Corporation 8XC196NT Datasheet HTML 7Page - Intel Corporation 8XC196NT Datasheet HTML 8Page - Intel Corporation 8XC196NT Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
8XC196NT
8XC196NT Memory Map
Address
Description
(Note 7)
FFFFFFH
External Memory
FFA000H
FF9FFFH
Internal OTPROM or External Memory (Determined by EA Pin)
FF2080H
RESET at FF2080H
FF207FH
Reserved Memory (Internal OTPROM or External Memory)
FF2000H
(Determined by EA Pin)
FF1FFFH
External Memory
FF0600H
FF05FFH
Internal RAM (Identically Mapped into 00400H – 005FFH)
FF0400H
FF03FFH
External Memory
FF0100H
FF00FFH
Reserved for ICE
FF0000H
FEFFFFH
External Memory for future devices
100000H
FFFFFH
984 Kbytes External Memory
00A000H
009FFFH
Internal OTPROM or External Memory (Note 1)
002080H
00207FH
Reserved Memory (Internal OTPROM or External Memory)
002000H
(Notes 1 3 and 6)
001FFFH
Memory Mapped Special Function Registers (SFR’s)
001FE0H
001FDFH
Internal Special Function Registers (SFR’s) (Note 5)
001F00H
001EFFH
External Memory
000600H
0005FFH
Internal RAM
000400H
(Address with Indirect or Indexed Modes)
0003FFH
Upper Register File (Address with Indirect or
Register RAM
Indexed Modes or through Windows) (Note 2)
000100H
*
0000FFH
Register RAM
Lower Register File
000018H
(Address with Direct
000017H
CPU SFR’s
Indirect or Indexed
000000H
*
Modes) (Notes 2 4)
NOTES
1 These areas are mapped internal OTPROM if the REMAP bit (CCB22) is set and EA e 5V Otherwise they are external
memory
2 Code executed in locations 00000H to 003FFH will be forced external
3 Reserved memory locations must contain 0FFH unless noted
4 Reserved SFR bit locations must be written with 0
5 Refer to 8XC196NT User’s Guide and Quick Reference for SFR descriptions
6 WARNING The contents or functions of reserved memory locations may change with future revisions of the device
Therefore a program that relies on one or more of these locations may not function properly
7 The 8XC196NT internally uses 24 bit address but only 20 address lines are bonded out allowing 1 Mbyte external
address space
3


Similar Part No. - 8XC196NT

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC196NT INTEL-8XC196NT Datasheet
565Kb / 31P
   CHMOS MICROCONTROLLER WITH 1 MBYTE LINEAR ADDRESS SPACE
More results

Similar Description - 8XC196NT

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
EN80C196NT INTEL-EN80C196NT Datasheet
565Kb / 31P
   CHMOS MICROCONTROLLER WITH 1 MBYTE LINEAR ADDRESS SPACE
87C196NT INTEL-87C196NT Datasheet
1Mb / 31P
   CHMOS MICROCONTROLLER WITH 1 MBYTE LINER ADDRESS SPACE
87C196KD20 INTEL-87C196KD20 Datasheet
1Mb / 25P
   COMMERCIAL CHMOS MICROCONTROLLER
8XC196KD INTEL-8XC196KD Datasheet
383Kb / 25P
   COMMERCIAL CHMOS MICROCONTROLLER
EE87C196KDH20 INTEL-EE87C196KDH20 Datasheet
1Mb / 25P
   COMMERCIAL CHMOS MICROCONTROLLER
80C196KT INTEL-80C196KT Datasheet
1Mb / 31P
   COMMERCIAL CHMOS MICROCONTROLLER
87C196LB INTEL-87C196LB Datasheet
463Kb / 19P
   CHMOS 16-BIT MICROCONTROLLER
87C196KB INTEL-87C196KB Datasheet
1Mb / 22P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
88CO196EC INTEL-88CO196EC Datasheet
660Kb / 44P
   CHMOS 16-Bit Microcontroller
80C196KC INTEL-80C196KC Datasheet
322Kb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com