Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN4R1-30YLC Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PSMN4R1-30YLC
Description  NextPower MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN4R1-30YLC Datasheet(HTML) 8 Page - NXP Semiconductors

  PSMN4R1-30YLC Datasheet HTML 1Page - NXP Semiconductors PSMN4R1-30YLC Datasheet HTML 2Page - NXP Semiconductors PSMN4R1-30YLC Datasheet HTML 3Page - NXP Semiconductors PSMN4R1-30YLC Datasheet HTML 4Page - NXP Semiconductors PSMN4R1-30YLC Datasheet HTML 5Page - NXP Semiconductors PSMN4R1-30YLC Datasheet HTML 6Page - NXP Semiconductors PSMN4R1-30YLC Datasheet HTML 7Page - NXP Semiconductors PSMN4R1-30YLC Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
© 2011 NXP Semiconductors N.V.
All rights reserved. Reproduction in whole or in part is prohibited without the prior written consent of the
copyright owner. The information presented in this document does not form part of any quotation or contract,
is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by
the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under
patent- or other industrial or intellectual property rights.
www.nxp.com
Date of release: May 2011
Document order number: 9397 750 17100
Printed in the Netherlands


Similar Part No. - PSMN4R1-30YLC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN4R1-30YLC PHILIPS-PSMN4R1-30YLC Datasheet
1Mb / 8P
   NextPower 25 V & 30 V MOSFETs in LFPAK(Power-SO8)
May 2011
logo
Nexperia B.V. All right...
PSMN4R1-30YLC NEXPERIA-PSMN4R1-30YLC Datasheet
750Kb / 14P
   N-channel 30 V 4.35mΩ logic level MOSFET in LFPAK using NextPower technology
12 February 2013
logo
NXP Semiconductors
PSMN4R1-30YLC PHILIPS-PSMN4R1-30YLC_15 Datasheet
323Kb / 14P
   N-channel 30 V 4.35m廓 logic level MOSFET in LFPAK using NextPower technology
12 February 2013
More results

Similar Description - PSMN4R1-30YLC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN3R8-30LL PHILIPS-PSMN3R8-30LL Datasheet
1Mb / 8P
   NextPower 25 V & 30 V MOSFETs in LFPAK(Power-SO8)
May 2011
PSMN1R5-40PS PHILIPS-PSMN1R5-40PS Datasheet
1Mb / 8P
   NextPower 25 V & 30 V MOSFETs in LFPAK(Power-SO8)
May 2011
logo
Hubbell Incorporated.
PREMISE_C5ELPRR HUBBELL-PREMISE_C5ELPRR Datasheet
495Kb / 1P
   NEXTPOWER CATEGORY 5E 4PPoE
PREMISE_C5ELPPGY HUBBELL-PREMISE_C5ELPPGY Datasheet
493Kb / 1P
   NEXTPOWER CATEGORY 5E 4PPoE
PREMISE_C5ELPPGN HUBBELL-PREMISE_C5ELPPGN Datasheet
495Kb / 1P
   NEXTPOWER CATEGORY 5E 4PPoE
PREMISE_C5ELPPBK HUBBELL-PREMISE_C5ELPPBK Datasheet
486Kb / 1P
   NEXTPOWER CATEGORY 5E 4PPoE
PREMISE_C5ELPRW HUBBELL-PREMISE_C5ELPRW Datasheet
597Kb / 1P
   NextPower Catrgory 5E 4PPoE
PREMISE_C5ELPRP HUBBELL-PREMISE_C5ELPRP Datasheet
495Kb / 1P
   NEXTPOWER CATEGORY 5E 4PPoE
PREMISE_C5ELPPV HUBBELL-PREMISE_C5ELPPV Datasheet
402Kb / 1P
   NextPower Catrgory 5E 4PPoE
PREMISE_C5ELPPLG HUBBELL-PREMISE_C5ELPPLG Datasheet
495Kb / 1P
   NEXTPOWER CATEGORY 5E 4PPoE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com