Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN3 Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # IN3
Description  SEVEN DARLINGTON ARRAYS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

IN3 Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  IN3 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd IN3 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd IN3 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd IN3 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd IN3 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd IN3 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd IN3 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
双 极电路
CS2003CP
版本:
2007-11-A
无 锡华润 矽科 微电子 有限 公司
2 页 共 9 页
3、电特性
3. 1、极限参数
除非另有规定,
Tamb= 25℃
参数
符号
范围
单位
连续输出电压
VCE (SUS)
-0.5~50
V
输出电流
IOUT
500
mA/ch
输入电压
VIN
-0.5~30
V
钳位二极管反向电压
VR
50
V
钳位二极管正向电流
IF
500
mA
DIP16
1.47
功率损耗
SOP16
PD
0.54/0.625(注)
W
工作温度范围
Topr
-40~85
存储温度
Tstg
-55~150
注:安装在
30mm×30mm×1.6mm 50%铜的环氧树脂板上。
3. 2、推荐使用条件
Tamb=-40~85℃
规 范 值
参 数 名 称
符 号
使 用 条 件
最小
典型
最大
单 位
输出保持电压
VCE (SUS)
0
-
50
V
占空比为
10%
0
370
输出电流
IOUT
Tpw=25ms
7 通道
Tamb=85℃
Tj=120℃
占空比为
50%
0
130
mA
输入电压
VIN
0
24
V
输入电压
(输出开)
VIN (ON)
IOUT =400mA
hFE =800
2.8
24
V
输入电压
(输出关)
VIN (OFF)
0
0.7
V
钳位二极管
反向电压
VR
50
V
钳位二极管
正向电流
IF
Tamb=85℃
350
mA
功率损耗
PD
Tamb=85℃(注)
0.76
W
注:安装在
30mm×30mm×1.6mm 50%铜的环氧树脂板上。
ULN2003AN/ADR
7


Similar Part No. - IN3

ManufacturerPart #DatasheetDescription
logo
SICK AG
IN30-E0208K SICK-IN30-E0208K Datasheet
441Kb / 5P
   NON-CONTACT SAFETY SWITCHES
IN30-E0305K SICK-IN30-E0305K Datasheet
394Kb / 5P
   NON-CONTACT SAFETY SWITCHES
IN30-E0306K SICK-IN30-E0306K Datasheet
394Kb / 5P
   NON-CONTACT SAFETY SWITCHES
IN30-E0407K SICK-IN30-E0407K Datasheet
365Kb / 5P
   NON-CONTACT SAFETY SWITCHES
logo
Advanced Energy Industr...
IN300 ADVANCEDENERGY-IN300 Datasheet
335Kb / 4P
   IMPAC IN 300
More results

Similar Description - IN3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ULN2003A STMICROELECTRONICS-ULN2003A Datasheet
326Kb / 8P
   SEVEN DARLINGTON ARRAYS
logo
Unisonic Technologies
UTCULN2003 UTC-UTCULN2003 Datasheet
485Kb / 7P
   SEVEN DARLINGTON ARRAYS
logo
STMicroelectronics
ULN2000 STMICROELECTRONICS-ULN2000 Datasheet
240Kb / 8P
   SEVEN DARLINGTON ARRAYS
February 2002
ULN200X STMICROELECTRONICS-ULN200X Datasheet
75Kb / 8P
   SEVEN DARLINGTON ARRAYS
ULQ2001 STMICROELECTRONICS-ULQ2001 Datasheet
300Kb / 7P
   SEVEN DARLINGTON ARRAYS
ULN2001A-ULN2002A STMICROELECTRONICS-ULN2001A-ULN2002A Datasheet
62Kb / 8P
   SEVEN DARLINGTON ARRAYS
logo
Tiger Electronic Co.,Lt...
ULN2003 TGS-ULN2003 Datasheet
671Kb / 7P
   SEVEN DARLINGTON ARRAYS
ULN2003AN TGS-ULN2003AN_19 Datasheet
686Kb / 8P
   SEVEN DARLINGTON ARRAYS
logo
STMicroelectronics
L603 STMICROELECTRONICS-L603 Datasheet
63Kb / 4P
   DARLINGTON ARRAYS
L601-L603 STMICROELECTRONICS-L601-L603 Datasheet
59Kb / 5P
   DARLINGTON ARRAYS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com