Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBG24 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # SMBG24
Description  SURFACE MOUNT 600 Watt Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SMBG24 Datasheet(HTML) 1 Page - Microsemi Corporation

  SMBG24 Datasheet HTML 1Page - Microsemi Corporation SMBG24 Datasheet HTML 2Page - Microsemi Corporation SMBG24 Datasheet HTML 3Page - Microsemi Corporation SMBG24 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SURFACE MOUNT 600 Watt
Transient Voltage Suppressor
S C O T TS DALE DIVISION
SMBJ5.0 thru SMBJ170A, CA, e3
and SMBG5.0 thru SMBG170A, CA, e3
DESCRIPTION
APPEARANCE
This SMBJ5.0-170A or SMBG5.0-170A series of surface mount 600 W
Transient Voltage Suppressors (TVSs) protects a variety of voltage-sensitive
components from destruction or degradation. It is available in J-bend design
(SMBJ) with the DO-214AA package for greater PC board mounting density or
in a Gull-wing design (SMBG) in the DO-215AA for visible solder connections.
It is also available in both unidirectional and bidirectional configurations with a
C or CA suffix part number as well as RoHS Compliant with an e3 suffix. Their
response time is virtually instantaneous. As a result, they can be used for
protection from ESD or EFT per IEC61000-4-2 and IEC61000-4-4, or for
inductive switching environments and induced RF protection. They can also
protect from secondary lightning effects per IEC61000-4-5 and class levels
defined herein. Microsemi also offers numerous other TVS products to meet
higher and lower power demands and special applications.
NOTE: All SMB series are
equivalent to prior SMS package
identifications.
IMPORTANT:
For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
• Available in both unidirectional and bidirectional
construction (add C or CA suffix for bidirectional)
• Selections for 5.0 to 170 volts standoff voltages (VWM)
• Optional 100% screening for avionics grade is available
by adding MA prefix to part number for 100% temperature
cycle -55
oC to +125oC (10X) as well as surge (3X) and 24
hours HTRB with post test VZ & IR (in operating direction
for unidirectional or both directions for bidirectional)
• Options for screening in accordance with MIL-PRF-19500
for JANTX are available by adding MX prefix to the part
number.
• Axial-lead equivalent packages for thru-hole mounting
available as P6KE6.8 to P6KE200CA (consult factory for
other surface mount options)
Moisture classification is Level 1 with no dry pack required
per IPC/JEDEC J-STD-020B
RoHS compliant devices available by adding an “e3” suffix
Economical surface mount design in both J-bend or
Gull-wing terminations
Protects sensitive components such as IC’s, CMOS,
Bipolar, BiCMOS, ECL, DTL, T
2L, etc.
Protection from switching transients & induced RF
Compliant to IEC61000-4-2 and IEC61000-4-4 for
ESD and EFT protection respectively
Secondary lightning protection per IEC61000-4-5 with
42 Ohms source impedance:
Class 1: SMB 5.0 to SMB 120A or CA
Class 2: SMB 5.0 to SMB 60A or CA
Class 3: SMB 5.0 to SMB 30A or CA
Class 4: SMB 5.0 to SMB 15A or CA
Secondary lightning protection per IEC61000-4-5 with
12 Ohms source impedance:
Class 1: SMB 5.0 to SMB 36A or CA
Class 2: SMB 5.0 to SMB 18A or CA
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
• Peak Pulse Power dissipation at 25ºC: 600 watts at
10/1000 μs (also see Fig 1,2, and 3).
• Impulse repetition rate (duty factor): 0.01%
• tclamping (0 volts to V(BR) min.): < 100 ps theoretical for
unidirectional and < 5 ns for bidirectional
• Operating and Storage temperature: -65ºC to +150ºC
• Thermal resistance: 25 ºC/W junction to lead, or 90ºC/W
junction to ambient when mounted on FR4 PC board (1oz
Cu) with recommended footprint (see last page)
• Steady-State Power dissipation: 5 watts at TL = 25oC, or
1.38 watts at TA = 25
ºC when mounted on FR4 PC board
with recommended footprint
• Forward Surge at 25ºC: 100 Amps peak impulse of 8.3
ms half-sine wave (unidirectional only)
• Solder temperatures: 260 ºC for 10 s (maximum)
CASE: Void-free transfer molded thermosetting
epoxy body meeting UL94V-0
TERMINALS: Gull-wing or C-bend (modified J-bend)
tin-lead or RoHS compliant annealed matte-tin plating
solderable per MIL-STD-750, method 2026
POLARITY: Cathode indicated by band. No marking
on bi-directional devices
MARKING: Part number without standard prefix (e.g.
5.0, 5.0A, 5.0CA, 5.0Ae3, 36, MX36A, 36CAe3, etc.)
TAPE & REEL option: Standard per EIA-481-1-A with
12 mm tape, 750 per 7 inch reel or 2500 per 13 inch
reel (add “TR” suffix to part number)
WEIGHT: 0.1 grams
See package dimension on last page
Microsemi
Scottsdale Division
Page 1
Copyright
© 2009
SA3-37, REV J, 5-24-2009
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503


Similar Part No. - SMBG24

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SMBG24 GE-SMBG24 Datasheet
77Kb / 4P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMBG24 MICROSEMI-SMBG24 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBG24 MICROSEMI-SMBG24 Datasheet
139Kb / 3P
   UNI- AMD BI-DIRECTIONAL SURFACE MOUNT
SMBG24 MICROSEMI-SMBG24 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBG24 MICROSEMI-SMBG24 Datasheet
209Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
More results

Similar Description - SMBG24

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SMBJ20AE3 MICROSEMI-SMBJ20AE3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ100CAE3 MICROSEMI-SMBJ100CAE3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ13CAE3 MICROSEMI-SMBJ13CAE3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ58AE3 MICROSEMI-SMBJ58AE3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBG18A MICROSEMI-SMBG18A Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ26CAE3 MICROSEMI-SMBJ26CAE3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ51E3 MICROSEMI-SMBJ51E3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBG28CA MICROSEMI-SMBG28CA Datasheet
209Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ15CAE3 MICROSEMI-SMBJ15CAE3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ43CAE3 MICROSEMI-SMBJ43CAE3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com