Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V20E625L3T7 Datasheet(PDF) 7 Page - Littelfuse

Part # V20E625L3T7
Description  Radial Lead Varistors UltraMOVTM Series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V20E625L3T7 Datasheet(HTML) 7 Page - Littelfuse

Back Button V20E625L3T7 Datasheet HTML 3Page - Littelfuse V20E625L3T7 Datasheet HTML 4Page - Littelfuse V20E625L3T7 Datasheet HTML 5Page - Littelfuse V20E625L3T7 Datasheet HTML 6Page - Littelfuse V20E625L3T7 Datasheet HTML 7Page - Littelfuse V20E625L3T7 Datasheet HTML 8Page - Littelfuse V20E625L3T7 Datasheet HTML 9Page - Littelfuse V20E625L3T7 Datasheet HTML 10Page - Littelfuse V20E625L3T7 Datasheet HTML 11Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
© 2014 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/12/14
Varistor Products
Radial Lead Varistors > UltraMOVTM Series
Phenolic Coating Option -- UltraMOV™ Series Varistors for Hi-Temperature Operating Conditions:
• PhenolicCoatedUltraMOV™Seriesdevicesareavailablewith
improved maximum operating temperature 125°C.
• Thesedevicesalsohaveimprovedtemperaturecyclingperformancecapability.
• RatingsandSpecificationsareasperstandardUltraMOV™Series
except Hi–Pot Encapsulation (Isolation Voltage Capability) = 500V.
• PhenolicCoatingisHALOGENFREE.Toorder:change'E'(Epoxy
coating)inpartnumberto'P'(Phenoliccoating;e.g.V20P230)
• SeePartNumberingSystemsectionofthisseriesformoreinformation.
• Contactfactoryforfurtherdetails.
• Productmarking:
Wave Solder Profile
0
50
100
150
200
250
300
00.5
11.5
22.5
33.5
4
TIME(MINUTES)
Maximum Wave 240C
Lead–free Profile
0
50
100
150
200
250
300
00.5
11.5
22.5
33.5
4
TIME(MINUTES)
Maximum Wave 260C
Non Lead–free Profile
Operating/Storage
Temperature
-55°C to +85°C/-55°C to +125°C
Humidity Aging
+85°C, 85% RH, 1000 hours
+/-10% typical voltage change
Thermal Shock
+85°C to -40°C 5 times
+/-10% typical voltage change
Solvent Resistance
MIL–STD–202,Method215F
Moisture Sensitivity
Level1,J–STD–020C
Lead Material
Copper Clad Steel Wire
Soldering
Characteristics
SolderabilityperMIL–STD–202,
Method 208E
Insulating Material
Cured, flame retardant epoxy polymer
meets UL94V–0 requirements
Device Labeling
Marked with LF, voltage, UL/CSA logos,
and date code
Physical Specifications
Environmental Specifications
Figure 11
Figure 12
LF 9
P20P230
YYWW
Phenolic Coated
Option
Identifier
Lead-Free,
Halogen-Free
& RoHS Compliant
Indicator


Similar Part No. - V20E625L3T7

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V20E625 LITTELFUSE-V20E625 Datasheet
1Mb / 12P
   Varistor Products - High Surge Current, Radial Lead
V20E625P LITTELFUSE-V20E625P Datasheet
1Mb / 12P
   Varistor Products - High Surge Current, Radial Lead
V20E625P LITTELFUSE-V20E625P Datasheet
784Kb / 11P
   Radial Lead Varistors
V20E625P LITTELFUSE-V20E625P Datasheet
784Kb / 11P
   UltraMOV Varistor Series
V20E625P LITTELFUSE-V20E625P Datasheet
784Kb / 11P
   UltraMOV??Varistor Series
More results

Similar Description - V20E625L3T7

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V20E550PL4B7 LITTELFUSE-V20E550PL4B7 Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
V20E420L4B7 LITTELFUSE-V20E420L4B7 Datasheet
1,011Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
V20E275PL1T7 LITTELFUSE-V20E275PL1T7 Datasheet
2Mb / 16P
   Radial Lead Varistors UltraMOVTM Series
V20E550PL1T7 LITTELFUSE-V20E550PL1T7 Datasheet
426Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
V8ZA05P LITTELFUSE-V8ZA05P_10 Datasheet
825Kb / 13P
   Radial Lead Varistors
V130LA5CP LITTELFUSE-V130LA5CP Datasheet
1Mb / 10P
   Radial Lead Varistors
V07E130P LITTELFUSE-V07E130P_10 Datasheet
784Kb / 11P
   Radial Lead Varistors
V130LA1P LITTELFUSE-V130LA1P_10 Datasheet
833Kb / 13P
   Radial Lead Varistors
logo
AVX Corporation
VE17M02750K AVX-VE17M02750K Datasheet
491Kb / 13P
   Radial lead varistors
logo
Littelfuse
V250LT4P LITTELFUSE-V250LT4P Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com