Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B44066R7412E230 Datasheet(PDF) 4 Page - TDK Electronics

Part # B44066R7412E230
Description  Film Capacitors ??Power Factor Correction
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B44066R7412E230 Datasheet(HTML) 4 Page - TDK Electronics

  B44066R7412E230 Datasheet HTML 1Page - TDK Electronics B44066R7412E230 Datasheet HTML 2Page - TDK Electronics B44066R7412E230 Datasheet HTML 3Page - TDK Electronics B44066R7412E230 Datasheet HTML 4Page - TDK Electronics B44066R7412E230 Datasheet HTML 5Page - TDK Electronics B44066R7412E230 Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Film Capacitors – Power Factor Correction
B44066R7412E230/B44066R7612E230
Dynamic and Hybrid Power Factor Controller
BR7000-I-TH, BR7000-I-TH/S485
CAP FILM P PM PFC
March 2014
Please read Cautions and warnings and
Page 4 of 6
Important notes at the end of this document.
Technical data and specifications
Operating voltage
110 … 230 V AC +/- 15 %, 50 and 60 Hz
Measuring voltage
30 … 440 V AC (L-N); 50 … 760 V AC (L-L); 50/60 Hz
Measuring current
X: 5 A / X: 1 A, selectable
Power consumption
< 5 VA
Sensitivity
50 mA/10 mA
Switching outputs
Relay outputs for capacitor contactors
Transistor outputs for thyristor switches
12
12
Alarm relay
1
Message relay
1 for version -/S485 only
Switching power of relays
Switching power of thyristors
250 V AC, 1000 W
24 V DC, 50 mA
Number of active outputs
Programmable
Operation and display
Display
Illuminated full graphic display 128 x 64 dots
Menu languages
CZ/EN/ES/FR/GER/NL/PL/PT/RU/TR
Freely editable control series
1 via Editor
Control
Control principle
Sequential switching, circle switching, intelligent switching
behavior, 4-quadrant operation
Operation modes
Dynamic or hybrid PF-controller
Target cos-φ
0.1 inductive up to 0.1 capacitive adjustable
Switch on time (dynamic/relay)
20 … 1000 ms / 1 sec … 20 min
Switch off time
20 … 1000 ms / 1 sec … 20 min
Discharge time
20 … 1000 ms / 1 sec … 20 min
Manual operation
Yes
Fixed steps/skip steps
Programmable
Zero voltage release
Standard
Display/display functions
Display of grid parameters
Cos-φ, V, I , f, W, Q, P, S, ΔQ, THD-V, THD-I
Display of harmonics
3
rd to 33rd harmonics of V and I; even harmonics up to 16th
Accuracy
Current/voltage: 1%
Active, apparent and reactive power: 2%
Integrated help function
Context dependent (German/English)


Similar Part No. - B44066R7412E230

ManufacturerPart #DatasheetDescription
logo
EPCOS
B44066R7415E230 EPCOS-B44066R7415E230 Datasheet
390Kb / 7P
   Film capacitors - Power Factor Correction
More results

Similar Description - B44066R7412E230

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32344E4071A540 TDK-B32344E4071A540 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32364 TDK-B32364 Datasheet
272Kb / 9P
   Film Capacitors - Power Factor Correction
B25667C3147A375 TDK-B25667C3147A375 Datasheet
168Kb / 10P
   Film Capacitors ??Power Factor Correction
B32344E4071A580 TDK-B32344E4071A580 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4072A580 TDK-B32344E4072A580 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4102A000 TDK-B32344E4102A000 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B25673A0122A500 TDK-B25673A0122A500 Datasheet
195Kb / 10P
   Film Capacitors - Power Factor Correction
B44066D7075M400 TDK-B44066D7075M400 Datasheet
77Kb / 5P
   Film Capacitors - Power Factor Correction
B25671A5002A520 TDK-B25671A5002A520 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5032A020 TDK-B25671A5032A020 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5127A375 TDK-B25671A5127A375 Datasheet
128Kb / 8P
   Film Capacitors ??Power Factor Correction
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com