Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80C51GB Datasheet(PDF) 11 Page - Intel Corporation

Part # 80C51GB
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C51GB Datasheet(HTML) 11 Page - Intel Corporation

Back Button 80C51GB Datasheet HTML 7Page - Intel Corporation 80C51GB Datasheet HTML 8Page - Intel Corporation 80C51GB Datasheet HTML 9Page - Intel Corporation 80C51GB Datasheet HTML 10Page - Intel Corporation 80C51GB Datasheet HTML 11Page - Intel Corporation 80C51GB Datasheet HTML 12Page - Intel Corporation 80C51GB Datasheet HTML 13Page - Intel Corporation 80C51GB Datasheet HTML 14Page - Intel Corporation 80C51GB Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
8XC51GB
EXPLANATION OF THE AC SYMBOLS
Each timing symbol has 5 characters The first char-
acter is always a ‘‘T’’ (stands for time) The other
characters depending on their positions stand for
the name of a signal or the logical status of that
signal The following is a list of all the characters and
what they stand for
A Address
C Clock
D Input Data
H Logic Level HIGH
I Instruction (Program Memory Contents)
L Logic Level LOW or ALE
P PSEN
Q Output Data
R RD Signal
T Time
V Valid
W WR Signal
X No Longer a Valid Logic Level
Z Float
For Example
TAVLL e Time from Address Valid to ALE Low
TLLPL e Time from ALE Low to PSEN Low
AC SPECIFICATIONS
Over Operating Conditions Load Capacitance on Port 0 ALE and PSEN e 100 pF Load Capacitance on all
other outputs e 80 pF
EXTERNAL PROGRAM AND DATA MEMORY CHARACTERISTICS
Symbol
Parameter
12 MHz Osc
Variable Osc
Units
Min
Max
Min
Max
1TCLCL
Osc Freq
35
16
MHz
TLHLL
ALE Pulse Width
127
2TCLCL b 40
ns
TAVLL
ADDR Valid to ALE Low
43
TCLCL b 40
ns
TLLAX
ADDR Hold after ALE Low
53
TCLCL b 30
ns
TLLIV
ALE Low to Valid Inst IN
234
4TCLCL b 100
ns
TLLPL
ALE LOW to PSEN LOW
53
TCLCL b 30
ns
TPLPH
PSEN Pulse Width
205
3TCLCL b 45
ns
TPLIV
PSEN Low to Valid Instr In
145
3TCLCL b 105
ns
TPXIX
Input Instr Hold after PSEN
00
ns
TPXIZ
Input Instr Float after PSEN
59
TCLCL b 25
ns
TAVIV
ADDR to Valid Instr In
312
5TCLCL b 105
ns
TPLAZ
PSEN Low to ADDR Float
10
10
ns
TRLRH
RD Pulse Width
400
6TCLCL b 100
ns
TWLWH
WR Pulse Width
400
6TCLCL b 100
ns
TRLDV
RD Low to Valid Data In
252
5TCLCL b 165
ns
TRHDX
Data Hold after RD
00
ns
TRHDZ
Data Float after RD
107
2TCLCL b 60
ns
TLLDV
ALE Low to Valid Data In
517
8TCLCL b 150
ns
TAVDV
ADDR to Valid Data In
585
9TCLCL b 165
ns
TLLWL
ALE Low to RD or WR Low
200
300
3TCLCL b 50
3TCLCL a 50
ns
TAVWL
ADDR Valid to RD or WR Low
203
4TCLCL b 130
ns
TQVWX
Data Valid to WR Transition
33
TCLCL b 50
ns
TWHQX
Data Hold after WR
33
TCLCL b 50
ns
TQVWH
Data Valid to WR High
433
7 TCLCL b 150
ns
TRLAZ
RD Low to Addr Float
0
0
ns
TWHLH
RD or WR High to ALE High
43
123
TCLCL b 40
TCLCL a 40
ns
11


Similar Part No. - 80C51GB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
80C51 PHILIPS-80C51 Datasheet
411Kb / 30P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
80C51 PHILIPS-80C51 Datasheet
350Kb / 38P
   80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V, low power, high speed 33 MHz
2000 Jan 20
80C51 PHILIPS-80C51 Datasheet
233Kb / 58P
   Low power single card reader
2003 Oct 30
80C51 PHILIPS-80C51 Datasheet
280Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
80C51 PHILIPS-80C51 Datasheet
19Kb / 1P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
More results

Similar Description - 80C51GB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51R INTEL-8XC51R Datasheet
294Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TD87C54 INTEL-TD87C54 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EN80C321SF88 INTEL-EN80C321SF88 Datasheet
1Mb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M80C51FB INTEL-M80C51FB Datasheet
184Kb / 12P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EE87C51FB1SF76 INTEL-EE87C51FB1SF76 Datasheet
256Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com