Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

83L51FB Datasheet(PDF) 9 Page - Intel Corporation

Part # 83L51FB
Description  LOW VOLTAGE CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

83L51FB Datasheet(HTML) 9 Page - Intel Corporation

Back Button 83L51FB Datasheet HTML 5Page - Intel Corporation 83L51FB Datasheet HTML 6Page - Intel Corporation 83L51FB Datasheet HTML 7Page - Intel Corporation 83L51FB Datasheet HTML 8Page - Intel Corporation 83L51FB Datasheet HTML 9Page - Intel Corporation 83L51FB Datasheet HTML 10Page - Intel Corporation 83L51FB Datasheet HTML 11Page - Intel Corporation 83L51FB Datasheet HTML 12Page - Intel Corporation 83L51FB Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
8XL51FAFBFC
DC CHARACTERISTICS (Over Operating Conditions)
All parameter values apply to all devices unless otherwise indicated (Continued)
Symbol
Parameter
Min
Max
Units
Test Conditions
ITL
Logical 1 to 0
b
350
m
AVIN e 14V
Transition Current
(Ports 1 2 and 3)
RRST
RST Pulldown Resistor
40
225
KX
ICC
Power Supply Current
(Note 3)
Active Mode at 16 MHz
25
mA
Idle Mode at 16 MHz
8
mA
Power-Down Mode
30
m
A
NOTES
1 Capacitive loading on Ports 0 and 2 may cause noise pulses above 04V to be superimposed on the VOLs of ALE and
Ports 1 2 and 3 The noise is due to external bus capacitance discharging into the Port 0 and Port 2 pins when these pins
change from 1 to 0 In applications where capacitance loading exceeds 100 pF the noise pulses on these signals may
exceed 08V It may be desirable to qualify ALE or other signals with a Schmitt Trigger or CMOS-level input logic
2 Capacitive loading on Ports 0 and 2 cause the VOH on ALE and PSEN to drop below the 09 VCC specification when the
address lines are stabilizing
3 See Figures 6 – 9 for test conditions Minimum VCC for power down is 2V
4 Under steady state (non-transient) conditions IOL must be externally limited as follows
Maximum IOL per port pin
10 mA
Maximum IOL per 8-bit port -
Port 0
26 mA
Ports 1 2 and 3
15 mA
Maximum total IOL for all output pins
71 mA
If IOL exceeds the test condition VOL may exceed the related specification Pins are not guaranteed to sink current greater
than the listed test conditions
Running the device with EA at a higher voltage than VCC sinks additional currrent
272356 – 6
ICC Max at other frequencies (35 MHz to 20 MHz) is given by
Active Mode
ICC MAX e 11 c FREQ a 76
Idle Mode
ICC MAX e 04 c FREQ a 18
Where FREQ is in MHz ICC MAX is given in mA
Figure 5 ICC vs Frequency
9


Similar Part No. - 83L51FB

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
83L30 PULSE-83L30 Datasheet
1Mb / 5P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
More results

Similar Description - 83L51FB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XL52 INTEL-8XL52 Datasheet
284Kb / 20P
   LOW VOLTAGE CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
8XC51FX INTEL-8XC51FX Datasheet
259Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
EE87C51FC24 INTEL-EE87C51FC24 Datasheet
393Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
logo
NXP Semiconductors
80CL31 PHILIPS-80CL31 Datasheet
405Kb / 40P
   Low-voltage single-chip 8-bit microcontrollers
1995 January
logo
Intel Corporation
80C52 INTEL-80C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51R INTEL-8XC51R Datasheet
294Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com