Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N87C51GB Datasheet(PDF) 7 Page - Intel Corporation

Part # N87C51GB
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

N87C51GB Datasheet(HTML) 7 Page - Intel Corporation

Back Button N87C51GB Datasheet HTML 3Page - Intel Corporation N87C51GB Datasheet HTML 4Page - Intel Corporation N87C51GB Datasheet HTML 5Page - Intel Corporation N87C51GB Datasheet HTML 6Page - Intel Corporation N87C51GB Datasheet HTML 7Page - Intel Corporation N87C51GB Datasheet HTML 8Page - Intel Corporation N87C51GB Datasheet HTML 9Page - Intel Corporation N87C51GB Datasheet HTML 10Page - Intel Corporation N87C51GB Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
8XC51GB
ONCE MODE
The ONCE (‘‘On-Circuit Emulation’’) Mode facilitates
testing
and
debugging
of
systems
using
the
8XC51GB without removing it from the circuit The
ONCE Mode is invoked by
1) Pulling ALE low while the device is in reset and
PSEN is high
2) Holding ALE low as RESET is deactivated
While the device is in ONCE Mode the Port 0 pins
float and the other port pins and ALE and PSEN are
weakly pulled high The oscillator circuit remains ac-
tive While the 8XC51GB is in this mode an emula-
tor or test CPU can be used to drive the circuit Nor-
mal operation is restored when a normal reset is ap-
plied
Watchdog Timer (WDT)
The 8XC51GB contains a dedicated Watchdog Tim-
er (WDT) to allow recovery from a software or hard-
ware upset The WDT consists of a 14-bit counter
which is cleared on Reset and subsequently incre-
mented every machine cycle While the oscillator is
running the WDT will be incrementing and cannot
be disabled The counter may be reset by writing
1EH and E1H in sequence to the WDTRST Special
Function Register If the counter is not reset before
it reaches 3FFFH (16383D) the chip will be forced
into a reset sequence by the WDT This works out to
1228 ms
16 MHz WDTRST is a write only regis-
ter The WDT does not force the external reset pin
low
While in Idle mode the WDT continues to count If
the user does not wish to exit Idle with a reset then
the processor must be periodically ‘‘woken up’’ to
service the WDT In Power Down mode the WDT
stops counting and holds its current value
Serial Expansion Port (SEP)
The Serial Expansion Port is a half-duplex synchro-
nous serial interface with the following features
Four Clock Frequencies
XTAL12 24 48 96
Four Interface Modes
HighLowFallingRising
Edges
Interrupt Driven
Oscillator Fail Detect (OFD)
The Oscillator Fail Detect circuitry triggers a reset if
the oscillator frequency is lower than the OFD trig-
ger frequency It can be disabled by software by writ-
ing E1H followed by 1EH to the OFDCON register
Before going into Power Down Mode the OFD must
be disabled or it will force the GB out of Power
Down The OFD has the following features
OFD Trigger Frequency Below 20 KHz the
8XC51GB will be held in reset Above 400 KHz
the 8XC51GB will not be held is reset
Functions in Normal and Idle Modes
Reactivated by Reset (or External Interrupt Ze-
roOne Pins) after Software Disable
8XC51GB EXPRESS
The Intel EXPRESS products are designed to meet
the needs of those applications whose operating re-
quirements exceed commercial standards
With the commercial standard temperature range
operational characteristics are guaranteed over the
temperature range of 0 Cto a70 C With the ex-
tended temperature range option operational char-
acteristics are guaranteed over the range of b40 C
to a85 C The 87C51GB EXPRESS is packaged in
the 68-lead PLCC package In order to designate a
part as an EXPRESS part a ‘‘T’’ is added as a prefix
to the part number TN87C51GB denotes an EX-
PRESS part in a PLCC package
All AC and DC parameters in this data sheet apply to
the EXPRESS devices
7


Similar Part No. - N87C51GB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
N87C52 INTEL-N87C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
N87C52-1 INTEL-N87C52-1 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
N87C52-2 INTEL-N87C52-2 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
N87C52-24 INTEL-N87C52-24 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
N87C52-33 INTEL-N87C52-33 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results

Similar Description - N87C51GB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51R INTEL-8XC51R Datasheet
294Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TD87C54 INTEL-TD87C54 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EN80C321SF88 INTEL-EN80C321SF88 Datasheet
1Mb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M80C51FB INTEL-M80C51FB Datasheet
184Kb / 12P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EE87C51FB1SF76 INTEL-EE87C51FB1SF76 Datasheet
256Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com