Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBC-8B Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # CBC-8B
Description  Automotive Circuit Breakers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CBC-8B Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  CBC-8B Datasheet HTML 1Page - Cooper Bussmann, Inc. CBC-8B Datasheet HTML 2Page - Cooper Bussmann, Inc. CBC-8B Datasheet HTML 3Page - Cooper Bussmann, Inc. CBC-8B Datasheet HTML 4Page - Cooper Bussmann, Inc. CBC-8B Datasheet HTML 5Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Automotive Circuit Breakers
For product information and Data Sheets, visit www.cooperbussmann.com
11
December 11, 2008
Consumer Aftermarket Catalog
Part No.
Blister
(Amps)
Pack
CB211-71/2
CB211-10
X
CB211-15
X
CB211-20
X
CB211-25
X
CB211-30
X
Part No. (Amps)
CB212-10
CB212-15
CB212-20
CB212-25
CB212-30
Part No. (Amps)
OEM No.
MMB-15
12135171
MMB-20
12135072
CB211 Type I ATM Footprint Circuit Breaker
CB212 Type II ATM Footprint Circuit Breaker
MMB Type I Wide ATM Footprint Circuit Breaker
For GM Vehicles
Part No.
Description
CB22901-1.5 Transorb voltage spike protector
CB22902-68
Resistor voltage drop device
CB22903-6
Diode reverse current protector
CB22903-6V
Diode reverse current protector with wing key
Cooper Bussmann offers the industry's largest selection of automotive
circuit breakers including both OEM-style and fuse-replacement devices.
Circuit breakers are designed to offer a variety of performance
characteristics including three types of reset.
(NOTE: Always follow the OEM's recommendations when replacing circuit
breakers. Replace only with the same type breaker in aftermarket
applications.)
Type I - Automatic Reset
Circuit breaker automatically resets after opening. If the fault still exists, the
breaker will continue to cycle between ON and OFF positions until the
overload is corrected. These devices are sometimes called "cycling
breakers." Type I/Automatic Reset circuit breakers do not address, or
correct, overcurrent or fault conditions. They only react by cycling OFF and
ON. Any overcurrent or fault condition that causes any Type I circuit breaker
to operate should be corrected as soon as possible. Continual vehicle
operation under an overcurrent or fault condition (causing the Type I circuit
breaker to cycle) is NOT recommended.
Type II - Modified Reset
The circuit breaker will remain tripped (in the OFF position) as long as
there's power to the circuit, due to an internal resistor. Type II breakers can
be reset by turning off the circuit, or by turning off the ignition switch. These
devices are sometimes called "non-cycling breakers." Several Cooper
Bussmann Type II breakers feature silver-colored bodies.
Type III - Manual Reset
The circuit breaker will remain tripped (in the OFF position) until an indicator
button or lever is manually reset. Type III breakers are also available with a
switchable feature, which allows you to use an external button to disable the
circuit. Cooper Bussmann circuit breakers feature our patented fail-safe
technology - offering an innovative element design which combines the
resetable performance of circuit breakers with the short-circuit protection of
a fuse.
• Resetable, to work like a normal "cycling" breaker, in low overload
conditions.
• Under severe overload or short-circuit conditions, the breaker's element
will open to prevent damage to the circuit.
Blade-Type Breakers
Cooper Bussmann blade-type circuit breakers are available in several reset
modes that correspond to SAE categories: SAE Type I (automatic reset), SAE
Type II (modified reset) and SAE Type III (manual reset). All Cooper
Bussmann blade-type circuit breakers utilize carefully designed and
manufactured snap-acting thermal elements with precious metal electrical
contacts.
ATM Footprint Breakers
CB211 and CB212 Cooper Bussmann ATM footprint breakers match the
blade footprint of ATM fuses. Ultra-thin, to fit in tight spaces - they're the
smallest automotive circuit breakers on the market. Cooper Bussmann ATM
footprint breakers comply with SAE standard J553.
Mini Devices
Transorb, resistor and diode vehicle-style electrical protection devices easily
install in common ATM fuse holders. These circuit protection devices provide
voltage and current limiting functionality to
vehicle circuitry; and are designed for the
on- and off-highway requirements of heavy
trucks, RV, construction, agriculture, ATV and
material handling equipment.
• Transorb - Protects against voltage
spikes. Clamp rating: 27Vdc.
Power rating: 1500W
• Resistor - Drops circuit voltage.
Power rating: 5W. Resistance: 68
Ω.
• Diode - Prevents reverse current flow. Amp rating: 6A.


Similar Part No. - CBC-8B

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
CBC-EVAL-05 CYMBET-CBC-EVAL-05 Datasheet
795Kb / 4P
   EnerChip??CC CBC3112 & CBC3150 Evaluation Kit
CBC-EVAL-05 CYMBET-CBC-EVAL-05 Datasheet
674Kb / 7P
   Using the EnerChip CC in Energy Harvesting Designs
CBC-EVAL-05 CYMBET-CBC-EVAL-05 Datasheet
1Mb / 6P
   Using the EnerChip Energy Harvesters with the TI LaunchPad
CBC-EVAL-05B CYMBET-CBC-EVAL-05B Datasheet
1Mb / 12P
   EnerChip CC with Integrated Power Management
CBC-EVAL-05B CYMBET-CBC-EVAL-05B Datasheet
817Kb / 7P
   EnerChip CC Evaluation Kit
More results

Similar Description - CBC-8B

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
R58 NTE-R58 Datasheet
496Kb / 1P
   Circuit Breakers
logo
General Electric Compan...
SFHA36AT0250 GEC-SFHA36AT0250 Datasheet
707Kb / 1P
   Circuit Breakers, Molded Case Circuit Breakers
logo
NTE Electronics
R59 NTE-R59 Datasheet
494Kb / 1P
   Circuit Breakers
logo
ABB
S200 ABB-S200 Datasheet
7Mb / 100P
   Miniature circuit breakers
Rev. A
logo
PHOENIX CONTACT
103943 PHOENIX-103943 Datasheet
157Kb / 5P
   Thermomagnetic circuit breakers
2010-08-18
logo
Tyco Electronics
W67-X2Q12-20 MACOM-W67-X2Q12-20 Datasheet
146Kb / 6P
   Magnetic Hydraulic Circuit Breakers
logo
Siemens Semiconductor G...
5SX2 SIEMENS-5SX2 Datasheet
1Mb / 64P
   Miniature Circuit-Breakers (MCBs)
2.1 2001
logo
Schurter Inc.
TS-710 SCHURTER-TS-710 Datasheet
56Kb / 4P
   CIRCUIT BREAKERS FOR EQUIPMENT
TM12 SCHURTER-TM12 Datasheet
174Kb / 7P
   CIRCUIT BREAKERS FOR EQUIPMENT
logo
List of Unclassifed Man...
RHOCQVD ETC2-RHOCQVD Datasheet
220Kb / 3P
   Molded Case Circuit Breakers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com