Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE8.2 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 1.5KE8.2
Description  Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1.5KE8.2 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  1.5KE8.2 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1.5KE8.2 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1.5KE8.2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1.5KE8.2 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1N6267 thru 1N6303A
1.5KE6.8 thru 1.5KE440CA
Document Number: 1N6267 thru 1N303A, 1.5KE6.8 thru 1.5KE440CA
www.smsemi.com
Feb.29,2012
3
Electrical Characteristics @ 25°C (Unless Otherwise Noted) TABLE1
Note1. Normal selection criterion for TVS devices is by rated stand-off voltage (VWM) and should be equal or greater than dc or
continuous peak operating voltage.
2. For Bi-directional Construction, indicate a C or CA suffix after part number, i.e. 1.5KE400C or 1.5KE400CA. For Bidirectional
types having VWM of 8 volts and under, the ID leakage current is doubled.1N62XX or 1N5908 not available as Bidirectional.
3. For unidirectional, the forward voltage (VF) is 3.5 volts maximum at 100Amps peak for 8.3ms half-sine wave.
4. TVS devices are tested to maximum peak pulse current (IPP) with clamping voltage monitored. This surge capability is one of
the most significant electrical characteristics of the device and should be considered as part of customer quality inspections.
Industry
Type
Number
JEDEC
Type
Number
Breakdown
Voltage
VBR @ IBR
Rated
Stand
Off
Voltage
Maximum
Standby
current
ID @ VWM
Maximum
Peak
Pulse
Current
Maximum
Clamping
Voltage
VC @ IPP
Maximum
Temperature
Coefficient
of V(BR)
MIN
MAX
IBR
(m
A)
VBR(V)
VWM(V)
ID(µA)
IPP (A)
VC(V)
α
v(BR) (%/℃)
1.5KE68
1.5KE68A
1.5KE75
1.5KE75A
1N6291
1N6291A
1N6292
1N6292A
61.2
64.6
67.5
71.3
74.8
71.4
82.5
78.8
1
1
1
1
55.1
58.1
60.7
64.1
1
1
1
1
15.3
16.3
13.9
14.6
98.0
92.0
108.0
103.0
.104
.104
.105
.105
1.5KE82
1.5KE82A
1.5KE91
1.5KE91A
1N6293
1N6293A
1N6294
1N6294A
73.8
77.9
81.9
86.5
90.2
86.1
100.0
95.0
1
1
1
1
66.4
70.1
73.7
77.8
1
1
1
1
12.7
13.3
11.4
12.0
118.0
113.0
131.0
125.0
.105
.105
.106
.106
1.5KE100
1.5KE100A
1.5KE110
1.5KE110A
1N6295
1N6295A
1N6296
1N6296A
90.0
95.0
99.0
105.0
110.0
105.0
121.0
116.0
1
1
1
1
81.0
85.5
89.2
94.0
1
1
1
1
10.4
11.0
9.5
9.9
144.0
137.0
158.0
152.0
.106
.106
.107
.107
1.5KE120
1.5KE120A
1.5KE130
1.5KE130A
1N6297
1N6297A
1N6298
1N6298A
108.0
114.0
117.0
124.0
132.0
126.0
143.0
137.0
1
1
1
1
97.2
102.0
105.0
111.0
1
1
1
1
8.7
9.1
8.0
8.4
173.0
165.0
187.0
179.0
.107
.107
.107
.107
1.5KE150
1.5KE150A
1.5KE160
1.5KE160A
1N6299
1N6299A
1N6300
1N6300A
135.0
143.0
144.0
152.0
165.0
158.0
176.0
168.0
1
1
1
1
121.0
128.0
130.0
136.0
1
1
1
1
7.0
7.2
6.5
6.8
215.0
207.0
230.0
219.0
.108
.108
.108
.108
1.5KE170
1.5KE170A
1.5KE180
1.5KE180A
1N6301
1N6301A
1N6303
1N6303A
153.0
162.0
162.0
171.0
187.0
179.0
198.0
189.0
1
1
1
1
138.0
145.0
146.0
154.0
1
1
1
1
6.2
6.4
5.8
6.1
244.0
234.0
258.0
246.0
.108
.108
.108
.108
1.5KE200
1.5KE200A
1.5KE220
1.5KE220A
-
180.0
190.0
198.0
209.0
220.0
210.0
242.0
231.0
1
1
1
1
162.0
171.0
175.0
185.0
1
1
1
1
5.2
5.5
4.3
4.6
287.0
274.0
344.0
328.0
.108
.108
.110
.110
1.5KE250
1.5KE250A
1.5KE300
1.5KE300A
-
225.0
237.0
270.0
285.0
275.0
263.0
330.0
315.0
1
1
1
1
202.0
214.0
243.0
256.0
1
1
1
1
5.0
5.0
5.0
5.0
360.0
344.0
430.0
414.0
.110
.110
.111
.111
1.5KE350
1.5KE350A
1.5KE400
1.5KE400A
-
315.0
332.0
360.0
380.0
385.0
368.0
440.0
420.0
1
1
1
1
284.0
300.0
324.0
342.0
1
1
1
1
4.0
4.0
4.0
4.0
504.0
482.0
574.0
548.0
.111
.111
.111
.111
1.5KE440
1.5KE440A
-
396.0
418.0
484.0
462.0
1
1
356.0
376.0
1
1
2.4
2.5
631.0
602.0
.111
.111
打印无效


Similar Part No. - 1.5KE8.2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1.5KE8.2 VISHAY-1.5KE8.2 Datasheet
108Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
Transys Electronics
1.5KE8.2 TRSYS-1.5KE8.2 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
1.5KE8.2 NJSEMI-1.5KE8.2 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
DAESAN ELECTRONIC CORP.
1.5KE8.2 DAESAN-1.5KE8.2 Datasheet
801Kb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotec Semiconductor
1.5KE8.2 DIOTEC-1.5KE8.2 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results

Similar Description - 1.5KE8.2

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com