Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3GBJ3508 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 3GBJ3508
Description  Glass Passivated Three Phase Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3GBJ3508 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  3GBJ3508 Datasheet HTML 1Page - List of Unclassifed Manufacturers 3GBJ3508 Datasheet HTML 2Page - List of Unclassifed Manufacturers 3GBJ3508 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3GBJ3508 thru 3GBJ3516
Document Number: 3GBJ3508 thru 3GBJ3516
www.smsemi.com
Oct.20,2014
1
Module Type
TYPE
VRRM
VRSM
3GBJ3508
3GBJ3512
3GBJ3516
800V
1200V
1600V
900V
1300V
1700V
Maximum Ratings and Thermal Characteristics (TA = 25℃ unless otherwise noted)
Symbol
Item
Conditions
Values
Units
I
BBB
DBBB
Average forward current
Tc=100℃
35
A
IFSM
Forward surge current, max.
t=8.3mS Tvj =45℃
400
A
i
2t
Value for fusing
660
A
2s
Visol
Isolation Breakdown Voltage(R.M.S)
a.c.50HZ;r.m.s.;1min
2500
V
Tvj
Operating Junction Temperature
-40 to +150
Tstg
Storage Temperature
-40 to +150
Weight
Approximate Weight
15
g
Mounting Torque
Recommended Torque 0.5N.m
0.8 max.
N.m
Thermal Characteristics
Symbol
Item
Conditions
Values
Units
Rth(j-c)
Thermal Impedance, max.
Junction to case per one bridge
0.7
℃/W
Electrical Characteristics (TA = 25℃ unless otherwise noted)
Glass Passivated Three
Phase Bridge Rectifiers
VRRM 800 to 1600V
ID
35Amp
Features
Glass Passivated Chips
SIP (Single In-line Package) Module
High Surge Capability
Low Forward Voltage Drop
2500V Isolation ratings
Applications
Welding and Plasma Cutting Machines
Battery Chargers
Power Supplies
Motor Controls
Home Appliance
Symbol
Item
Conditions
Values
Units
Min.
Typ.
Max.
VFM
Forward Voltage Drop, max.
T=25℃ IF =17.5A
1.2
V
IRRM
Repetitive Peak Reverse Current, max.
Tvj =25℃ VRD=VRRM
Tvj =150℃ VRD=VRRM
10
5
uA
mA
+
-
Pin1 Pin2 Pin3
Circuit
Pin3
Pin2
Pin1


Similar Part No. - 3GBJ3508

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
3GBJ3508 MCC-3GBJ3508 Datasheet
298Kb / 3P
   35 Amp Bridge Rectifier 800~1600 Volts
More results

Similar Description - 3GBJ3508

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MT5006A ETC2-MT5006A Datasheet
262Kb / 3P
   Glass Passivated Three Phase Bridge Rectifiers
MSDP50 ETC2-MSDP50 Datasheet
124Kb / 3P
   Glass Passivated Three Phase Bridge Rectifiers
MT2506W ETC2-MT2506W Datasheet
177Kb / 3P
   Glass Passivated Three Phase Bridge Rectifiers
MT5006 ETC2-MT5006 Datasheet
180Kb / 3P
   Glass Passivated Three Phase Bridge Rectifiers
MT3506W ETC2-MT3506W Datasheet
374Kb / 3P
   Glass Passivated Three Phase Bridge Rectifiers
MT3506A ETC2-MT3506A Datasheet
217Kb / 3P
   Glass Passivated Three Phase Bridge Rectifiers
MT5006W ETC2-MT5006W Datasheet
399Kb / 3P
   Glass Passivated Three Phase Bridge Rectifiers
MT3506 ETC2-MT3506 Datasheet
206Kb / 3P
   Glass Passivated Three Phase Bridge Rectifiers
logo
CHENG-YI ELECTRONIC CO....
SBR25A CHENG-YI-SBR25A Datasheet
187Kb / 2P
   SILICON / GLASS PASSIVATED THREE PHASE BRIDGE RECTIFIERS
logo
Jiangsu APT Semiconduct...
MD100S18M3 APTSEMI-MD100S18M3 Datasheet
88Kb / 3P
   Glass Passivated Three Phase Rectifier Bridge
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com